データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC1D50A3LE7 データシート(PDF) 1 Page - Schneider Electric

部品番号 LC1D50A3LE7
部品情報  TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 50 A - 208 V AC 60 Hz coil
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SCHNEIDER [Schneider Electric]
ホームページ  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LC1D50A3LE7 データシート(HTML) 1 Page - Schneider Electric

  LC1D50A3LE7 Datasheet HTML 1Page - Schneider Electric LC1D50A3LE7 Datasheet HTML 2Page - Schneider Electric LC1D50A3LE7 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Characteristics
LC1D50A3LE7
TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V
50 A - 208 V AC 60 Hz coil
Product availability : Non-Stock - Not normally stocked in distribution facility
Price* : 246.00 USD
Main
Range
TeSys
Product name
TeSys D
Product or component type
Contactor
Device short name
LC1D
Contactor application
Motor control
Resistive load
Utilisation category
AC-4
AC-1
AC-3
Poles description
3P
Power pole contact composition
3 NO
[Ue] rated operational voltage
Power circuit: <= 690 V AC 25...400 Hz
Power circuit <= 300 V DC
[Ie] rated operational current
50 A 140 °F (60 °C)) <= 440 V AC AC-3 power circuit
80 A (at <60 °C) at <= 440 V AC AC-1 for power circuit
Motor power kW
15 kW 220...230 V AC 50/60 Hz AC-3)
22 kW 380...400 V AC 50/60 Hz AC-3)
30 kW 500 V AC 50/60 Hz AC-3)
33 kW 660...690 V AC 50/60 Hz AC-3)
25 kW 415 V AC 50/60 Hz AC-3)
30 kW 440 V AC 50/60 Hz AC-3)
11 kW 400 V AC 50/60 Hz AC-4)
Motor power HP (UL / CSA)
3 hp 115 V AC 50/60 Hz 1 phase
7.5 hp 230/240 V AC 50/60 Hz 1 phase
15 hp 200/208 V AC 50/60 Hz 3 phase
15 hp 230/240 V AC 50/60 Hz 3 phase
40 hp 460/480 V AC 50/60 Hz 3 phase
40 hp 575/600 V AC 50/60 Hz 3 phase
Control circuit type
AC 60 Hz
[Uc] control circuit voltage
208 V AC 60 Hz
Auxiliary contact composition
1 NO + 1 NC
[Uimp] rated impulse withstand voltage
6 kV conforming to IEC 60947
Overvoltage category
III
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Jan 4, 2021
1


同様の部品番号 - LC1D50A3LE7

メーカー部品番号データシート部品情報
logo
Schneider Electric
LC1D50A3L7 SCHNEIDER-LC1D50A3L7 Datasheet
138Kb / 3P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 50 A - 200 V AC 50/60 Hz coil
More results

同様の説明 - LC1D50A3LE7

メーカー部品番号データシート部品情報
logo
Schneider Electric
LC1D50ALE7 SCHNEIDER-LC1D50ALE7 Datasheet
149Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 50 A - 208 V AC 60 Hz coil
LC1D1156LE7 SCHNEIDER-LC1D1156LE7 Datasheet
127Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 115 A - 208 V AC 50/60 Hz coil
LC1D150LE7 SCHNEIDER-LC1D150LE7 Datasheet
123Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 150 A - 208 V AC 50/60 Hz coil
LC1D115LE7 SCHNEIDER-LC1D115LE7 Datasheet
127Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 115 A - 208 V AC 50/60 Hz coil
LC1D1506LE7 SCHNEIDER-LC1D1506LE7 Datasheet
150Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 150 A - 208 V AC 50/60 Hz coil
LC1D65A3LE7 SCHNEIDER-LC1D65A3LE7 Datasheet
104Kb / 3P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 65 A - 208 V AC 60 Hz coil
LC1D65A6LE7 SCHNEIDER-LC1D65A6LE7 Datasheet
143Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 65 A - 208 V AC 60 Hz coil
LC1D50A3R7 SCHNEIDER-LC1D50A3R7 Datasheet
147Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 50 A - 440 V AC 50/60 Hz coil
LC1D65ALE7 SCHNEIDER-LC1D65ALE7 Datasheet
149Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 65 A - 208 V AC 60 Hz coil
LC1D50A6R7 SCHNEIDER-LC1D50A6R7 Datasheet
144Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 50 A - 440 V AC 50/60 Hz coil
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com