データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC1D50A3S7 データシート(PDF) 2 Page - Schneider Electric

部品番号 LC1D50A3S7
部品情報  TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 50 A - 500 V AC 50/60 Hz coil
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SCHNEIDER [Schneider Electric]
ホームページ  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LC1D50A3S7 データシート(HTML) 2 Page - Schneider Electric

  LC1D50A3S7 Datasheet HTML 1Page - Schneider Electric LC1D50A3S7 Datasheet HTML 2Page - Schneider Electric LC1D50A3S7 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
[Ith] conventional free air thermal
current
10 A 140 °F (60 °C) signalling circuit
80 A (at 60 °C) for power circuit
Irms rated making capacity
140 A AC signalling circuit IEC 60947-5-1
250 A DC signalling circuit IEC 60947-5-1
900 A 440 V power circuit IEC 60947
Rated breaking capacity
900 A 440 V power circuit IEC 60947
[Icw] rated short-time withstand current
400 A 40 °C - 10 s for power circuit
810 A 40 °C - 1 s for power circuit
84 A 40 °C - 10 min for power circuit
208 A 40 °C - 1 min for power circuit
100 A - 1 s signalling circuit
120 A - 500 ms signalling circuit
140 A - 100 ms signalling circuit
Associated fuse rating
10 A gG signalling circuit IEC 60947-5-1
100 A gG <= 690 V type 1 power circuit
100 A gG <= 690 V type 2 power circuit
Average impedance
1.5 mOhm - Ith 80 A 50 Hz for power circuit
[Ui] rated insulation voltage
Power circuit: 600 V CSA certified
Power circuit: 600 V UL certified
Signalling circuit 690 V IEC 60947-1
Signalling circuit 600 V CSA
Signalling circuit 600 V UL
Power circuit 690 V IEC 60947-4-1
Electrical durability
1.45 Mcycles 50 A AC-3 <= 440 V
1.1 Mcycles 80 A AC-1 <= 440 V
Power dissipation per pole
3.7 W AC-3
9.6 W AC-1
Front cover
With
Mounting support
Rail
Plate
Standards
CSA C22.2 No 14
EN 60947-4-1
EN 60947-5-1
IEC 60947-4-1
IEC 60947-5-1
UL 508
Product certifications
RINA
LROS (Lloyds register of shipping)
DNV
GL
CSA
UL
CCC
BV
GOST
Connections - terminals
Control circuit spring terminals 1 0.00 in² (2.5 mm²)flexible without cable end
Control circuit spring terminals 2 0.00 in² (2.5 mm²)flexible without cable end
Power circuit spring clamp terminal 1 0.00…0.05 in² (1…35 mm²)flexible without cable end
Power circuit spring clamp terminal 2 0.00…0.04 in² (1…25 mm²)flexible without cable end
Power circuit spring clamp terminal 1 0.00…0.05 in² (1…35 mm²)flexible with cable end
Power circuit spring clamp terminal 2 0.00…0.04 in² (1…25 mm²)flexible with cable end
Power circuit spring clamp terminal 1 0.00…0.05 in² (1…35 mm²)solid without cable end
Power circuit spring clamp terminal 2 0.00…0.04 in² (1…25 mm²)solid without cable end
Tightening torque
Power circuit: 8 N.m - on EverLink BTR screw connectors - cable 25…35 mm² hexagonal screw head
4 mm
Power circuit 44.25 lbf.in (5 N.m) EverLink BTR screw connectors 0.00…0.04 in² (2.5…25 mm²)
hexagonal 0.16 in (4 mm)
Operating time
4...19 ms opening
12...26 ms closing
Safety reliability level
B10d = 1369863 cycles contactor with nominal load conforming to EN/ISO 13849-1
B10d = 20000000 cycles contactor with mechanical load conforming to EN/ISO 13849-1
Mechanical durability
6 Mcycles
Maximum operating rate
3600 cyc/h 60 °C
Complementary
Coil technology
Without built-in suppressor module
2


同様の部品番号 - LC1D50A3S7

メーカー部品番号データシート部品情報
logo
Schneider Electric
LC1D50A3SD SCHNEIDER-LC1D50A3SD Datasheet
147Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 50 A - 72 V DC standard coil
More results

同様の説明 - LC1D50A3S7

メーカー部品番号データシート部品情報
logo
Schneider Electric
LC1D50A6S7 SCHNEIDER-LC1D50A6S7 Datasheet
134Kb / 3P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 50 A - 500 V AC 50/60 Hz coil
LC1D50A3R7 SCHNEIDER-LC1D50A3R7 Datasheet
147Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 50 A - 440 V AC 50/60 Hz coil
LC1D50A6R7 SCHNEIDER-LC1D50A6R7 Datasheet
144Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 50 A - 440 V AC 50/60 Hz coil
LC1D50AR7 SCHNEIDER-LC1D50AR7 Datasheet
149Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 50 A - 440 V AC 50/60 Hz coil
LC1D65A3S7 SCHNEIDER-LC1D65A3S7 Datasheet
104Kb / 3P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 65 A - 500 V AC 50/60 Hz coil
LC1D40AS7 SCHNEIDER-LC1D40AS7 Datasheet
149Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 40 A - 500 V AC 50/60 Hz coil
LC1D65A6S7 SCHNEIDER-LC1D65A6S7 Datasheet
134Kb / 3P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 65 A - 500 V AC 50/60 Hz coil
LC1D115S7 SCHNEIDER-LC1D115S7 Datasheet
127Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 115 A - 500 V AC 50/60 Hz coil
LC1D50A6FC7 SCHNEIDER-LC1D50A6FC7 Datasheet
144Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 50 A - 127 V AC 50/60 Hz coil
LC1D50ASC7 SCHNEIDER-LC1D50ASC7 Datasheet
149Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 50 A - 575 V AC 50/60 Hz coil
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com