データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC1D50A3S7 データシート(PDF) 3 Page - Schneider Electric

部品番号 LC1D50A3S7
部品情報  TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 50 A - 500 V AC 50/60 Hz coil
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SCHNEIDER [Schneider Electric]
ホームページ  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LC1D50A3S7 データシート(HTML) 3 Page - Schneider Electric

  LC1D50A3S7 Datasheet HTML 1Page - Schneider Electric LC1D50A3S7 Datasheet HTML 2Page - Schneider Electric LC1D50A3S7 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Control circuit voltage limits
0.3...0.6 Uc -40…158 °F (-40…70 °C) drop-out AC 50/60 Hz
0.8...1.1 Uc -40…140 °F (-40…60 °C) operational AC 50 Hz
0.85...1.1 Uc -40…140 °F (-40…60 °C) operational AC 60 Hz
1...1.1 Uc 140…158 °F (60…70 °C) operational AC 50/60 Hz
Inrush power in VA
140 VA 60 Hz cos phi 0.75 (at 20 °C)
160 VA 50 Hz cos phi 0.75 (at 20 °C)
Hold-in power consumption in VA
13 VA 60 Hz cos phi 0.3 (at 20 °C)
15 VA 50 Hz cos phi 0.3 (at 20 °C)
Heat dissipation
4…5 W at 50/60 Hz
Auxiliary contacts type
type mechanically linked 1 NO + 1 NC conforming to IEC 60947-5-1
type mirror contact 1 NC conforming to IEC 60947-4-1
Signalling circuit frequency
25...400 Hz
Minimum switching current
5 mA signalling circuit
Minimum switching voltage
17 V signalling circuit
Non-overlap time
1.5 ms on de-energisation between NC and NO contact
1.5 ms on energisation between NC and NO contact
Insulation resistance
> 10 MOhm signalling circuit
Contact compatibility
M2
Compatibility code
LC1D
Environment
IP degree of protection
IP20 front face IEC 60529
Protective treatment
TH IEC 60068-2-30
Pollution degree
3
Ambient air temperature for operation
-40…140 °F (-40…60 °C)
140…158 °F (60…70 °C) with derating
Ambient air temperature for storage
-76…176 °F (-60…80 °C)
Operating altitude
0...9842.52 ft (0...3000 m)
Fire resistance
850 °C conforming to IEC 60695-2-1
Flame retardance
V1 conforming to UL 94
Mechanical robustness
Vibrations contactor open2 Gn, 5...300 Hz
Vibrations contactor closed4 Gn, 5...300 Hz
Shocks contactor closed15 Gn for 11 ms
Shocks contactor open10 Gn for 11 ms
Height
4.80 in (122 mm)
Width
2.17 in (55 mm)
Depth
4.72 in (120 mm)
Net Weight
1.88 lb(US) (0.855 kg)
Ordering and shipping details
Category
22357 - CTR,TESYS D,OPEN,40-65A AC
Discount Schedule
I12
GTIN
03389118327801
Nbr. of units in pkg.
1
Package weight(Lbs)
1.87 lb(US) (0.85 kg)
Returnability
No
Country of origin
FR
Packing Units
Package 1 Height
0.600 dm
Package 1 width
1.400 dm
Package 1 Length
1.500 dm
Contractual warranty
Warranty
18 months
3


同様の部品番号 - LC1D50A3S7

メーカー部品番号データシート部品情報
logo
Schneider Electric
LC1D50A3SD SCHNEIDER-LC1D50A3SD Datasheet
147Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 50 A - 72 V DC standard coil
More results

同様の説明 - LC1D50A3S7

メーカー部品番号データシート部品情報
logo
Schneider Electric
LC1D50A6S7 SCHNEIDER-LC1D50A6S7 Datasheet
134Kb / 3P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 50 A - 500 V AC 50/60 Hz coil
LC1D50A3R7 SCHNEIDER-LC1D50A3R7 Datasheet
147Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 50 A - 440 V AC 50/60 Hz coil
LC1D50A6R7 SCHNEIDER-LC1D50A6R7 Datasheet
144Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 50 A - 440 V AC 50/60 Hz coil
LC1D50AR7 SCHNEIDER-LC1D50AR7 Datasheet
149Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 50 A - 440 V AC 50/60 Hz coil
LC1D65A3S7 SCHNEIDER-LC1D65A3S7 Datasheet
104Kb / 3P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 65 A - 500 V AC 50/60 Hz coil
LC1D40AS7 SCHNEIDER-LC1D40AS7 Datasheet
149Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 40 A - 500 V AC 50/60 Hz coil
LC1D65A6S7 SCHNEIDER-LC1D65A6S7 Datasheet
134Kb / 3P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 65 A - 500 V AC 50/60 Hz coil
LC1D115S7 SCHNEIDER-LC1D115S7 Datasheet
127Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 115 A - 500 V AC 50/60 Hz coil
LC1D50A6FC7 SCHNEIDER-LC1D50A6FC7 Datasheet
144Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 50 A - 127 V AC 50/60 Hz coil
LC1D50ASC7 SCHNEIDER-LC1D50ASC7 Datasheet
149Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 50 A - 575 V AC 50/60 Hz coil
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com