データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS5231-3 データシート(PDF) 5 Page - ON Semiconductor

部品番号 CS5231-3
部品情報  500 mA, 3.3 V Linear Regulator with Auxiliary Control
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5231-3 データシート(HTML) 5 Page - ON Semiconductor

  CS5231-3 Datasheet HTML 1Page - ON Semiconductor CS5231-3 Datasheet HTML 2Page - ON Semiconductor CS5231-3 Datasheet HTML 3Page - ON Semiconductor CS5231-3 Datasheet HTML 4Page - ON Semiconductor CS5231-3 Datasheet HTML 5Page - ON Semiconductor CS5231-3 Datasheet HTML 6Page - ON Semiconductor CS5231-3 Datasheet HTML 7Page - ON Semiconductor CS5231-3 Datasheet HTML 8Page - ON Semiconductor CS5231-3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CS5231−3
http://onsemi.com
5
Figure 8. Ground Current vs. Load Current
Capacitance ESR (
W)
1000
6.0
0
10
5.0
4.0
3.0
2.0
1.0
100
Figure 9. Region of Stable Operation
Temperature (
°C)
4.4
0
4.0
40
20
4.2
60
Figure 10. AuxDrv Current Limit vs. Junction
Temperature
Load Current (A)
0.0
0.2
2.2
2.0
1.8
1.6
0.4
TJ = 0°C
IGND @ 0°C
2.4
2.6
4.6
4.8
5.0
80
100
120
140
Time, 5.0
ms per division
3.2
10
500
Figure 11. Transient Response
3.3
3.4
TJ = 27°C
IGND @ 27°C
TJ = 125°C
IGND @ 125°C
CIN = 33 mF
COUT = 33 mF
VIN = 5.00 V
Stable Region
TJ = 25°C
7.0
Figure 12. Application Circuit
5.0 V PCI
C1
33
mF
VIN
GND
AuxDrv
VOUT
3.3 V VAUX
C1
33
mF
C3
33
mF
M1
ASIC
VDD
* indicates PFET body diode
CS5231−3


同様の部品番号 - CS5231-3

メーカー部品番号データシート部品情報
logo
Cherry Semiconductor Co...
CS5231-3 CHERRY-CS5231-3 Datasheet
280Kb / 11P
   500mA, 3.3V Linear Regulator with Auxiliary Control
CS5231-3GDP5 CHERRY-CS5231-3GDP5 Datasheet
280Kb / 11P
   500mA, 3.3V Linear Regulator with Auxiliary Control
CS5231-3GDPR5 CHERRY-CS5231-3GDPR5 Datasheet
280Kb / 11P
   500mA, 3.3V Linear Regulator with Auxiliary Control
More results

同様の説明 - CS5231-3

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CS5233-3 ONSEMI-CS5233-3 Datasheet
88Kb / 12P
   500 mA and 1.5 A, 3.3 V Dual Input Linear Regulator with Auxiliary Control
January, 2004 ??Rev. 6
NCP5500 ONSEMI-NCP5500 Datasheet
137Kb / 9P
   500 mA Linear Regulator
June, 2006 ??Rev. 3
logo
Cherry Semiconductor Co...
CS5231-3 CHERRY-CS5231-3 Datasheet
280Kb / 11P
   500mA, 3.3V Linear Regulator with Auxiliary Control
logo
ON Semiconductor
CS9202 ONSEMI-CS9202_06 Datasheet
69Kb / 6P
   Micropower 3.3 V, 100 mA Linear Regulator with NOCAP
June, 2006 ??Rev. 14
CS9202 ONSEMI-CS9202 Datasheet
61Kb / 6P
   Micropower 3.3 V, 100 mA Linear Regulator with NOCAP
May, 2004 ??Rev. 12
logo
Fortune Semiconductor C...
FS8855 FORTUNE-FS8855 Datasheet
824Kb / 14P
   500 mA LDO Linear Regulator
logo
ON Semiconductor
NCV8141 ONSEMI-NCV8141 Datasheet
89Kb / 12P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
August, 2004 ??Rev. 5
NCV8141 ONSEMI-NCV8141_06 Datasheet
116Kb / 14P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
December, 2006 ??Rev. 10
logo
Texas Instruments
TPS74701 TI1-TPS74701_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low-Dropout Linear Regulator
TLV766-Q1 TI-TLV766-Q1 Datasheet
2Mb / 32P
[Old version datasheet]   TLV766-Q1 500-mA, 16-V Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com