データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISO6720-Q1 データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 ISO6720-Q1
部品情報  ISO672x-Q1 General Purpose Reinforced and Basic Dual-Channel Digital Isolators with Robust EMC
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

ISO6720-Q1 データシート(HTML) 1 Page - Texas Instruments

  ISO6720-Q1 Datasheet HTML 1Page - Texas Instruments ISO6720-Q1 Datasheet HTML 2Page - Texas Instruments ISO6720-Q1 Datasheet HTML 3Page - Texas Instruments ISO6720-Q1 Datasheet HTML 4Page - Texas Instruments ISO6720-Q1 Datasheet HTML 5Page - Texas Instruments ISO6720-Q1 Datasheet HTML 6Page - Texas Instruments ISO6720-Q1 Datasheet HTML 7Page - Texas Instruments ISO6720-Q1 Datasheet HTML 8Page - Texas Instruments ISO6720-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
ISO672x-Q1 General Purpose Reinforced and Basic Dual-Channel Digital Isolators
with Robust EMC
1 Features
• 50-Mbps data rate
• Robust isolation barrier:
– High lifetime at 1060 VRMS working voltage
– Up to 5000 VRMS isolation rating
– ±75 kV/μs typical CMTI
• Wide supply range: 1.71 V to 1.89 V and 2.25 V to
5.5 V
• 1.71-V to 5.5-V level translation
• Default output High (ISO672x-Q1) and Low
(ISO672xF-Q1) Options
• 1.8 mA per channel typical at 1 Mbps
• Low propagation delay: 11 ns typical
• AEC-Q100 qualified with the following results:
– Device temperature Grade 1: –40°C to +125°C
ambient operating temperature range
• Meets VDA320 isolation requirements
• Robust electromagnetic compatibility (EMC)
– System-Level ESD, EFT, and surge immunity
– ±8 kV IEC 61000-4-2 contact discharge
protection across isolation barrier
– Low emissions
• Narrow-SOIC (D-8) and Wide-SOIC (DWV-8)
package
• Safety-Related Certifications (pending):
– DIN V VDE 0884-11:2017-01
– UL 1577 component recognition program
– IEC 60950-1, IEC 62368-1, IEC 61010-1, IEC
60601-1 and GB 4943.1-2011 certifications
2 Applications
• Hybrid, electric and power train system (EV/HEV)
– Battery management system (BMS)
– On-board charger
– Traction inverter
– DC/DC converter
– Inverter and motor control
• Power supplies
• Grid, Electricity meter
• Appliances
3 Description
The ISO672x-Q1 devices are high-performance, dual-
channel digital isolators ideal for cost sensitive
applications requiring up to 5000 VRMS (DWV
package) and 3000 VRMS (D package) isolation
ratings per UL 1577. These devices are also certified
by VDE, TUV, CSA, and CQC.
The
ISO672x-Q1
devices
provide
high
electromagnetic immunity and low emissions at low
power consumption, while isolating CMOS or
LVCMOS digital I/Os. Each isolation channel has a
logic input and output buffer separated by TI's double
capacitive silicon dioxide (SiO2) insulation barrier. The
ISO6720-Q1 device has both channels in the same
direction.
ISO6721-Q1
device
has
2
isolation
channels with 1 channel in each direction. In the event
of input power or signal loss, the default output is high
for devices without suffix F and low for devices with
suffix F. See Device Functional Modes section for
further details.
Used in conjunction with isolated power supplies,
these devices help prevent noise currents on data
buses, such as CAN and LIN from damaging sensitive
circuitry. Through innovative chip design and layout
techniques, the electromagnetic compatibility of the
ISO672x-Q1 devices has been significantly enhanced
to ease system-level ESD, EFT, surge, and emissions
compliance.
Device Information
PART NUMBER(1)
PACKAGE
BODY SIZE (NOM)
ISO6721B-Q1, ISO6721B-Q1
D (8)
4.90 mm x 3.91 mm
ISO6720-Q1, ISO6720F-Q1
DWV (8)
5.85 mm x 7.50 mm
ISO6721-Q1, ISO6721F-Q1
(1)
For all available packages, see the orderable addendum at
the end of the datasheet.
OUTx
GNDO
GNDI
VCCO
VCCI
Series Isolation
Capacitors
Copyright © 2016, Texas Instruments Incorporated
INx
VCCI=Input supply, VCCO=Output supply
GNDI=Input ground, GNDO=Output ground
Simplified Schematic
www.ti.com
ISO6720-Q1, ISO6721-Q1
SLLSFF5A – JULY 2020 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: ISO6720-Q1 ISO6721-Q1
ISO6720-Q1, ISO6721-Q1
SLLSFF5A – JULY 2020 – REVISED DECEMBER 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


同様の部品番号 - ISO6720-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
ISO6720-Q1 TI-ISO6720-Q1 Datasheet
2Mb / 51P
[Old version datasheet]   ISO672x-Q1 General Purpose Reinforced and Basic Dual-Channel Digital Isolators with Robust EMC
ISO6720-Q1 TI-ISO6720-Q1 Datasheet
3Mb / 46P
[Old version datasheet]   ISO672x General Purpose Basic Dual-Channel Digital Isolators with Robust EMC
ISO6720-Q1 TI-ISO6720-Q1 Datasheet
4Mb / 54P
[Old version datasheet]   ISO672x-Q1 General Purpose Reinforced and Basic Dual-Channel Digital Isolators with Robust EMC
ISO6720-Q1 TI-ISO6720-Q1 Datasheet
3Mb / 43P
[Old version datasheet]   ISO672x General Purpose Basic Dual-Channel Digital Isolators with Robust EMC
ISO6720-Q1 TI-ISO6720-Q1 Datasheet
3Mb / 49P
[Old version datasheet]   ISO672x General Purpose Basic Dual-Channel Digital Isolators with Robust EMC
REVISED SEPTEMBER 2021
More results

同様の説明 - ISO6720-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
ISO6720-Q1 TI-ISO6720-Q1_V01 Datasheet
2Mb / 51P
[Old version datasheet]   ISO672x-Q1 General Purpose Reinforced and Basic Dual-Channel Digital Isolators with Robust EMC
ISO6720-Q1 TI-ISO6720-Q1_V02 Datasheet
4Mb / 54P
[Old version datasheet]   ISO672x-Q1 General Purpose Reinforced and Basic Dual-Channel Digital Isolators with Robust EMC
ISO6720-Q1 TI-ISO6720-Q1_V03 Datasheet
4Mb / 58P
[Old version datasheet]   ISO672x-Q1 General Purpose Reinforced and Basic Dual-Channel Automotive Digital Isolators with Robust EMC
NOVEMBER 2021
ISO6720 TI-ISO6720 Datasheet
3Mb / 46P
[Old version datasheet]   ISO672x General Purpose Basic Dual-Channel Digital Isolators with Robust EMC
ISO6720 TI-ISO6720_V02 Datasheet
3Mb / 49P
[Old version datasheet]   ISO672x General Purpose Basic Dual-Channel Digital Isolators with Robust EMC
REVISED SEPTEMBER 2021
ISO6721-Q1 TI1-ISO6721-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   ISO672x-Q1 General Purpose Dual-Channel Digital Isolators with Robust EMC
ISO6720 TI-ISO6720_V01 Datasheet
3Mb / 43P
[Old version datasheet]   ISO672x General Purpose Basic Dual-Channel Digital Isolators with Robust EMC
ISO6721 TI1-ISO6721 Datasheet
1Mb / 38P
[Old version datasheet]   ISO672x General Purpose Dual-Channel Digital Isolators with Robust EMC
ISO6763-Q1 TI-ISO6763-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   ISO676x-Q1 General-Purpose Six-Channel Automotive Reinforced Digital Isolators with Robust EMC
SLLSFK2 ??AUGUST 2021
ISO6740-Q1 TI-ISO6740-Q1 Datasheet
3Mb / 46P
[Old version datasheet]   ISO674x-Q1 General-Purpose Reinforced Quad-Channel Automotive Digital Isolators with Robust EMC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com