データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM393LV データシート(PDF) 3 Page - Texas Instruments

部品番号 LM393LV
部品情報  LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM393LV データシート(HTML) 3 Page - Texas Instruments

  LM393LV_V01 Datasheet HTML 1Page - Texas Instruments LM393LV_V01 Datasheet HTML 2Page - Texas Instruments LM393LV_V01 Datasheet HTML 3Page - Texas Instruments LM393LV_V01 Datasheet HTML 4Page - Texas Instruments LM393LV_V01 Datasheet HTML 5Page - Texas Instruments LM393LV_V01 Datasheet HTML 6Page - Texas Instruments LM393LV_V01 Datasheet HTML 7Page - Texas Instruments LM393LV_V01 Datasheet HTML 8Page - Texas Instruments LM393LV_V01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
5 Pin Configuration and Functions
1
2
3
4
8
7
6
5
V+
OUT2
IN2±
IN2+
OUT1
IN1±
IN1+
GND
Figure 5-1. D, DGK, PW, DDF Packages
8-Pin SOIC, VSSOP, TSSOP, SOT-23-8
Top View
1
OUT1
8
V+
2
IN1±
7
OUT2
3
IN1+
6
IN2±
4
GND
5
IN2+
Exposed
Thermal
Die Pad
on
Underside
NOTE: Connect exposed thermal pad directly to GND pin.
Figure 5-2. DSG Package
8-Pad WSON With Exposed Thermal Pad
Top View
5.1 Pin Functions: LM393LV
PIN
I/O
DESCRIPTION
NAME
NO.
OUT1
1
O
Output pin of the comparator 1
IN1–
2
I
Inverting input pin of comparator 1
IN1+
3
I
Noninverting input pin of comparator 1
GND
4
Negative supply
IN2+
5
I
Noninverting input pin of comparator 2
IN2–
6
I
Inverting input pin of comparator 2
OUT2
7
O
Output pin of the comparator 2
V+
8
Positive supply
Thermal Pad
Connect directly to GND pin
www.ti.com
LM393LV, LM339LV
SNOSDA4B – JUNE 2020 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: LM393LV LM339LV


同様の部品番号 - LM393LV_V01

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM393LV TI-LM393LV_V02 Datasheet
2Mb / 43P
[Old version datasheet]   LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
LM393LV TI-LM393LV_V03 Datasheet
3Mb / 53P
[Old version datasheet]   LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
REVISED DECEMBER 2020
LM393LV TI-LM393LV_V04 Datasheet
4Mb / 57P
[Old version datasheet]   LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
DECEMBER 2020
More results

同様の説明 - LM393LV_V01

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM393LV TI-LM393LV_V03 Datasheet
3Mb / 53P
[Old version datasheet]   LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
REVISED DECEMBER 2020
LM393LV TI-LM393LV_V04 Datasheet
4Mb / 57P
[Old version datasheet]   LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
DECEMBER 2020
LM393LV TI-LM393LV Datasheet
2Mb / 39P
[Old version datasheet]   LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
LM393LV TI-LM393LV_V02 Datasheet
2Mb / 43P
[Old version datasheet]   LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
TL331LV TI-TL331LV Datasheet
4Mb / 63P
[Old version datasheet]   TL331LV, TL391LV, LM393LV and LM339LV Low Voltage Rail to Rail Input Comparators
REVISED MARCH 2023
TL331LV TI1-TL331LV_V01 Datasheet
4Mb / 63P
[Old version datasheet]   TL331LV, TL391LV, LM393LV and LM339LV Low Voltage Rail to Rail Input Comparators
REVISED MARCH 2023
TL331LV TI1-TL331LV_V02 Datasheet
4Mb / 66P
[Old version datasheet]   TL331LV, TL391LV, LM393LV and LM339LV Low Voltage Rail to Rail Input Comparators
REVISED NOVEMBER 2023
LM393LV-Q1 TI1-LM393LV-Q1 Datasheet
854Kb / 29P
[Old version datasheet]   LM393LV-Q1 Dual and LM339LV-Q1 Quad Low Voltage Automotive Comparators
LM393LV-Q1 TI-LM393LV-Q1_V03 Datasheet
2Mb / 46P
[Old version datasheet]   LM393LV-Q1 Dual and LM339LV-Q1 Quad Low Voltage, RRI Automotive Comparators
JANUARY 2022
LM393LV-Q1 TI-LM393LV-Q1_V02 Datasheet
2Mb / 44P
[Old version datasheet]   LM393LV-Q1 Dual and LM339LV-Q1 Quad Low Voltage, RRI Automotive Comparators
REVISED JULY 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com