データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM393LV データシート(PDF) 20 Page - Texas Instruments

部品番号 LM393LV
部品情報  LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM393LV データシート(HTML) 20 Page - Texas Instruments

Back Button LM393LV_V01 Datasheet HTML 16Page - Texas Instruments LM393LV_V01 Datasheet HTML 17Page - Texas Instruments LM393LV_V01 Datasheet HTML 18Page - Texas Instruments LM393LV_V01 Datasheet HTML 19Page - Texas Instruments LM393LV_V01 Datasheet HTML 20Page - Texas Instruments LM393LV_V01 Datasheet HTML 21Page - Texas Instruments LM393LV_V01 Datasheet HTML 22Page - Texas Instruments LM393LV_V01 Datasheet HTML 23Page - Texas Instruments LM393LV_V01 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
voltage can influence the propagation delay (tp). The smaller the overdrive voltage, the longer the propagation
delay, particularly when <100mV. If the fastest speeds are desired, it is recommended to apply the highest
amount of overdrive possible.
The risetime (tr) and falltime (tf) is the time from the 20% and 80% points of the output waveform.
8.1.2 Hysteresis
The basic comparator configuration may oscillate or produce a noisy "chatter" output if the applied differential
input voltage is near the comparator's offset voltage. This usually occurs when the input signal is moving very
slowly across the switching threshold of the comparator.
This problem can be prevented by the addition of hysteresis or positive feedback.
The hysteresis transfer curve is shown in Figure 8-2. This curve is a function of three components: VTH, VOS,
and VHYST:
• VTH is the actual set voltage or threshold trip voltage.
• VOS is the internal offset voltage between VIN+ and VIN–. This voltage is added to VTH to form the actual trip
point at which the comparator must respond to change output states.
• VHYST is the hysteresis (or trip window) that is designed to reduce comparator sensitivity to noise.
VTH + VOS ± (VHYST / 2)
VTH + VOS + (VHYST / 2)
VTH + VOS
Figure 8-2. Hysteresis Transfer Curve
For more information, please see Application Note SBOA219 "Comparator with and without hysteresis circuit".
8.1.2.1 Inverting Comparator With Hysteresis
The inverting comparator with hysteresis requires a three-resistor network that is referenced to the comparator
supply voltage (VCC), as shown in Figure 8-3.
R1
1 0Ÿ
+VCC
+5 V
VIN
R3
1 0Ÿ
+
±
R2
1 0Ÿ
VO
VA
RPU
10 NŸ
5 V
0 V
VA2
VA1
VO
1.67 V
3.33 V
VIN
Figure 8-3. Inverting Configuration With Hysteresis
The equivalent resistor networks when the output is high and low are shown in Figure 8-3. Note that RPU should
be considered in series with R3 when the output is high. RPU should be at least 10x less than R3.
LM393LV, LM339LV
SNOSDA4B – JUNE 2020 – REVISED DECEMBER 2020
www.ti.com
20
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: LM393LV LM339LV


同様の部品番号 - LM393LV_V01

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM393LV TI-LM393LV_V02 Datasheet
2Mb / 43P
[Old version datasheet]   LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
LM393LV TI-LM393LV_V03 Datasheet
3Mb / 53P
[Old version datasheet]   LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
REVISED DECEMBER 2020
LM393LV TI-LM393LV_V04 Datasheet
4Mb / 57P
[Old version datasheet]   LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
DECEMBER 2020
More results

同様の説明 - LM393LV_V01

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM393LV TI-LM393LV_V03 Datasheet
3Mb / 53P
[Old version datasheet]   LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
REVISED DECEMBER 2020
LM393LV TI-LM393LV_V04 Datasheet
4Mb / 57P
[Old version datasheet]   LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
DECEMBER 2020
LM393LV TI-LM393LV Datasheet
2Mb / 39P
[Old version datasheet]   LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
LM393LV TI-LM393LV_V02 Datasheet
2Mb / 43P
[Old version datasheet]   LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
TL331LV TI-TL331LV Datasheet
4Mb / 63P
[Old version datasheet]   TL331LV, TL391LV, LM393LV and LM339LV Low Voltage Rail to Rail Input Comparators
REVISED MARCH 2023
TL331LV TI1-TL331LV_V01 Datasheet
4Mb / 63P
[Old version datasheet]   TL331LV, TL391LV, LM393LV and LM339LV Low Voltage Rail to Rail Input Comparators
REVISED MARCH 2023
TL331LV TI1-TL331LV_V02 Datasheet
4Mb / 66P
[Old version datasheet]   TL331LV, TL391LV, LM393LV and LM339LV Low Voltage Rail to Rail Input Comparators
REVISED NOVEMBER 2023
LM393LV-Q1 TI1-LM393LV-Q1 Datasheet
854Kb / 29P
[Old version datasheet]   LM393LV-Q1 Dual and LM339LV-Q1 Quad Low Voltage Automotive Comparators
LM393LV-Q1 TI-LM393LV-Q1_V03 Datasheet
2Mb / 46P
[Old version datasheet]   LM393LV-Q1 Dual and LM339LV-Q1 Quad Low Voltage, RRI Automotive Comparators
JANUARY 2022
LM393LV-Q1 TI-LM393LV-Q1_V02 Datasheet
2Mb / 44P
[Old version datasheet]   LM393LV-Q1 Dual and LM339LV-Q1 Quad Low Voltage, RRI Automotive Comparators
REVISED JULY 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com