データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS5231-3GDFR8 データシート(PDF) 11 Page - ON Semiconductor

部品番号 CS5231-3GDFR8
部品情報  500 mA, 3.3 V Linear Regulator with Auxiliary Control
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5231-3GDFR8 データシート(HTML) 11 Page - ON Semiconductor

Back Button CS5231-3GDFR8 Datasheet HTML 6Page - ON Semiconductor CS5231-3GDFR8 Datasheet HTML 7Page - ON Semiconductor CS5231-3GDFR8 Datasheet HTML 8Page - ON Semiconductor CS5231-3GDFR8 Datasheet HTML 9Page - ON Semiconductor CS5231-3GDFR8 Datasheet HTML 10Page - ON Semiconductor CS5231-3GDFR8 Datasheet HTML 11Page - ON Semiconductor CS5231-3GDFR8 Datasheet HTML 12Page - ON Semiconductor CS5231-3GDFR8 Datasheet HTML 13Page - ON Semiconductor CS5231-3GDFR8 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
CS5231−3
http://onsemi.com
11
PC Board Layout Artwork
The PC Board is a single layer copper design. The layout
artwork is reproduced at actual size below.
Figure 23. Top Copper Layer
Figure 24. Top Silk Screen Layer
2”
1.8”
2”
1.8”
VIN 5.0 V
GND
GND
VOUT 3.3 V
AUX 3.3 V
AUX.DRV
Test Description
The startup and supply transition waveforms shown in
Figures 13 through 19 were obtained using the application
circuit board with a resistive load of 8.8
W. This provides a
DC load of 375 mA when the regulated output voltage is 3.3
V. A standard 2.0 A bench supply was used to provide power
to the application circuit. The transient response waveforms
shown in the Typical Performance Characteristics section
were obtained by switching a 6.3
W resistor across the
output.
Temperature Performance
The graph below shows thermal performance for the
CS5231−3 across the normal operating output current range.
Figure 25. Package Temperature vs. Load
Current (VIN = 5.0 V, TA = 235C)
Load Current (mA)
55
0
50
45
50
40
35
30
25
20
100 150 200 250 300 350 400 450 500
PFET RDS(ON) Performance
The graph provided below show typical RDS(ON)
performance for the PFET. The data is provided as VDS vs
IOUT for different values of VAUX.
Figure 26. PFET VDS vs. IOUT
IOUT (mA)
140
0
100
100
120
80
60
40
20
0
200
300
400
500
160
VAUX = 3.135 V
VAUX = 3.300 V
VAUX = 3.465 V
APPLICATIONS CIRCUIT BILL OF MATERIALS
Ref des
Description
Part Number
Manufacturer
Contact Information
C1, C2
33
mF, 16 V tantalum capacitors
TAJD336K016
AVX Corp
www.avxcorp.com
1−843−448−9411
Q1
p−channel FET transistor
MGSF1P02ELT1
ON Semiconductor
http://onsemi.com
U1
Linear regulator with auxiliary
CS5231−3DPS
ON Semiconductor
http://onsemi.com
T1−T6
Turret pins
40F6023
Newark Electronics
www.newark.com
1−800−463−9275


同様の部品番号 - CS5231-3GDFR8

メーカー部品番号データシート部品情報
logo
Cherry Semiconductor Co...
CS5231-3GDP5 CHERRY-CS5231-3GDP5 Datasheet
280Kb / 11P
   500mA, 3.3V Linear Regulator with Auxiliary Control
CS5231-3GDPR5 CHERRY-CS5231-3GDPR5 Datasheet
280Kb / 11P
   500mA, 3.3V Linear Regulator with Auxiliary Control
More results

同様の説明 - CS5231-3GDFR8

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CS5233-3 ONSEMI-CS5233-3 Datasheet
88Kb / 12P
   500 mA and 1.5 A, 3.3 V Dual Input Linear Regulator with Auxiliary Control
January, 2004 ??Rev. 6
NCP5500 ONSEMI-NCP5500 Datasheet
137Kb / 9P
   500 mA Linear Regulator
June, 2006 ??Rev. 3
logo
Cherry Semiconductor Co...
CS5231-3 CHERRY-CS5231-3 Datasheet
280Kb / 11P
   500mA, 3.3V Linear Regulator with Auxiliary Control
logo
ON Semiconductor
CS9202 ONSEMI-CS9202_06 Datasheet
69Kb / 6P
   Micropower 3.3 V, 100 mA Linear Regulator with NOCAP
June, 2006 ??Rev. 14
CS9202 ONSEMI-CS9202 Datasheet
61Kb / 6P
   Micropower 3.3 V, 100 mA Linear Regulator with NOCAP
May, 2004 ??Rev. 12
logo
Fortune Semiconductor C...
FS8855 FORTUNE-FS8855 Datasheet
824Kb / 14P
   500 mA LDO Linear Regulator
logo
ON Semiconductor
NCV8141 ONSEMI-NCV8141 Datasheet
89Kb / 12P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
August, 2004 ??Rev. 5
NCV8141 ONSEMI-NCV8141_06 Datasheet
116Kb / 14P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
December, 2006 ??Rev. 10
logo
Texas Instruments
TPS74701 TI1-TPS74701_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low-Dropout Linear Regulator
TLV766-Q1 TI-TLV766-Q1 Datasheet
2Mb / 32P
[Old version datasheet]   TLV766-Q1 500-mA, 16-V Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com