データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMR36503 データシート(PDF) 13 Page - Texas Instruments

部品番号 LMR36503
部品情報  LMR36503 3-V to 65-V, 0.3-A Ultra-Small Synchronous Buck Converter with Ultra-Low IQ
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LMR36503 データシート(HTML) 13 Page - Texas Instruments

Back Button LMR36503_V01 Datasheet HTML 9Page - Texas Instruments LMR36503_V01 Datasheet HTML 10Page - Texas Instruments LMR36503_V01 Datasheet HTML 11Page - Texas Instruments LMR36503_V01 Datasheet HTML 12Page - Texas Instruments LMR36503_V01 Datasheet HTML 13Page - Texas Instruments LMR36503_V01 Datasheet HTML 14Page - Texas Instruments LMR36503_V01 Datasheet HTML 15Page - Texas Instruments LMR36503_V01 Datasheet HTML 16Page - Texas Instruments LMR36503_V01 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
8.3 Feature Description
8.3.1 Enable, Start-up, and Shutdown
Voltage at the EN pin controls the start-up or remote shutdown of the LMR36503 family of devices. The part
stays shut down as long as the EN pin voltage is less than VEN-WAKE = 0.4 V. During the shutdown, the input
current drawn by the device typically drops down to 0.5 µA (VIN = 13.5 V). With the voltage at the EN pin greater
than the VEN-WAKE, the device enters the device standby mode, the internal LDO powers up to generate VCC. As
the EN voltage increases further, approaching VEN-VOUT, the device finally starts to switch, entering the start-up
mode, with a soft start. During the device shutdown process, when the EN input voltage measures less than
(VEN-VOUT – VEN-HYST), the regulator stops switching and re-enters the device standby mode. Any further
decrease in the EN pin voltage, below VEN-WAKE, the device is then firmly shut down. The high-voltage compliant
EN input pin can be connected directly to the VIN input pin if remote precision control is not needed. The EN
input pin must not be allowed to float. The various EN threshold parameters and their values are listed in Section
7.5. Figure 8-2 shows the precision enable behavior. Figure 8-3 shows a typical remote EN start-up waveform in
an application. Once EN goes high, after a delay of about 1 ms, the output voltage begins to rise with a soft start
and reaches close to the final value in about 2.67 ms (tss). After a delay of about 2 ms (tPGOOD_ACT), the PGOOD
flag goes high. During start-up, the device is not allowed to enter FPWM mode until the soft-start time has
elapsed. This time is measured from the rising edge of EN. Check Section 9.2.2.8.1 for component selection.
R
ENT
R
ENB
EN
AGND
V
IN
Figure 8-1. VIN UVLO Using the EN pin
www.ti.com
LMR36503
SNVSBB4A – DECEMBER 2019 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LMR36503


同様の部品番号 - LMR36503_V01

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMR36503 TI-LMR36503_V02 Datasheet
2Mb / 54P
[Old version datasheet]   LMR36503 3-V to 65-V, 0.3-A Ultra-Small Synchronous Buck Converter with Ultra-Low IQ
REVISED NOVEMBER 2022
More results

同様の説明 - LMR36503_V01

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMR36503 TI-LMR36503_V02 Datasheet
2Mb / 54P
[Old version datasheet]   LMR36503 3-V to 65-V, 0.3-A Ultra-Small Synchronous Buck Converter with Ultra-Low IQ
REVISED NOVEMBER 2022
LMR36503 TI1-LMR36503 Datasheet
517Kb / 28P
[Old version datasheet]   LMR36503 3 V??5 V, 0.3-A Ultra-Small Synchronous Buck Converter with Ultra-Low IQ
LMR36506 TI-LMR36506_V01 Datasheet
1Mb / 45P
[Old version datasheet]   LMR36506 3-V to 65-V, 0.6-A Ultra-Small Synchronous Buck Converter with 4 關A IQ
LM5165-Q1 TI1-LM5165-Q1_17 Datasheet
1Mb / 47P
[Old version datasheet]   3-V to 65-V Input, 150-mA Synchronous Buck Converter with Ultra-Low IQ
LM5166 TI1-LM5166 Datasheet
3Mb / 53P
[Old version datasheet]   3-V to 65-V Input, 500-mA Synchronous Buck Converter with Ultra-Low IQ
LM5166 TI1-LM5166_17 Datasheet
3Mb / 53P
[Old version datasheet]   3-V to 65-V Input, 500-mA Synchronous Buck Converter with Ultra-Low
LM5165-Q1 TI-LM5165-Q1_V01 Datasheet
2Mb / 52P
[Old version datasheet]   LM5165-Q1 Automotive 3-V to 65-V Input, 150-mA Synchronous Buck Converter With Ultra-Low IQ
REVISED DECEMBER 2022
LMR36506 TI1-LMR36506 Datasheet
521Kb / 28P
[Old version datasheet]   LMR36506 3 V??5 V, 0.6-A Ultra-Small Synchronous Buck Converter with 4 關A IQ
LMR36506-Q1 TI1-LMR36506-Q1 Datasheet
91Kb / 6P
[Old version datasheet]   LMR36506-Q1 3 V - 65 V, 0.6-A Ultra-Small Synchronous Step-Down Converter with 4關A Iq
LM5143 TI-LM5143 Datasheet
4Mb / 70P
[Old version datasheet]   LM5143 3.5-V to 65-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
MARCH 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com