データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OPA2991-Q1 データシート(PDF) 17 Page - Texas Instruments

部品番号 OPA2991-Q1
部品情報  OPAx991-Q1 Automotive, 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

OPA2991-Q1 データシート(HTML) 17 Page - Texas Instruments

Back Button OPA2991-Q1_V01 Datasheet HTML 13Page - Texas Instruments OPA2991-Q1_V01 Datasheet HTML 14Page - Texas Instruments OPA2991-Q1_V01 Datasheet HTML 15Page - Texas Instruments OPA2991-Q1_V01 Datasheet HTML 16Page - Texas Instruments OPA2991-Q1_V01 Datasheet HTML 17Page - Texas Instruments OPA2991-Q1_V01 Datasheet HTML 18Page - Texas Instruments OPA2991-Q1_V01 Datasheet HTML 19Page - Texas Instruments OPA2991-Q1_V01 Datasheet HTML 20Page - Texas Instruments OPA2991-Q1_V01 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
7 Detailed Description
7.1 Overview
The OPAx991-Q1 family (OPA991-Q1, OPA2991-Q1, and OPA4991-Q1) is a new generation of 40-V general
purpose operational amplifiers.
These devices offer excellent DC precision and AC performance, including rail-to-rail input/output, low offset
(±125 µV, typ), low offset drift (±0.3 µV/°C, typ), and 4.5-MHz bandwidth.
Unique features such as differential and common-mode input-voltage range to the supply rail, high output current
(±75 mA) and high slew rate (21 V/µs) make the OPAx991-Q1 a robust, high-performance operational amplifier
for high-voltage automotive applications.
7.2 Functional Block Diagram
+
±
±
+
40-V
Differential
MUX-Friendly
Front End
Slew
Boost
IN+
IN-
OUT
±
+
NCH Input
Stage
PCH Input
Stage
Output
Stage
Shutdown
Circuitry
www.ti.com
OPA2991-Q1, OPA4991-Q1
SBOSA12A – MARCH 2020 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: OPA2991-Q1 OPA4991-Q1


同様の部品番号 - OPA2991-Q1_V01

メーカー部品番号データシート部品情報
logo
Texas Instruments
OPA2991-Q1 TI-OPA2991-Q1_V02 Datasheet
3Mb / 48P
[Old version datasheet]   OPAx991-Q1 Automotive, 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
More results

同様の説明 - OPA2991-Q1_V01

メーカー部品番号データシート部品情報
logo
Texas Instruments
OPA991-Q1 TI-OPA991-Q1_V03 Datasheet
3Mb / 54P
[Old version datasheet]   OPAx991-Q1 Automotive, 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
REVISED SEPTEMBER 2021
OPA991-Q1 TI-OPA991-Q1_V02 Datasheet
3Mb / 54P
[Old version datasheet]   OPAx991-Q1 Automotive, 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
SEPTEMBER 2021
OPA2991-Q1 TI-OPA2991-Q1_V02 Datasheet
3Mb / 48P
[Old version datasheet]   OPAx991-Q1 Automotive, 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA991-Q1 TI-OPA991-Q1 Datasheet
3Mb / 52P
[Old version datasheet]   OPAx991-Q1 Automotive, 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA991-Q1 TI-OPA991-Q1_V01 Datasheet
3Mb / 54P
[Old version datasheet]   OPAx991-Q1 Automotive, 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA991-Q1 TI-OPA991-Q1_V04 Datasheet
3Mb / 55P
[Old version datasheet]   OPAx991-Q1 Automotive, 40-V Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Op Amp
REVISED APRIL 2023
OPA991-Q1 TI-OPA991-Q1_V05 Datasheet
3Mb / 54P
[Old version datasheet]   OPAx991-Q1 Automotive, 40-V Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Op Amp
REVISED JUNE 2023
OPA991-Q1 TI-OPA991-Q1_V06 Datasheet
3Mb / 61P
[Old version datasheet]   OPAx991-Q1 Automotive, 40-V Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Op Amp
REVISED OCTOBER 2023
OPA991 TI1-OPA991_V03 Datasheet
4Mb / 70P
[Old version datasheet]   OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA991 TI-OPA991_V05 Datasheet
5Mb / 75P
[Old version datasheet]   OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com