データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OPA2991-Q1 データシート(PDF) 24 Page - Texas Instruments

部品番号 OPA2991-Q1
部品情報  OPAx991-Q1 Automotive, 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

OPA2991-Q1 データシート(HTML) 24 Page - Texas Instruments

Back Button OPA2991-Q1_V01 Datasheet HTML 20Page - Texas Instruments OPA2991-Q1_V01 Datasheet HTML 21Page - Texas Instruments OPA2991-Q1_V01 Datasheet HTML 22Page - Texas Instruments OPA2991-Q1_V01 Datasheet HTML 23Page - Texas Instruments OPA2991-Q1_V01 Datasheet HTML 24Page - Texas Instruments OPA2991-Q1_V01 Datasheet HTML 25Page - Texas Instruments OPA2991-Q1_V01 Datasheet HTML 26Page - Texas Instruments OPA2991-Q1_V01 Datasheet HTML 27Page - Texas Instruments OPA2991-Q1_V01 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
Power-Supply
ESD Cell
100 Ÿ
100 Ÿ
VSS
VDD
IN±
IN+
+
±
R1
RS
RF
TVS
TVS
RL
VIN
+VS
±VS
OPAx990
ID
+
±
Figure 7-10. Equivalent Internal ESD Circuitry Relative to a Typical Circuit Application
An ESD event is very short in duration and very high voltage (for example; 1 kV, 100 ns), whereas an EOS event
is long duration and lower voltage (for example; 50 V, 100 ms). The ESD diodes are designed for out-of-circuit
ESD protection (that is, during assembly, test, and storage of the device before being soldered to the PCB).
During an ESD event, the ESD signal is passed through the ESD steering diodes to an absorption circuit
(labeled ESD power-supply circuit). The ESD absorption circuit clamps the supplies to a safe level.
Although this behavior is necessary for out-of-circuit protection, excessive current and damage is caused if
activated in-circuit. A transient voltage suppressors (TVS) can be used to prevent against damage caused by
turning on the ESD absorption circuit during an in-circuit ESD event. Using the appropriate current limiting
resistors and TVS diodes allows for the use of device ESD diodes to protect against EOS events.
OPA2991-Q1, OPA4991-Q1
SBOSA12A – MARCH 2020 – REVISED DECEMBER 2020
www.ti.com
24
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: OPA2991-Q1 OPA4991-Q1


同様の部品番号 - OPA2991-Q1_V01

メーカー部品番号データシート部品情報
logo
Texas Instruments
OPA2991-Q1 TI-OPA2991-Q1_V02 Datasheet
3Mb / 48P
[Old version datasheet]   OPAx991-Q1 Automotive, 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
More results

同様の説明 - OPA2991-Q1_V01

メーカー部品番号データシート部品情報
logo
Texas Instruments
OPA991-Q1 TI-OPA991-Q1_V03 Datasheet
3Mb / 54P
[Old version datasheet]   OPAx991-Q1 Automotive, 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
REVISED SEPTEMBER 2021
OPA991-Q1 TI-OPA991-Q1_V02 Datasheet
3Mb / 54P
[Old version datasheet]   OPAx991-Q1 Automotive, 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
SEPTEMBER 2021
OPA2991-Q1 TI-OPA2991-Q1_V02 Datasheet
3Mb / 48P
[Old version datasheet]   OPAx991-Q1 Automotive, 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA991-Q1 TI-OPA991-Q1 Datasheet
3Mb / 52P
[Old version datasheet]   OPAx991-Q1 Automotive, 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA991-Q1 TI-OPA991-Q1_V01 Datasheet
3Mb / 54P
[Old version datasheet]   OPAx991-Q1 Automotive, 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA991-Q1 TI-OPA991-Q1_V04 Datasheet
3Mb / 55P
[Old version datasheet]   OPAx991-Q1 Automotive, 40-V Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Op Amp
REVISED APRIL 2023
OPA991-Q1 TI-OPA991-Q1_V05 Datasheet
3Mb / 54P
[Old version datasheet]   OPAx991-Q1 Automotive, 40-V Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Op Amp
REVISED JUNE 2023
OPA991-Q1 TI-OPA991-Q1_V06 Datasheet
3Mb / 61P
[Old version datasheet]   OPAx991-Q1 Automotive, 40-V Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Op Amp
REVISED OCTOBER 2023
OPA991 TI1-OPA991_V03 Datasheet
4Mb / 70P
[Old version datasheet]   OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA991 TI-OPA991_V05 Datasheet
5Mb / 75P
[Old version datasheet]   OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com