データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FTK07N10S データシート(PDF) 1 Page - First Silicon Co., Ltd

部品番号 FTK07N10S
部品情報  N-Channel Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FS [First Silicon Co., Ltd]
ホームページ  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK07N10S データシート(HTML) 1 Page - First Silicon Co., Ltd

  FTK07N10S Datasheet HTML 1Page - First Silicon Co., Ltd FTK07N10S Datasheet HTML 2Page - First Silicon Co., Ltd FTK07N10S Datasheet HTML 3Page - First Silicon Co., Ltd FTK07N10S Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FTK07N10S
2015. 01. 15
1/4
SEMICONDUCTOR
TECHNICAL DATA
Revision No : 0
SOP-8
N-Channel Power MOSFET
DESCRIPTION
The device uses advanced trench technology and design to provide
excellent RDS(ON) with low gate charge. It can be used in a wide variety of
applications.
FEATURES
Green Device Available
Special process technology for high ESD capability
High density cell design for ultra low RDS(ON)
Fully characterized avalanche voltage and current
APPLICATIONS
DC/DC Primary Side Switch
Telecom/Server
Synchronous Rectification
MAXIMUM RATINGS ( Ta=25℃ unless otherwise noted )
G
1
2
3
4
5
6
7
8
S
S
S
D
D
D
D
MARKING
Q07N10= Device code
Solid dot=Pin1 indicator
Solid dot = Green molding compound device,
if none, the normal device
Front side
YY=Date Code
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
100
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
ID
7
A
Pulsed Drain Current
IDM
28
A
Single Pulsed Avalanche Energy
EAS
(1)
16
mJ
Power Dissipation
PD
1.4
W
Thermal Resistance from Junction to Ambient
RθJA
89
℃/W
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-55 ~+150
Lead Temperature for Soldering Purposes(1/8’’ from case for 10s)
TL
260
(1).EAS condition: VDD=25V,L=0.1mH, RG=25
Ω, Starting TJ = 25°C


同様の部品番号 - FTK07N10S

メーカー部品番号データシート部品情報
logo
First Silicon Co., Ltd
FTK001N60S FS-FTK001N60S Datasheet
989Kb / 5P
   600V N-Channel MOS FETs
FTK0102 FS-FTK0102 Datasheet
566Kb / 6P
   N-Channel Enhancement Mode Power MOSFET
FTK0103M FS-FTK0103M Datasheet
526Kb / 6P
   N-Channel Enhancement Mode Power MOSFET
FTK02P15S FS-FTK02P15S Datasheet
689Kb / 5P
   -150V P-Channel MOSFETs
FTK03N10 FS-FTK03N10 Datasheet
364Kb / 4P
   N-Channel MOSFET
More results

同様の説明 - FTK07N10S

メーカー部品番号データシート部品情報
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com