データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

FTK0906T データシート(PDF) 1 Page - First Silicon Co., Ltd

部品番号. FTK0906T
部品情報  100V N-Channel MOSFETs
ダウンロード  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  FS [First Silicon Co., Ltd]
ホームページ  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK0906T Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTK0906T データシート HTML 1Page - First Silicon Co., Ltd FTK0906T データシート HTML 2Page - First Silicon Co., Ltd FTK0906T データシート HTML 3Page - First Silicon Co., Ltd FTK0906T データシート HTML 4Page - First Silicon Co., Ltd FTK0906T データシート HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
100V N-Channel MOSFETs
These N-Channel enhancement mode power field effect
transistors are using trench DMOS technology. This
advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are
well suited for high efficiency fast switching applications.
General Description
Absolute Maximum Ratings (Tc=25℃ unless otherwise noted)
D
G
S
D
S
SOT-223 Pin Configuration
D
G
2018. 04. 19
1/5
Revision No : 0
SEMICONDUCTOR
TECHNICAL DATA
FTK0906T
BVDSS
RDSON
ID
100V
95
mΩ
6.5A
 100V,6.5A, RDS(ON) =95m
Ω@VGS = 10V
 Improved dv/dt capability
 Fast switching
 100% EAS Guaranteed
 Green Device Available
Features
Applications
 Networking
 Load Switch
 LED applications
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
100
V
VGS
Gate-Sou
rce Voltage
± 20
V
ID
Drain Current – Continuous (TC=25℃)
6.5
A
Drain Current – Continuous (TC=100℃)
4.1
A
IDM
Drain Current – Pulsed1
26
A
PD
Power Dissipation (TC=25℃)
9
W
Power Dissipation – Derate above 25℃
0.072
W/℃
TSTG
Storage Temperature Range
-50 to 150
TJ
Operating Junction Temperature Range
-50 to 150
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction to ambient
---
62
℃/W
RθJC
Thermal Resistance Junction to Case
---
14
℃/W
Thermal Characteristics


Html ページ

1  2  3  4  5 


Datasheet Download

Go To PDF Page


リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn