データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

FTK0906T データシート(PDF) 2 Page - First Silicon Co., Ltd

部品番号. FTK0906T
部品情報  100V N-Channel MOSFETs
ダウンロード  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  FS [First Silicon Co., Ltd]
ホームページ  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK0906T Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK0906T データシート HTML 1Page - First Silicon Co., Ltd FTK0906T データシート HTML 2Page - First Silicon Co., Ltd FTK0906T データシート HTML 3Page - First Silicon Co., Ltd FTK0906T データシート HTML 4Page - First Silicon Co., Ltd FTK0906T データシート HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics (TJ=25℃, unless otherwise noted)
2018. 04. 19
2/5
Revision No : 0
FTK0906T
Off Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
100
---
---
V
BVDSS/△TJ BVDSS Temperature Coefficient
Reference to 25℃ , ID=1mA
---
0.05
---
V/℃
IDSS
Drain-Source Leakage Current
VDS=100V , VGS=0V , TJ=25℃
---
---
1
uA
VDS=80V , VGS=0V , TJ=125℃
---
---
10
uA
IGSS
Gate-Source Leakage Current
VGS=± 20V , VDS=0V
---
---
±
100
nA
On Characteristics
RDS(ON)
Static Drain-Source On-Resistance
VGS=10V , ID=5A
---
80
95
mΩ
VGS=4.5V , ID=3A
---
85
110
mΩ
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =250uA
1.2
1.6
2.5
V
VGS(th)
VGS(th) Temperature Coefficient
---
-5
---
mV/℃
gfs
Forward Transconductance
VDS=10V , ID=3A
---
8.7
---
S
Dynamic and switching Characteristics
Qg
Total Gate Charge2 , 3
VDS=48V , VGS=10V , ID=5A
---
22
44
nC
Qgs
Gate-Source Charge2 , 3
---
3.9
8
Qgd
Gate-Drain Charge2 , 3
---
5.2
10
Td(on)
Turn-On Delay Time2 , 3
VDD=30V , VGS=10V , RG=3.3Ω
ID=1A
---
2.9
6
ns
Tr
Rise Time2 , 3
---
9.5
18
Td(off)
Turn-Off Delay Time2 , 3
---
18.4
35
Tf
Fall Time2 , 3
---
5.3
10
Ciss
Input Capacitance
VDS=50V , VGS=0V , F=1MHz
---
1480
2150
pF
Coss
Output Capacitance
---
480
700
Crss
Reverse Transfer Capacitance
---
35
55
Rg
Gate resistance
VGS=0V, VDS=0V, F=1MHz
---
1.3
2.6
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IS
Continuous Source Current
VG=VD=0V , Force Current
---
---
6.5
A
ISM
Pulsed Source Current
---
---
26
A
VSD
Diode Forward Voltage
VGS=0V , IS=1A , TJ=25℃
---
---
1
V
trr
Reverse Recovery Time2
VGS=30V,IS=1A , dI/dt=100A/µs
TJ=25℃
---
---
---
ns
Qrr
Reverse Recovery Charge2
---
---
---
nC
Note :
1.
Repetitive Rating : Pulsed width limited by maximum junction temperature.
2.
The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%.
3.
Essentially independent of operating temperature.
Drain-Source Diode Characteristics and Maximum Ratings


Html ページ

1  2  3  4  5 


Datasheet Download

Go To PDF Page


リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn