データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

FTK0910S データシート(PDF) 1 Page - First Silicon Co., Ltd

部品番号. FTK0910S
部品情報  100V N-Channel MOS FETs
ダウンロード  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  FS [First Silicon Co., Ltd]
ホームページ  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK0910S Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTK0910S データシート HTML 1Page - First Silicon Co., Ltd FTK0910S データシート HTML 2Page - First Silicon Co., Ltd FTK0910S データシート HTML 3Page - First Silicon Co., Ltd FTK0910S データシート HTML 4Page - First Silicon Co., Ltd FTK0910S データシート HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2017. 05. 10
1/5
SEMICONDUCTOR
TECHNICAL DATA
FTK0910S
Revision No : 0
100V N-Channel MOS FETs
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
100
V
VGS
Gate-Sou
rce Voltage
± 20
V
ID
Drain Current – Continuous (TC=25℃)
2
A
Drain Current – Continuous (TC=100℃)
1.3
A
IDM
Drain Current – Pulsed
1
8
A
PD
Power Dissipation (TC=25℃)
1.56
W
Power Dissipation – Derate above 25℃
0.012
W/℃
TSTG
Storage Temperature Range
-50 to 150
TJ
Operating Junction Temperature Range
-50 to 150
BVDSS
RDSON
ID
100V
200mΩ
2A
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction to ambient
---
80
℃/W
These N-Channel enhancement mode power field effect
transistors are using trench DMOS technology. This
advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are
well suited for high efficiency fast switching applications.
 100V,2A, RDS(ON) =200m
Ω@VGS = 10V
 Improved dv/dt capability
 Fast switching
 100% EAS Guaranteed
General Description
Features
Applications
Absolute Maximum Ratings Tc=25
℃ unless otherwise noted
Thermal Characteristics
 Networking
 Load Switch
 LED applications
SOT23-3S Pin Configuration
D
G
S


Html ページ

1  2  3  4  5 


Datasheet Download

Go To PDF Page


リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn