データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMS320F280049 データシート(PDF) 92 Page - Texas Instruments

部品番号 TMS320F280049
部品情報  TMS320F28004x Microcontrollers
Download  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TMS320F280049 データシート(HTML) 92 Page - Texas Instruments

Back Button TMS320F280049_V02 Datasheet HTML 88Page - Texas Instruments TMS320F280049_V02 Datasheet HTML 89Page - Texas Instruments TMS320F280049_V02 Datasheet HTML 90Page - Texas Instruments TMS320F280049_V02 Datasheet HTML 91Page - Texas Instruments TMS320F280049_V02 Datasheet HTML 92Page - Texas Instruments TMS320F280049_V02 Datasheet HTML 93Page - Texas Instruments TMS320F280049_V02 Datasheet HTML 94Page - Texas Instruments TMS320F280049_V02 Datasheet HTML 95Page - Texas Instruments TMS320F280049_V02 Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 231 page
background image
92
TMS320F280049, TMS320F280049C
TMS320F280048, TMS320F280048C, TMS320F280045
TMS320F280041, TMS320F280041C, TMS320F280040, TMS320F280040C
SPRS945E – JANUARY 2017 – REVISED APRIL 2020
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320F280049 TMS320F280049C TMS320F280048 TMS320F280048C TMS320F280045
TMS320F280041 TMS320F280041C TMS320F280040 TMS320F280040C
Specifications
Copyright © 2017–2020, Texas Instruments Incorporated
Table 5-36 lists the HALT mode timing requirements, Table 5-37 lists the switching characteristics, and
Figure 5-27 shows the timing diagram for HALT mode.
(1)
For applications using X1/X2 for OSCCLK, the user must characterize their specific oscillator start-up time as it is dependent on
circuit/layout external to the device. See Table 5-21 for more information. For applications using INTOSC1 or INTOSC2 for OSCCLK,
see Section 5.9.3.5 for toscst. Oscillator start-up time does not apply to applications using a single-ended crystal on the X1 pin, as it is
powered externally to the device.
Table 5-36. HALT Mode Timing Requirements
MIN
MAX
UNIT
tw(WAKE-GPIO)
Pulse duration, GPIO wake-up signal(1)
toscst + 2tc(OSCCLK)
cycles
tw(WAKE-XRS)
Pulse duration, XRSn wake-up signal(1)
toscst + 8tc(OSCCLK)
cycles
(1)
This value is based on the flash power-up time, which is a function of the SYSCLK frequency, flash wait states (RWAIT), and
FPAC1[PSLEEP]. For more information, see the Flash/OTP and Pump Power Modes and Wakeup section of the TMS320F28004x
Microcontrollers Technical Reference Manual.
Table 5-37. HALT Mode Switching Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
MIN
MAX
UNIT
td(IDLE-XCOS)
Delay time, IDLE instruction executed to XCLKOUT stop
16tc(INTOSC1)
cycles
td(WAKE-HALT)
Delay time, external wake signal end to CPU program
execution resume
cycles
Wake up from flash
Flash module in active state
75tc(OSCCLK)
Wake up from flash
Flash module in sleep state
17500tc(OSCCLK)
(1)
Wake up from RAM
75tc(OSCCLK)


同様の部品番号 - TMS320F280049_V02

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMS320F280049 TI1-TMS320F280049_V01 Datasheet
3Mb / 227P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI-TMS320F280049_V03 Datasheet
6Mb / 230P
[Old version datasheet]   TMS320F28004x Microcontrollers
More results

同様の説明 - TMS320F280049_V02

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMS320F280049 TI-TMS320F280049_V03 Datasheet
6Mb / 230P
[Old version datasheet]   TMS320F28004x Microcontrollers
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com