データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMS320F280049 データシート(PDF) 93 Page - Texas Instruments

部品番号 TMS320F280049
部品情報  TMS320F28004x Microcontrollers
Download  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TMS320F280049 データシート(HTML) 93 Page - Texas Instruments

Back Button TMS320F280049_V02 Datasheet HTML 89Page - Texas Instruments TMS320F280049_V02 Datasheet HTML 90Page - Texas Instruments TMS320F280049_V02 Datasheet HTML 91Page - Texas Instruments TMS320F280049_V02 Datasheet HTML 92Page - Texas Instruments TMS320F280049_V02 Datasheet HTML 93Page - Texas Instruments TMS320F280049_V02 Datasheet HTML 94Page - Texas Instruments TMS320F280049_V02 Datasheet HTML 95Page - Texas Instruments TMS320F280049_V02 Datasheet HTML 96Page - Texas Instruments TMS320F280049_V02 Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 231 page
background image
OSCCLK
XCLKOUT
HALT
HALT
Flushing Pipeline
Device
Status
Normal
Execution
GPIOn
(A)
(C)
(D)(E)
(F)
(B)
(G)
t
d(IDLE-XCOS)
t
w(WAKE-GPIO)
t
d(WAKE-HALT)
Oscillator Start-up Time
93
TMS320F280049, TMS320F280049C
TMS320F280048, TMS320F280048C, TMS320F280045
TMS320F280041, TMS320F280041C, TMS320F280040, TMS320F280040C
www.ti.com
SPRS945E – JANUARY 2017 – REVISED APRIL 2020
Submit Documentation Feedback
Product Folder Links: TMS320F280049 TMS320F280049C TMS320F280048 TMS320F280048C TMS320F280045
TMS320F280041 TMS320F280041C TMS320F280040 TMS320F280040C
Specifications
Copyright © 2017–2020, Texas Instruments Incorporated
A.
IDLE instruction is executed to put the device into HALT mode.
B.
The LPM block responds to the HALT signal, SYSCLK is held for a maximum 16 INTOSC1 clock cycles before being
turned off. This delay enables the CPU pipeline and any other pending operations to flush properly.
C.
Clocks to the peripherals are turned off and the PLL is shut down. If a quartz crystal or ceramic resonator is used as
the clock source, the internal oscillator is shut down as well. The device is now in HALT mode and consumes very
little power. It is possible to keep the zero-pin internal oscillators (INTOSC1 and INTOSC2) and the watchdog alive in
HALT MODE. This is done by writing 1 to CLKSRCCTL1.WDHALTI. After the IDLE instruction is executed, a delay of
five OSCCLK cycles (minimum) is needed before the wake-up signal could be asserted.
D.
When the GPIOn pin (used to bring the device out of HALT) is driven low, the oscillator is turned on and the oscillator
wake-up sequence is initiated. The GPIO pin should be driven high only after the oscillator has stabilized. This
enables the provision of a clean clock signal during the PLL lock sequence. Because the falling edge of the GPIO pin
asynchronously begins the wake-up procedure, care should be taken to maintain a low noise environment before
entering and during HALT mode.
E.
The wake-up signal fed to a GPIO pin to wake up the device must meet the minimum pulse width requirement.
Furthermore, this signal must be free of glitches. If a noisy signal is fed to a GPIO pin, the wake-up behavior of the
device will not be deterministic and the device may not exit low-power mode for subsequent wake-up pulses.
F.
When CLKIN to the core is enabled, the device will respond to the interrupt (if enabled), after some latency. The
HALT mode is now exited.
G.
Normal operation resumes.
H.
The user must relock the PLL upon HALT wakeup to ensure a stable PLL lock.
Figure 5-27. HALT Entry and Exit Timing Diagram


同様の部品番号 - TMS320F280049_V02

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMS320F280049 TI1-TMS320F280049_V01 Datasheet
3Mb / 227P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI-TMS320F280049_V03 Datasheet
6Mb / 230P
[Old version datasheet]   TMS320F28004x Microcontrollers
More results

同様の説明 - TMS320F280049_V02

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMS320F280049 TI-TMS320F280049_V03 Datasheet
6Mb / 230P
[Old version datasheet]   TMS320F28004x Microcontrollers
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com