データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMS320F280049 データシート(PDF) 17 Page - Texas Instruments

部品番号 TMS320F280049
部品情報  TMS320F28004x Microcontrollers
Download  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TMS320F280049 データシート(HTML) 17 Page - Texas Instruments

Back Button TMS320F280049_V02 Datasheet HTML 13Page - Texas Instruments TMS320F280049_V02 Datasheet HTML 14Page - Texas Instruments TMS320F280049_V02 Datasheet HTML 15Page - Texas Instruments TMS320F280049_V02 Datasheet HTML 16Page - Texas Instruments TMS320F280049_V02 Datasheet HTML 17Page - Texas Instruments TMS320F280049_V02 Datasheet HTML 18Page - Texas Instruments TMS320F280049_V02 Datasheet HTML 19Page - Texas Instruments TMS320F280049_V02 Datasheet HTML 20Page - Texas Instruments TMS320F280049_V02 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 231 page
background image
17
TMS320F280049, TMS320F280049C
TMS320F280048, TMS320F280048C, TMS320F280045
TMS320F280041, TMS320F280041C, TMS320F280040, TMS320F280040C
www.ti.com
SPRS945E – JANUARY 2017 – REVISED APRIL 2020
Submit Documentation Feedback
Product Folder Links: TMS320F280049 TMS320F280049C TMS320F280048 TMS320F280048C TMS320F280045
TMS320F280041 TMS320F280041C TMS320F280040 TMS320F280040C
Terminal Configuration and Functions
Copyright © 2017–2020, Texas Instruments Incorporated
Table 4-1. Pin Attributes (continued)
SIGNAL NAME
MUX
POSITION
100
PZ
64
PMQ
64 PM
56
RSH
PIN
TYPE
DESCRIPTION
A8
37
I
ADC-A Input 8
PGA6_OF
O
PGA-6 Output Filter (Optional)
CMP6_HP0
I
CMPSS-6 High Comparator Positive Input 0
CMP6_LP0
I
CMPSS-6 Low Comparator Positive Input 0
AIO229
I
Digital Input-229 on ADC Pin
A9
38
I
ADC-A Input 9
CMP6_HP3
I
CMPSS-6 High Comparator Positive Input 3
CMP6_HN0
I
CMPSS-6 High Comparator Negative Input 0
CMP6_LP3
I
CMPSS-6 Low Comparator Positive Input 3
CMP6_LN0
I
CMPSS-6 Low Comparator Negative Input 0
AIO236
I
Digital Input-236 on ADC Pin
B0
41
I
ADC-B Input 0
CMP7_HP3
I
CMPSS-7 High Comparator Positive Input 3
CMP7_HN0
I
CMPSS-7 High Comparator Negative Input 0
CMP7_LP3
I
CMPSS-7 Low Comparator Positive Input 3
CMP7_LN0
I
CMPSS-7 Low Comparator Negative Input 0
AIO241
I
Digital Input-241 on ADC Pin
B2
7
7
7
6
I
ADC-B Input 2
C6
I
ADC-C Input 6
PGA3_OF
O
PGA-3 Output Filter (Optional)
CMP3_HP0
I
CMPSS-3 High Comparator Positive Input 0
CMP3_LP0
I
CMPSS-3 Low Comparator Positive Input 0
AIO226
I
Digital Input-226 on ADC Pin
B3
8
8
8
7
I
ADC-B Input 3
VDAC
I
Optional external reference voltage for on-chip DACs. There
is a 100-pF capacitor to VSSA on this pin whether used for
ADC input or DAC reference which cannot be disabled. If
this pin is being used as a reference for the on-chip DACs,
place at least a 1-µF capacitor on this pin.
CMP3_HP3
I
CMPSS-3 High Comparator Positive Input 3
CMP3_HN0
I
CMPSS-3 High Comparator Negative Input 0
CMP3_LP3
I
CMPSS-3 Low Comparator Positive Input 3
CMP3_LN0
I
CMPSS-3 Low Comparator Negative Input 0
AIO242
I
Digital Input-242 on ADC Pin
B4
39
24
24
22
I
ADC-B Input 4
C8
I
ADC-C Input 8
PGA4_OF
O
PGA-4 Output Filter (Optional)
CMP4_HP0
I
CMPSS-4 High Comparator Positive Input 0
CMP4_LP0
I
CMPSS-4 Low Comparator Positive Input 0
AIO227
I
Digital Input-227 on ADC Pin
C0
19
12
12
10
I
ADC-C Input 0
CMP1_HP1
I
CMPSS-1 High Comparator Positive Input 1
CMP1_HN1
I
CMPSS-1 High Comparator Negative Input 1
CMP1_LP1
I
CMPSS-1 Low Comparator Positive Input 1
CMP1_LN1
I
CMPSS-1 Low Comparator Negative Input 1
AIO237
I
Digital Input-237 on ADC Pin


同様の部品番号 - TMS320F280049_V02

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMS320F280049 TI1-TMS320F280049_V01 Datasheet
3Mb / 227P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI-TMS320F280049_V03 Datasheet
6Mb / 230P
[Old version datasheet]   TMS320F28004x Microcontrollers
More results

同様の説明 - TMS320F280049_V02

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMS320F280049 TI-TMS320F280049_V03 Datasheet
6Mb / 230P
[Old version datasheet]   TMS320F28004x Microcontrollers
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com