データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMUX7211 データシート(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
部品番号 TMUX7211
部品情報  TMUX721x 44-V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TMUX7211 データシート(HTML) 25 Page - Texas Instruments

Back Button TMUX7211 Datasheet HTML 21Page - Texas Instruments TMUX7211 Datasheet HTML 22Page - Texas Instruments TMUX7211 Datasheet HTML 23Page - Texas Instruments TMUX7211 Datasheet HTML 24Page - Texas Instruments TMUX7211 Datasheet HTML 25Page - Texas Instruments TMUX7211 Datasheet HTML 26Page - Texas Instruments TMUX7211 Datasheet HTML 27Page - Texas Instruments TMUX7211 Datasheet HTML 28Page - Texas Instruments TMUX7211 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
9 Detailed Description
9.1 Overview
The TMUX7211, TMUX7212, and TMUX7213 are 1:1 (SPST), 4-Channel switches. The devices have four
independently selectable single-pole, single-throw switches that are turned-on or turned-off based on the state of
the corresponding select pin.
9.2 Functional Block Diagram
SW
SW
SW
SW
S1
S2
S3
S4
SEL1
SEL2
SEL3
SEL4
D1
D2
D3
D4
VDD
VSS
S1
S2
S3
S4
D1
D2
D3
D4
VDD
VSS
SW
SW
SW
SW
S1
S2
S3
S4
D1
D2
D3
D4
VDD
VSS
SW
SW
SW
SW
SEL1
SEL2
SEL3
SEL4
SEL1
SEL2
SEL3
SEL4
TMUX7211
(SELx = Logic 1)
TMUX7212
(SELx = Logic 1)
TMUX7213
(SELx = Logic 1)
Figure 9-1. TMUX721x Functional Block Diagram
9.3 Feature Description
9.3.1 Bidirectional Operation
The TMUX721x conducts equally well from source (Sx) to drain (Dx) or from drain (Dx) to source (Sx). Each
channel has similar characteristics in both directions and supports both analog and digital signals.
9.3.2 Rail-to-Rail Operation
The valid signal path input and output voltage for TMUX721x ranges from VSS to VDD.
9.3.3 1.8 V Logic Compatible Inputs
The TMUX721x devices have 1.8-V logic compatible control for all logic control inputs. 1.8-V logic level inputs
allows the TMUX721x to interface with processors that have lower logic I/O rails and eliminates the need for an
external translator, which saves both space and BOM cost. For more information on 1.8 V logic implementations
refer to Simplifying Design with 1.8 V logic Muxes and Switches.
9.3.4 Fail-Safe Logic
The TMUX721x supports Fail-Safe Logic on the control input pins (SEL1, SEL2, SEL3, and SEL4) allowing for
operation up to 44 V, regardless of the state of the supply pin. This feature allows voltages on the control pins to
be applied before the supply pin, protecting the device from potential damage. Fail-Safe Logic minimizes system
complexity by removing the need for power supply sequencing on the logic control pins. For example, the Fail-
Safe Logic feature allows the select pins of the TMUX721x to be ramped to 44 V while VDD and VSS = 0 V. The
logic control inputs are protected against positive faults of up to +44 V in powered-off condition, but do not offer
protection against negative overvoltage conditions.
www.ti.com
TMUX7211, TMUX7212, TMUX7213
SCDS416 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: TMUX7211 TMUX7212 TMUX7213


同様の部品番号 - TMUX7211

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMUX7211 TI-TMUX7211 Datasheet
2Mb / 42P
[Old version datasheet]   TMUX721x 44 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
TMUX7211PWR TI-TMUX7211PWR Datasheet
2Mb / 42P
[Old version datasheet]   TMUX721x 44 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
TMUX7211RUMR TI-TMUX7211RUMR Datasheet
2Mb / 42P
[Old version datasheet]   TMUX721x 44 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
TMUX7211 TI-TMUX7211_V01 Datasheet
2Mb / 42P
[Old version datasheet]   TMUX721x 44 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
More results

同様の説明 - TMUX7211

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMUX7211 TI-TMUX7211_V01 Datasheet
2Mb / 42P
[Old version datasheet]   TMUX721x 44 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
TMUX7212-Q1 TI-TMUX7212-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   TMUX7212-Q1 44 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
SEPTEMBER 2021
TMUX7221 TI-TMUX7221 Datasheet
1Mb / 36P
[Old version datasheet]   TMUX722x 44 V, Low-RON, 1:1 (SPST), 2-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
FEBRUARY 2023
TMUX7221 TI-TMUX7221_V01 Datasheet
1Mb / 37P
[Old version datasheet]   TMUX722x 44 V, Low-RON, 1:1 (SPST), 2-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
REVISED SEPTEMBER 2023
TMUX7201 TI-TMUX7201_V01 Datasheet
1Mb / 40P
[Old version datasheet]   TMUX720x 44 V, Low-RON, 1:1 (SPST), 1-Channel Precision Switch With Latch-Up Immunity and 1.8-V Logic
REVISED MARCH 2023
TMUX7201 TI-TMUX7201 Datasheet
1Mb / 39P
[Old version datasheet]   TMUX720x 44 V, Low-RON, 1:1 (SPST), 1-Channel Precision Switch With Latch-Up Immunity and 1.8-V Logic
REVISED MARCH 2023
TMUX7234 TI-TMUX7234_V01 Datasheet
1Mb / 38P
[Old version datasheet]   TMUX7234 44 V, Low Ron, 2:1, 4 Channel Precision Switches with Latch-Up Immunity and 1.8 V Logic
AUGUST 2021
TMUX7234 TI1-TMUX7234_V02 Datasheet
1Mb / 45P
[Old version datasheet]   TMUX7234 44 V, Low Ron, 2:1, 4 Channel Precision Switches with Latch-Up Immunity and 1.8 V Logic
REVISED DECEMBER 2022
TMUX8212 TI-TMUX8212 Datasheet
1Mb / 28P
[Old version datasheet]   TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
OCTOBER 2021
TMUX8212 TI-TMUX8212_V01 Datasheet
1Mb / 32P
[Old version datasheet]   TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com