データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS272C45 データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPS272C45
部品情報  TPS272C45 45-m廓, Dual-Channel Smart High-Side Switch with Diagnostics
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPS272C45 データシート(HTML) 8 Page - Texas Instruments

Back Button TPS272C45 Datasheet HTML 4Page - Texas Instruments TPS272C45 Datasheet HTML 5Page - Texas Instruments TPS272C45 Datasheet HTML 6Page - Texas Instruments TPS272C45 Datasheet HTML 7Page - Texas Instruments TPS272C45 Datasheet HTML 8Page - Texas Instruments TPS272C45 Datasheet HTML 9Page - Texas Instruments TPS272C45 Datasheet HTML 10Page - Texas Instruments TPS272C45 Datasheet HTML 11Page - Texas Instruments TPS272C45 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
7.5 Electrical Characteristics (continued)
VS = 6 V to 36 V, TJ = -40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IQ_VDD_DS
Quiescent current from
VDD supply, Dual Supply
input, both channels
enabled, diagnostics
disabled.
VVS ≤ 36 V, VVDD = 3.3 V, VENx = HI VDIA_EN = 0,
IOUTx = 0
1.7
2.5
mA
IQ_VDD_DS
Quiescent current from
VDD supply, Dual Supply
input, both channels
enabled, diagnostics
disabled.
VVS ≤ 36 V, VVDD = 5 V, VENx = HI VDIA_EN = 0, IOUTx
= 0
1.8
2.6
mA
IQ_VS_DIA_D
S
Quiescent current from
VS supply, Dual Supply
input, both channels
enabled, diagnostics
enabled
VS ≤ 36 V, VVDD = 5 V, VENx = HI VDIA_EN = 0 V,
IOUTx = 0
1.95
2.6
mA
IQ_VS_SS
Quiescent current from
VS supply, Single Supply
input, both channels
enabled, diagnostics
enabled
VVS ≤ 36 V, VVDD = 0 V, VENx = HI VDIA_EN = 0 V,
IOUTx = 0
3.2
mA
RON CHARACTERISTICS
RON
On-resistance
(Includes MOSFET and
package)
6 V ≤ VS ≤ 36 V, IOUT1 =
IOUT2 = 500 mA
TJ = 25°C
45
TJ = 85°C
68
TJ = 125°C
78
On-resistance when
channels are paralleled
(Includes MOSFET and
package)
6 V ≤ VS ≤ 36 V, IOUT1 =
IOUT2 > 500 mA.
VEN1 tied to VEN2, VOUT1
tied to VOUT2
TJ = 25°C
23
27
TJ = 85°C
34
TJ = 125°C
39
CURRENT SENSE CHARACTERISTICS
KSNS
Current sense ratio
IOUTx / ISNS
IOUTX = 1 A
1200
ISNSI
Sense current output
VEN = VDIA_EN = 5 V
IOUT = 4 A
3.3
mA
ISNSI
Current sense accuracy
VEN = VDIA_EN = 5 V
IOUT = 4 A
–3
3
%
ISNSI
Sense current output
VEN = VDIA_EN = 5 V
IOUT = 2 A, 0 A in other
channel
1.66
mA
ISNSI
Shift in sense current
relative to no current in
the other channel
VEN = VDIA_EN = 5 V
IOUT = 2 A, 0 A in other
channel
–4
4
%
ISNSI
Shift in sense current
relative to no current in
the other channel
VEN = VDIA_EN = 5 V
IOUT = 2 A, 1 A in other
channel
-0.8
%
ISNSI
Shift in sense current
relative to no current in
the other channel
VEN = VDIA_EN = 5 V
IOUT = 2 A, 2 A in other
channel
-1.6
%
ISNSI
Shift in sense current
relative to no current in
the other channel
VEN = VDIA_EN = 5 V
IOUT = 2 A, 3 A in other
channel
-2.3
%
ISNSI
Sense current output
VEN = VDIA_EN = 5 V
IOUT = 1 A, 0 A in other
channel
0.833
mA
ISNSI
Current sense accuracy
VEN = VDIA_EN = 5 V
IOUT = 1 A, 0 A in other
channel
–4
4
%
ISNSI
Shift in sense current
relative to no current in
the other channel(3)
VEN = VDIA_EN = 5 V
IOUT = 1 A, 1 A in other
channel
-1.5
%
TPS272C45
SLVSF24 – DECEMBER 2020
www.ti.com
8
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TPS272C45


同様の部品番号 - TPS272C45

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS272C45 TI-TPS272C45 Datasheet
2Mb / 59P
[Old version datasheet]   TPS272C45 45-m廓, Dual-Channel Smart High-Side Switch With Diagnostics
DECEMBER 2021
TPS272C45A TI-TPS272C45A Datasheet
2Mb / 59P
[Old version datasheet]   TPS272C45 45-m廓, Dual-Channel Smart High-Side Switch With Diagnostics
DECEMBER 2021
TPS272C45ARHFR TI-TPS272C45ARHFR Datasheet
2Mb / 59P
[Old version datasheet]   TPS272C45 45-m廓, Dual-Channel Smart High-Side Switch With Diagnostics
DECEMBER 2021
TPS272C45B TI-TPS272C45B Datasheet
2Mb / 59P
[Old version datasheet]   TPS272C45 45-m廓, Dual-Channel Smart High-Side Switch With Diagnostics
DECEMBER 2021
TPS272C45BRHFR TI-TPS272C45BRHFR Datasheet
2Mb / 59P
[Old version datasheet]   TPS272C45 45-m廓, Dual-Channel Smart High-Side Switch With Diagnostics
DECEMBER 2021
More results

同様の説明 - TPS272C45

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS272C45 TI-TPS272C45_V01 Datasheet
2Mb / 59P
[Old version datasheet]   TPS272C45 45-m廓, Dual-Channel Smart High-Side Switch With Diagnostics
DECEMBER 2021
logo
Infineon Technologies A...
ITS4040D-EP-D INFINEON-ITS4040D-EP-D Datasheet
1Mb / 44P
   40 m廓 Dual Channel Smart High-Side Power Switch
Rev. 1.0 2018-06-14
BTT6100-2ERA INFINEON-BTT6100-2ERA Datasheet
1Mb / 47P
   Smart High-Side Power Switch Dual Channel, 100 m廓
Rev.1.00 2019-03-09
BTT6050-2ERA INFINEON-BTT6050-2ERA Datasheet
1Mb / 53P
   Smart High-Side Power Switch Dual Channel, 50 m廓
Rev.1.00 2019-03-09
BTF6070-2ERV INFINEON-BTF6070-2ERV Datasheet
1Mb / 42P
   Smart High-Side Power Switch Dual Channel, 60 m廓
Rev. 1.00 2019-04-25
logo
Texas Instruments
TPS2HB35-Q1 TI1-TPS2HB35-Q1_V01 Datasheet
541Kb / 43P
[Old version datasheet]   40-V, 35-m廓 Dual-Channel Smart High-Side Switch
TPS2HB16-Q1 TI1-TPS2HB16-Q1_19 Datasheet
542Kb / 42P
[Old version datasheet]   40-V, 16-m廓 Dual-Channel Smart High-Side Switch
TPS2HB50-Q1 TI1-TPS2HB50-Q1_19 Datasheet
514Kb / 40P
[Old version datasheet]   40-V, 50-m廓 Dual-Channel Smart High-Side Switch
TPS2HB35-Q1 TI1-TPS2HB35-Q1_19 Datasheet
542Kb / 43P
[Old version datasheet]   40-V, 35-m廓 Dual-Channel Smart High-Side Switch
logo
Infineon Technologies A...
BTT6030-2ERB INFINEON-BTT6030-2ERB Datasheet
1Mb / 55P
   Smart High-Side Power Switch Dual Channel, 32m廓
Rev.1.00 2019-03-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com