データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS272C45 データシート(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPS272C45
部品情報  TPS272C45 45-m廓, Dual-Channel Smart High-Side Switch with Diagnostics
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPS272C45 データシート(HTML) 12 Page - Texas Instruments

Back Button TPS272C45 Datasheet HTML 8Page - Texas Instruments TPS272C45 Datasheet HTML 9Page - Texas Instruments TPS272C45 Datasheet HTML 10Page - Texas Instruments TPS272C45 Datasheet HTML 11Page - Texas Instruments TPS272C45 Datasheet HTML 12Page - Texas Instruments TPS272C45 Datasheet HTML 13Page - Texas Instruments TPS272C45 Datasheet HTML 14Page - Texas Instruments TPS272C45 Datasheet HTML 15Page - Texas Instruments TPS272C45 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
7.6 SNS Timing Characteristics
VS = 6 V to 36 V, TJ = -40°C to +125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SNS TIMING - CURRENT SENSE
tSNSION1
Settling time from rising edge of DIA_EN
50% of VDIA_EN to 95% of settled ISNS
VENx = 5 V, VDIA_EN = 0 V to 5 V
RSNS = 1 kΩ, IL = 2 A
30
µs
tSNSION1
Settling time from rising edge of DIA_EN
50% of VDIA_EN to 95% of settled ISNS
VENx = 5 V, VDIA_EN = 0 V to 5 V
RSNS = 1 kΩ, IL = 100 mA
60
µs
tSNSION2
Settling time from rising edge of EN and
DIA_EN
50% of VDIA_EN VEN to 95% of settled ISNS
VENx = VDIA_EN = 0 V to 5 V
VS = 24 V, RSNS = 1 kΩ, RL = 12 Ω
85
µs
tSNSIOFF1
Settling time from falling edge of DIA_EN
VENx = 5 V, VDIA_EN = 5 V to 0 V
RSNS = 1 kΩ, IL = 2 A
20
µs
tSETTLEH
Settling time from rising edge of load step
VEN1 = 5 V, VDIA_EN = 5 V
RSNS = 1 kΩ, IOUT = 0.8 A to 2 A
20
µs
tSETTLEL
Settling time from falling edge of load step
VENx = 5 V, VDIA_EN = 5 V
RSNS = 1 kΩ, IOUT = 2 A to 0.8 A
20
µs
SNS TIMING - MULTIPLEXER
tMUX
Settling time from current sense on CHx to
CHy
VENx = 5V, VDIA_EN = 5 V
VSEL = 0 V to 5 V
RSNS = 1 kΩ, IOUT1 = 0.2 A, IOUT2 = 2
A
20
µs
7.7 Switching Characteristics
VS = 6 V to 36 V, TJ = -40°C to +125°C (unless otherwise noted)
Parameter
Test Conditions
Min
Typ
Max
Unit
tDR
CH1 and CH2 Turnon delay time
VS = 24 V, RL = 48 Ω 50% of EN to
10% of VOUT
20
30
40
µs
tDF
CH1 and CH2 Turnoff delay time
VS = 24 V, RL = 48 Ω 50% of EN to
90% of VOUT
15
35
55
µs
SR2R
VOUTx rising slew rate
VS = 24 V, 25% to 75% of VOUT,
RL = 48 Ω
0.4
0.6
0.8
V/µs
SR2F
VOUTx falling slew rate
VS = 24 V, 75% to 25% of VOUT,
RL = 48 Ω
0.5
0.9
1.2
V/µs
fmax
Maximum PWM frequency
1
kHz
tON
CH1 and CH2 Turnon time
VS = 24 V, RL = 48 Ω 50% of EN to
90% of VOUT
40
70
µs
tOFF
CH1 and CH2 Turnoff time
VS = 24 V, RL = 48 Ω 50% of EN to
10% of VOUT
35
70
µs
tON - tOFF
CH1 and CH2 Turnon and off
matching
1ms ON time switch enable
pulse VBB = 24 V, RL = 48 Ω
–25
0
25
µs
ΔPWM
CH1 and CH2 PWM accuracy -
average load current
200-µs enable pulse, VS = 24 V, RL =
48 Ω
F = fmax
–12.5
0
12.5
%
ΔPWM
CH1 and CH2 PWM accuracy -
average load current
100-µs enable pulse, VS = 24 V, RL =
48 Ω
F = fmax
–25
0
25
%
tON - tOFF
CH1 Turnon and off timing matching
100-µs enable pulse, VS = 24 V, RL =
48 Ω
F = fmax
–25
0
25
µs
tON - tOFF
CH2 Turnon and off timing matching
100-µs enable pulse, VS = 24 V, RL =
48 Ω
F = fmax
–25
0
25
µs
TPS272C45
SLVSF24 – DECEMBER 2020
www.ti.com
12
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TPS272C45


同様の部品番号 - TPS272C45

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS272C45 TI-TPS272C45 Datasheet
2Mb / 59P
[Old version datasheet]   TPS272C45 45-m廓, Dual-Channel Smart High-Side Switch With Diagnostics
DECEMBER 2021
TPS272C45A TI-TPS272C45A Datasheet
2Mb / 59P
[Old version datasheet]   TPS272C45 45-m廓, Dual-Channel Smart High-Side Switch With Diagnostics
DECEMBER 2021
TPS272C45ARHFR TI-TPS272C45ARHFR Datasheet
2Mb / 59P
[Old version datasheet]   TPS272C45 45-m廓, Dual-Channel Smart High-Side Switch With Diagnostics
DECEMBER 2021
TPS272C45B TI-TPS272C45B Datasheet
2Mb / 59P
[Old version datasheet]   TPS272C45 45-m廓, Dual-Channel Smart High-Side Switch With Diagnostics
DECEMBER 2021
TPS272C45BRHFR TI-TPS272C45BRHFR Datasheet
2Mb / 59P
[Old version datasheet]   TPS272C45 45-m廓, Dual-Channel Smart High-Side Switch With Diagnostics
DECEMBER 2021
More results

同様の説明 - TPS272C45

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS272C45 TI-TPS272C45_V01 Datasheet
2Mb / 59P
[Old version datasheet]   TPS272C45 45-m廓, Dual-Channel Smart High-Side Switch With Diagnostics
DECEMBER 2021
logo
Infineon Technologies A...
ITS4040D-EP-D INFINEON-ITS4040D-EP-D Datasheet
1Mb / 44P
   40 m廓 Dual Channel Smart High-Side Power Switch
Rev. 1.0 2018-06-14
BTT6100-2ERA INFINEON-BTT6100-2ERA Datasheet
1Mb / 47P
   Smart High-Side Power Switch Dual Channel, 100 m廓
Rev.1.00 2019-03-09
BTT6050-2ERA INFINEON-BTT6050-2ERA Datasheet
1Mb / 53P
   Smart High-Side Power Switch Dual Channel, 50 m廓
Rev.1.00 2019-03-09
BTF6070-2ERV INFINEON-BTF6070-2ERV Datasheet
1Mb / 42P
   Smart High-Side Power Switch Dual Channel, 60 m廓
Rev. 1.00 2019-04-25
logo
Texas Instruments
TPS2HB35-Q1 TI1-TPS2HB35-Q1_V01 Datasheet
541Kb / 43P
[Old version datasheet]   40-V, 35-m廓 Dual-Channel Smart High-Side Switch
TPS2HB16-Q1 TI1-TPS2HB16-Q1_19 Datasheet
542Kb / 42P
[Old version datasheet]   40-V, 16-m廓 Dual-Channel Smart High-Side Switch
TPS2HB50-Q1 TI1-TPS2HB50-Q1_19 Datasheet
514Kb / 40P
[Old version datasheet]   40-V, 50-m廓 Dual-Channel Smart High-Side Switch
TPS2HB35-Q1 TI1-TPS2HB35-Q1_19 Datasheet
542Kb / 43P
[Old version datasheet]   40-V, 35-m廓 Dual-Channel Smart High-Side Switch
logo
Infineon Technologies A...
BTT6030-2ERB INFINEON-BTT6030-2ERB Datasheet
1Mb / 55P
   Smart High-Side Power Switch Dual Channel, 32m廓
Rev.1.00 2019-03-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com