データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS272C45 データシート(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPS272C45
部品情報  TPS272C45 45-m廓, Dual-Channel Smart High-Side Switch with Diagnostics
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPS272C45 データシート(HTML) 26 Page - Texas Instruments

Back Button TPS272C45 Datasheet HTML 22Page - Texas Instruments TPS272C45 Datasheet HTML 23Page - Texas Instruments TPS272C45 Datasheet HTML 24Page - Texas Instruments TPS272C45 Datasheet HTML 25Page - Texas Instruments TPS272C45 Datasheet HTML 26Page - Texas Instruments TPS272C45 Datasheet HTML 27Page - Texas Instruments TPS272C45 Datasheet HTML 28Page - Texas Instruments TPS272C45 Datasheet HTML 29Page - Texas Instruments TPS272C45 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
Table 9-3. Device Fault Mux (continued)
INPUTS
OUTPUTS
SEL
CH1 FAULT
CH2 FAULT
SNS
FLT
1
1
1
Corresponds to fault
case(1)
Low
(1)
Table 9-4 describes this behavior
While typically the SNS pin output corresponds to ILOAD, in a fault case the switch turns off and ILOAD goes to
zero so the SNS behavior is modified in a fault case. In the event of a fault cases where SEL is monitoring the
proper channel, the SNS pin will output a voltage level corresponding to the fault type to enable improved
diagnosis as shown in Table 9-4.
By looking at the combination of the ENx condition, FLT , and SNS pins, it is possible to distinguish between fault
states. Each channel has independent fault states, so the table below applies to CH1 when SEL =LO and CH2
when SEL = HI.
Table 9-4. Distinguishing Different Fault Cases
Channel State
Fault Case
SNS
FLT
Enabled
Regulating Current past the initial inrush
delay set by ILIMD resistor
ISNSFH
Low
Short-to-Supply/Open Load
0
High
TJ Over Temperature
ISNSFH
Low
Disabled
Short-to-Supply/Open Load
ISNSFH
Low
TJ Over Temperature
0
High
9.3.4.2.1 Fault Event Diagrams
Note
All timing diagrams assume that the SEL pin is low to measure channel one behavior on the SNS pin.
DIA_EN and SEL pins have no effect on the FLT pin output.
The LATCH, SEL, DIA_EN, and ENx pins are controlled by the user. The timing diagrams represent
possible use-cases.
Figure 9-9 shows the device fault reporting behavior in the event of a fault in Channel 2 (only) with LATCH and
SEL pin set to LO. As shown, the fault signaling is deactivated when EN is toggled (in this case from HI to LO to
HI). The faulted channel can be determined by toggling the EN pin with a short pulse (less than 10-us wide) that
does not affect the output of the channel.
TPS272C45
SLVSF24 – DECEMBER 2020
www.ti.com
26
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TPS272C45


同様の部品番号 - TPS272C45

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS272C45 TI-TPS272C45 Datasheet
2Mb / 59P
[Old version datasheet]   TPS272C45 45-m廓, Dual-Channel Smart High-Side Switch With Diagnostics
DECEMBER 2021
TPS272C45A TI-TPS272C45A Datasheet
2Mb / 59P
[Old version datasheet]   TPS272C45 45-m廓, Dual-Channel Smart High-Side Switch With Diagnostics
DECEMBER 2021
TPS272C45ARHFR TI-TPS272C45ARHFR Datasheet
2Mb / 59P
[Old version datasheet]   TPS272C45 45-m廓, Dual-Channel Smart High-Side Switch With Diagnostics
DECEMBER 2021
TPS272C45B TI-TPS272C45B Datasheet
2Mb / 59P
[Old version datasheet]   TPS272C45 45-m廓, Dual-Channel Smart High-Side Switch With Diagnostics
DECEMBER 2021
TPS272C45BRHFR TI-TPS272C45BRHFR Datasheet
2Mb / 59P
[Old version datasheet]   TPS272C45 45-m廓, Dual-Channel Smart High-Side Switch With Diagnostics
DECEMBER 2021
More results

同様の説明 - TPS272C45

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS272C45 TI-TPS272C45_V01 Datasheet
2Mb / 59P
[Old version datasheet]   TPS272C45 45-m廓, Dual-Channel Smart High-Side Switch With Diagnostics
DECEMBER 2021
logo
Infineon Technologies A...
ITS4040D-EP-D INFINEON-ITS4040D-EP-D Datasheet
1Mb / 44P
   40 m廓 Dual Channel Smart High-Side Power Switch
Rev. 1.0 2018-06-14
BTT6100-2ERA INFINEON-BTT6100-2ERA Datasheet
1Mb / 47P
   Smart High-Side Power Switch Dual Channel, 100 m廓
Rev.1.00 2019-03-09
BTT6050-2ERA INFINEON-BTT6050-2ERA Datasheet
1Mb / 53P
   Smart High-Side Power Switch Dual Channel, 50 m廓
Rev.1.00 2019-03-09
BTF6070-2ERV INFINEON-BTF6070-2ERV Datasheet
1Mb / 42P
   Smart High-Side Power Switch Dual Channel, 60 m廓
Rev. 1.00 2019-04-25
logo
Texas Instruments
TPS2HB35-Q1 TI1-TPS2HB35-Q1_V01 Datasheet
541Kb / 43P
[Old version datasheet]   40-V, 35-m廓 Dual-Channel Smart High-Side Switch
TPS2HB16-Q1 TI1-TPS2HB16-Q1_19 Datasheet
542Kb / 42P
[Old version datasheet]   40-V, 16-m廓 Dual-Channel Smart High-Side Switch
TPS2HB50-Q1 TI1-TPS2HB50-Q1_19 Datasheet
514Kb / 40P
[Old version datasheet]   40-V, 50-m廓 Dual-Channel Smart High-Side Switch
TPS2HB35-Q1 TI1-TPS2HB35-Q1_19 Datasheet
542Kb / 43P
[Old version datasheet]   40-V, 35-m廓 Dual-Channel Smart High-Side Switch
logo
Infineon Technologies A...
BTT6030-2ERB INFINEON-BTT6030-2ERB Datasheet
1Mb / 55P
   Smart High-Side Power Switch Dual Channel, 32m廓
Rev.1.00 2019-03-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com