データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ARRAYC データシート(PDF) 28 Page - ON Semiconductor

部品番号 ARRAYC
部品情報  Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ARRAYC データシート(HTML) 28 Page - ON Semiconductor

Back Button ARRAYC Datasheet HTML 21Page - ON Semiconductor ARRAYC Datasheet HTML 22Page - ON Semiconductor ARRAYC Datasheet HTML 23Page - ON Semiconductor ARRAYC Datasheet HTML 24Page - ON Semiconductor ARRAYC Datasheet HTML 25Page - ON Semiconductor ARRAYC Datasheet HTML 26Page - ON Semiconductor ARRAYC Datasheet HTML 27Page - ON Semiconductor ARRAYC Datasheet HTML 28Page - ON Semiconductor ARRAYC Datasheet HTML 29Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
ArrayC Series
www.onsemi.com
28
APPENDIX C - EXAMPLE OF USING THE SUMMED BREAKOUT BOARD
The Figure 15 shows the ARRAYX-BOB6-64S set up for readout of all of the pixels summed together.
Figure 15. Example of an ARRAYC-60035-64P connected to an ARRAYX-BOB6-64S for the summed
readout of all of the pixels (left), with simplified readout schematic (right).
−ve bias
0 V
50 W
10 nF
SMA 1 is used for supplying Vbias and SMA2 for reading
out the summed standard output from all pixels in the
ARRAYC-60035-64P.
To bias the array, the inner (“I”) of SMA1 is connected to
the SM (summed anode) pin on the same header, via a load
resistor of 50
W. The cathode is also common to all pixels and
is connected via a “CM” pin to the outer (“O”) of SMA1.
Vbias is then applied to SMA1, which for an ArrayC has a
negative polarity with respect to the common.
To access the summed standard output, the second SM
header pin is then connected to the inner (“I”) of SMA2 via
a decoupling capacitor of 10 nF. The outer (“O”) of SMA2
is again connected to the common cathode (“CM”). The
summed signal is then available from SMA2.


同様の部品番号 - ARRAYC

メーカー部品番号データシート部品情報
logo
ON Semiconductor
ARRAYJ ONSEMI-ARRAYJ Datasheet
5Mb / 32P
   Silicon Photomultiplier (SiPM) High Fill-Factor Arrays
January, 2019 ??Rev. 6
ARRAYJ-300XX-16P-PCB ONSEMI-ARRAYJ-300XX-16P-PCB Datasheet
5Mb / 32P
   Silicon Photomultiplier (SiPM) High Fill-Factor Arrays
January, 2019 ??Rev. 6
ARRAYJ-300XX-64P-PCB ONSEMI-ARRAYJ-300XX-64P-PCB Datasheet
5Mb / 32P
   Silicon Photomultiplier (SiPM) High Fill-Factor Arrays
January, 2019 ??Rev. 6
ARRAYJ-60035-4P-BGA ONSEMI-ARRAYJ-60035-4P-BGA Datasheet
5Mb / 32P
   Silicon Photomultiplier (SiPM) High Fill-Factor Arrays
January, 2019 ??Rev. 6
ARRAYJ-60035-4P-PCB ONSEMI-ARRAYJ-60035-4P-PCB Datasheet
5Mb / 32P
   Silicon Photomultiplier (SiPM) High Fill-Factor Arrays
January, 2019 ??Rev. 6
More results

同様の説明 - ARRAYC

メーカー部品番号データシート部品情報
logo
ON Semiconductor
ARRAYJ ONSEMI-ARRAYJ Datasheet
5Mb / 32P
   Silicon Photomultiplier (SiPM) High Fill-Factor Arrays
January, 2019 ??Rev. 6
MICRORD ONSEMI-MICRORD Datasheet
1Mb / 9P
   NIR-Enhanced, Single Pixel Silicon Photomultiplier (SiPM)
May, 2020 ??Rev. P2
MICROC ONSEMI-MICROC Datasheet
1Mb / 16P
   Silicon Photomultipliers (SiPM), Low-Noise, Blue-Sensitive
November, 2018 ??Rev. 6
MICRORB ONSEMI-MICRORB Datasheet
1Mb / 11P
   Silicon Photomultipliers (SiPM), Red-Enhanced Second Generation
May, 2019 ??Rev. 5
logo
Semikron International
DAN803 SEMIKRON-DAN803 Datasheet
157Kb / 2P
   Silicon rectifiers arrays
logo
Littelfuse
SP3003-02XTG LITTELFUSE-SP3003-02XTG Datasheet
105Kb / 1P
   Silicon Protection Arrays
logo
Semikron International
DAN801 SEMIKRON-DAN801_06 Datasheet
165Kb / 2P
   Silicon rectifiers arrays
logo
Littelfuse
SP1001-02JTG LITTELFUSE-SP1001-02JTG Datasheet
193Kb / 7P
   Silicon Protection Arrays
SP0502BAJTG LITTELFUSE-SP0502BAJTG Datasheet
104Kb / 1P
   Silicon Protection Arrays
logo
Semikron International
DA811AK SEMIKRON-DA811AK Datasheet
180Kb / 2P
   Silicon rectifiers arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com