データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS22950 データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPS22950
部品情報  TPS22950 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPS22950 データシート(HTML) 9 Page - Texas Instruments

Back Button TPS22950 Datasheet HTML 5Page - Texas Instruments TPS22950 Datasheet HTML 6Page - Texas Instruments TPS22950 Datasheet HTML 7Page - Texas Instruments TPS22950 Datasheet HTML 8Page - Texas Instruments TPS22950 Datasheet HTML 9Page - Texas Instruments TPS22950 Datasheet HTML 10Page - Texas Instruments TPS22950 Datasheet HTML 11Page - Texas Instruments TPS22950 Datasheet HTML 12Page - Texas Instruments TPS22950 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
7 Parameter Measurement Information
t
ON
V
ON
V
OUT
V
IH
10%
90%
90%
10%
t
FALL
t
DELAY
t
RISE
t
OFF
V
IL
Figure 7-1. Timing Waveform
www.ti.com
TPS22950
SLVSFJ2 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TPS22950


同様の部品番号 - TPS22950

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS22950 TI-TPS22950 Datasheet
1Mb / 26P
[Old version datasheet]   TPS22950 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch
DECEMBER 2020
TPS22950 TI-TPS22950 Datasheet
1Mb / 29P
[Old version datasheet]   TPS22950x 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch
JUNE 2022
TPS22950 TI-TPS22950 Datasheet
1Mb / 25P
[Old version datasheet]   TPS22950-Q1 5-V, 2.7-A, 34-mΩ Automotive Load Switch With Adjustable Current Limit
SEPTEMBER 2022
TPS22950 TI-TPS22950 Datasheet
914Kb / 25P
[Old version datasheet]   TPS22950-Q1 5-V, 2.7-A, 34-mΩ Automotive Load Switch With Adjustable Current Limit
REVISED DECEMBER 2022
TPS22950 TI-TPS22950 Datasheet
1Mb / 28P
[Old version datasheet]   TPS22950x 5.5-V, 3.2-A, 34-mΩ Adjustable Current Limited Load Switch
REVISED FEBRUARY 2023
More results

同様の説明 - TPS22950

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS22950 TI-TPS22950_V01 Datasheet
1Mb / 26P
[Old version datasheet]   TPS22950 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch
DECEMBER 2020
TPS22950 TI-TPS22950_V02 Datasheet
1Mb / 29P
[Old version datasheet]   TPS22950x 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch
JUNE 2022
TPS22950 TI-TPS22950_V03 Datasheet
1Mb / 28P
[Old version datasheet]   TPS22950x 5.5-V, 3.2-A, 34-mΩ Adjustable Current Limited Load Switch
REVISED FEBRUARY 2023
TPS22950-Q1 TI-TPS22950-Q1_V01 Datasheet
914Kb / 25P
[Old version datasheet]   TPS22950-Q1 5-V, 2.7-A, 34-mΩ Automotive Load Switch With Adjustable Current Limit
REVISED DECEMBER 2022
TPS22950-Q1 TI-TPS22950-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   TPS22950-Q1 5-V, 2.7-A, 34-mΩ Automotive Load Switch With Adjustable Current Limit
SEPTEMBER 2022
TPS22958 TI1-TPS22958 Datasheet
1Mb / 36P
[Old version datasheet]   5.5-V, 4-A / 6-A, 14-m廓 Load Switch with Adjustable Rise Time
TPS22811 TI-TPS22811 Datasheet
3Mb / 42P
[Old version datasheet]   TPS22811x 2.7 V??6 V, 10-A, 6-m廓 Load Switch with Adjustable Overvoltage Protection and Current Monitoring
APRIL 2022
TPS22969 TI1-TPS22969 Datasheet
1Mb / 29P
[Old version datasheet]   5.5-V, 6-A, 4.4-m廓 On-Resistance Load Switch
TPS22990 TI1-TPS22990 Datasheet
4Mb / 34P
[Old version datasheet]   5.5-V, 10-A, 3.9-m廓 On-Resistance Load Switch
TPS22951 TI-TPS22951 Datasheet
478Kb / 13P
[Old version datasheet]   CURRENT-LIMITED 1-廓 SMART-LOAD SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com