データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS25814 データシート(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPS25814
部品情報  TPS25814 USB Type-C짰 Controller with Integrated Source Power Switch
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPS25814 データシート(HTML) 23 Page - Texas Instruments

Back Button TPS25814 Datasheet HTML 19Page - Texas Instruments TPS25814 Datasheet HTML 20Page - Texas Instruments TPS25814 Datasheet HTML 21Page - Texas Instruments TPS25814 Datasheet HTML 22Page - Texas Instruments TPS25814 Datasheet HTML 23Page - Texas Instruments TPS25814 Datasheet HTML 24Page - Texas Instruments TPS25814 Datasheet HTML 25Page - Texas Instruments TPS25814 Datasheet HTML 26Page - Texas Instruments TPS25814 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
Data Line
Change
SDA
SCL
Figure 8-8. I2C Bit Transfer
S
Start
Condition
1
2
8
9
Ack
Nack
Clock Pulse for
Acknowledgement
Data Output
by Transmitter
Data Output
by Receiver
SCL From
Master
Figure 8-9. I2C Acknowledgment
8.3.7.2 I2C Clock Stretching
The TPS25814 features clock stretching for the I2C protocol. The TPS25814 slave I2C port may hold the clock
line (SCL) low after receiving (or sending) a byte, indicating that it is not yet ready to process more data. The
master communicating with the slave must not finish the transmission of the current bit and must wait until the
clock line actually goes high. When the slave is clock stretching, the clock line remains low.
The master must wait until it observes the clock line transitioning high plus an additional minimum time (4 μs for
standard 100-kbps I2C) before pulling the clock low again.
Any clock pulse may be stretched but typically it is the interval before or after the acknowledgment bit.
8.3.7.3 I2C Address Setting
The host should only use I2C_EC_SCL/SDA for loading a patch bundle. Once the boot process is complete,
each port has a unique slave address on the I2C_EC_SCL/SDA bus as selected by the ADCINx pins.
Table 8-6. I2C Default Slave Address for I2C_EC_SCL/SDA.
ADCIN1 Decoding
Slave Address
ADCIN1[1]
ADCIN1[0]
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
0
1
0
0
0
0
0
R/W
0
1
0
1
0
0
0
0
1
R/W
1
0
0
1
0
0
0
1
0
R/W
1
1
0
1
0
0
0
1
1
R/W
8.3.7.4 Unique Address Interface
The Unique Address Interface allows for complex interaction between an I2C master and a single TPS25814.
The I2C Slave sub-address is used to receive or respond to Host Interface protocol commands. Figure 8-10 and
Figure 8-11 show the write and read protocol for the I2C slave interface, and a key is included in Figure 8-12 to
explain the terminology used. The key to the protocol diagrams is in the SMBus Specification and is repeated
here in part.
www.ti.com
TPS25814
SLVSEZ5A – JULY 2020 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TPS25814


同様の部品番号 - TPS25814

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS25810 TI1-TPS25810 Datasheet
1Mb / 36P
[Old version datasheet]   TPS25810 USB Type-C DFP Controller and Power Switch with Load Detection
TPS25810 TI1-TPS25810 Datasheet
1Mb / 38P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch with Load Detection
TPS25810 TI1-TPS25810 Datasheet
734Kb / 37P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch With Load Detection
TPS25810 TI1-TPS25810 Datasheet
1Mb / 39P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch With Load Detection
TPS25810-Q1 TI1-TPS25810-Q1 Datasheet
734Kb / 37P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch With Load Detection
More results

同様の説明 - TPS25814

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS65994AE TI-TPS65994AE Datasheet
7Mb / 61P
[Old version datasheet]   TPS65994AE Dual Port USB Type-C짰 and USB PD Controller with Integrated Source Power Switches
TPS25750 TI-TPS25750_V01 Datasheet
3Mb / 74P
[Old version datasheet]   TPS25750 USB Type-C짰 and USB PD Controller with Integrated Power Switches Optimized for Power Applications
logo
STMicroelectronics
STCC2540 STMICROELECTRONICS-STCC2540 Datasheet
951Kb / 32P
   USB charging controller with integrated power switch
February 2014 Rev 6
logo
Diodes Incorporated
AP43761 DIODES-AP43761 Datasheet
435Kb / 8P
   3A USB TYPE-C CONTROLLER WITH INTEGRATED SWITCH
logo
Texas Instruments
TPS65994AD TI-TPS65994AD Datasheet
7Mb / 66P
[Old version datasheet]   TPS65994AD Dual Port USB Type-C and USB PD Controller with Integrated Source Power Switches
TPS25820 TI1-TPS25820 Datasheet
1Mb / 35P
[Old version datasheet]   TPS25821 USB Type-C 1.5-A Source Controller and Power Switch
TPS65987DDJ TI1-TPS65987DDJ Datasheet
2Mb / 72P
[Old version datasheet]   USB Type-C and USB PD Controller with Integrated Power Switches
TPS65987D TI1-TPS65987D Datasheet
1Mb / 68P
[Old version datasheet]   USB Type-C and USB PD Controller with Integrated Power Switches
TPS65987D TI1-TPS65987D_18 Datasheet
2Mb / 73P
[Old version datasheet]   USB Type-C and USB PD Controller with Integrated Power Switches
TPS25740 TI1-TPS25740 Datasheet
2Mb / 64P
[Old version datasheet]   USB Type-C and USB PD Source Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com