データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS53676 データシート(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPS53676
部品情報  TPS53676 Dual-Channel D-CAP?? (NM ??7 Phases) Step-Down, Multiphase Controller with AVSBus??and PMBus??Interfaces
Download  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPS53676 データシート(HTML) 64 Page - Texas Instruments

Back Button TPS53676 Datasheet HTML 60Page - Texas Instruments TPS53676 Datasheet HTML 61Page - Texas Instruments TPS53676 Datasheet HTML 62Page - Texas Instruments TPS53676 Datasheet HTML 63Page - Texas Instruments TPS53676 Datasheet HTML 64Page - Texas Instruments TPS53676 Datasheet HTML 65Page - Texas Instruments TPS53676 Datasheet HTML 66Page - Texas Instruments TPS53676 Datasheet HTML 67Page - Texas Instruments TPS53676 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 143 page
background image
7.7.4 Detailed fault descriptions
7.7.4.1 Overvoltage fault (OVF) and warning (OVW)
TPS53676 supports several forms of overvoltage protection. The figure below describes the overvoltage
protection scheme in more detail.
• Pre-Bias OVF protects the converter while initialization runs. This protection is active tINIT-PBOV, 350 μs
maximum after the VCC pin voltage is established, until initialization is complete. The threshold is hard-coded
to 3.7 V. In response to this condition, all PWM pins (regardless of channel assignment) pull low, regardless
of the overvoltage response setting. This fault cannot be cleared without a power cycle of the VCC pin. The
fixed overvoltage protection becomes active after tINIT-LOGIC , up to 20 ms after the VCC pin voltage is
established. This fault detection cannot be disabled.
• Fixed OVF is a programmable limit based on the VSP pin voltage, above which it is not safe to operate the
load device. Program the threshold through the MFR_PROTECTION_CONFIG command. This fault
detection is active regardless of power conversion. If triggered while power conversion is disabled, this fault is
treated as potentially catastrophic, and cannot be cleared without a power cycle of the VCC pin.
• Tracking OVF is a fault limit, programmable as an offset from the current VOUT_COMMAND value. Program
this threshold through VOUT_OV_FAULT_LIMIT. When the VSP-VSN pin differential voltage exceeds this
limit during power conversion, the tracking overvoltage fault condition is detected. This fault detection is
disabled whenever power conversion is disabled.
• Tracking OVW is a warning limit, programmable as an offset from the current VOUT_COMMAND value.
Program this threshold through VOUT_OV_WARN_LIMIT. When the VSP-VSN pin differential voltage
exceeds this limit during power conversion, the tracking overvoltage warning condition is detected. This is a
warning condition only, and does not cause any interruption to power conversion. The overvoltage warning
provides early feedback to they system host allowing it to make adjustments prior a fault triggering.
In response to the overvoltage warning condition, TPS53676 sets the appropriate status bits in STATUS_WORD
and STATUS_VOUT and asserts the SMB_ALERT# line if these bits are not masked.
In response to the overvoltage fault condition TPS53676 responds according to the programmed
VOUT_OV_FAULT_RESPONSE. When not set to the ignore response, this causes the PWM pins of the rail
which experienced a fault to pull low immediately. Additionally, TPS53676 sets the appropriate status bits in
STATUS_WORD and STATUS_VOUT and asserts the SMB_ALERT# line if these bits are not masked.
VR_EN
VOUT
VR_RDY
VOFS-UVFTRK
VCC
VOV-FIXED
VOV-PREBIAS
No
OVP
Pre-Bias
OVP only
Fixed
OVP only
First PWM pulses
Fixed +Tracking OVP
Fixed
OVP only
tINIT-PBOV
tINIT-LOGIC
VOFS-UVWTRK
VOFS-OVFTRK
VOFS-UVFTRK
Figure 7-28. Overvoltage Protection
Program the tracking overvoltage fault threshold through the VOUT_OV_FAULT_LIMIT command as an absolute
voltage. When a new VOUT_OV_FAULT_LIMIT command is received the device calculates the tracking
overvoltage offset value internally according to the equation below. The threshold voltages get scaled with the
TPS53676
SLUSDP0 – DECEMBER 2020
www.ti.com
64
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TPS53676


同様の部品番号 - TPS53676

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS53679 TI1-TPS53679 Datasheet
744Kb / 11P
[Old version datasheet]   Dual-Channel (6-Phase 1-Phase) or (5-Phase 2-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server
TPS53679RSBR TI1-TPS53679RSBR Datasheet
744Kb / 11P
[Old version datasheet]   Dual-Channel (6-Phase 1-Phase) or (5-Phase 2-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server
TPS53679RSBT TI1-TPS53679RSBT Datasheet
744Kb / 11P
[Old version datasheet]   Dual-Channel (6-Phase 1-Phase) or (5-Phase 2-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server
More results

同様の説明 - TPS53676

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS536C7 TI-TPS536C7 Datasheet
6Mb / 147P
[Old version datasheet]   TPS536C7B1 Dual-Channel D-CAP?? Dual-Channel (NM ??12 Phases) Step-Down, Multiphase Controller with PMBus??Interface
TPS536C9 TI-TPS536C9_V01 Datasheet
1Mb / 11P
[Old version datasheet]   TPS536C9 Dual-channel (N M ??12 phase) D-CAP?? Step-down, Multiphase Controller with PMBus and VR14 SVID Interfaces
DECEMBER 2021
TPS536C9 TI-TPS536C9 Datasheet
568Kb / 8P
[Old version datasheet]   TPS536C9 Dual-channel (N M ??12 phase) D-CAP?? Step-down, Multiphase Controller with PMBus and VR14 SVID Interfaces
JUNE 2021
TPS53689 TI-TPS53689 Datasheet
525Kb / 8P
[Old version datasheet]   TPS53689 Dual-channel (N M ??8 phase) D-CAP?? Step-down, Multiphase Controller with PMBus and VR14 SVID Interfaces
JUNE 2021
TPS536C5 TI-TPS536C5 Datasheet
872Kb / 14P
[Old version datasheet]   TPS536C5 Dual-Channel (N M ≤ 12 phase) D-CAP™, Step-Down, Multiphase Controller with AMD-SVI3 and PMBus Interfaces
DECEMBER 2022
TPS53685 TI-TPS53685 Datasheet
1Mb / 11P
[Old version datasheet]   TPS53685 Dual-Channel (N M ≤ 8 phase) D-CAP™, Step-Down, Multiphase Controller with AMD-SVI3 and PMBus Interfaces
DECEMBER 2022
TPS53689T TI-TPS53689T Datasheet
546Kb / 6P
[Old version datasheet]   TPS53689T Dual-channel (N M ≤ 8 phase) D-CAP™, Step-down, Multiphase Controllers with TLVR support, PMBus and VR14 SVID Interfaces
SEPTEMBER 2023
TPS536C9T TI-TPS536C9T Datasheet
712Kb / 9P
[Old version datasheet]   TPS536C9T Dual-channel (N M ≤ 12 phase) D-CAP™, Step-down, Multiphase Controllers with TLVR support, PMBus and VR14 SVID Interfaces
SEPTEMBER 2023
TPS53688 TI1-TPS53688 Datasheet
200Kb / 8P
[Old version datasheet]   TPS53688 Dual-Channel (N M ??8 phase) D-CAP?? Step-Down, Digital Multiphase Controller with VR13.HC SVID
TPS53681 TI1-TPS53681 Datasheet
2Mb / 125P
[Old version datasheet]   Dual-Channel (6-Phase 2-Phase) or (5-Phase 3-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com