データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS53676 データシート(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPS53676
部品情報  TPS53676 Dual-Channel D-CAP?? (NM ??7 Phases) Step-Down, Multiphase Controller with AVSBus??and PMBus??Interfaces
Download  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPS53676 データシート(HTML) 26 Page - Texas Instruments

Back Button TPS53676 Datasheet HTML 22Page - Texas Instruments TPS53676 Datasheet HTML 23Page - Texas Instruments TPS53676 Datasheet HTML 24Page - Texas Instruments TPS53676 Datasheet HTML 25Page - Texas Instruments TPS53676 Datasheet HTML 26Page - Texas Instruments TPS53676 Datasheet HTML 27Page - Texas Instruments TPS53676 Datasheet HTML 28Page - Texas Instruments TPS53676 Datasheet HTML 29Page - Texas Instruments TPS53676 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 143 page
background image
VCC = 3.3 V, CSPIN = VIN_CSNIN = 12 V, TJ = -40 to 125 ℃ unless otherwise specified
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VUVW-B
Channel B UV Warning Threshold ( Offset
with respect to output voltage target
including VDROOP )
Programmable Range (2)
-8
-448
mV
Resolution
8
mV
Accuracy (all settings)
-22
22
mV
VUVF-A
Channel A Tracking UV Fault Threshold
( Offset with respect to output voltage
target including VDROOP )
Programmable Range (2)
32
448
mV
Resolution
32
mV
Accuracy (all settings)
-16
16
mV
VUVF-B
Channel B Tracking UV Fault Threshold
( Offset with respect to output voltage
target including VDROOP )
Programmable Range (2)
32
448
mV
Resolution
32
mV
Accuracy (all settings)
-21
21
mV
tDLY(UVF) Deglitch Time for Triggering UV Fault (1)
VOUT_UV_FAULT_RESPONSE[2:0] =
x00b
4
µs
VOUT_UV_FAULT_RESPONSE[2:0] =
x01b
8
µs
VOUT_UV_FAULT_RESPONSE[2:0] =
x10b
12
µs
VOUT_UV_FAULT_RESPONSE[2:0] =
x11b
16
µs
IOCP-A
Channel A Overcurrent Protection
Threshold
Programmable Range (2)
1
1023
A
Resolution
1
A
Accuracy (11 phase, IOCP ≤ 135 A)
-7
7
A
Accuracy (11 phase, IOCP > 135 A)
-4
4
%
IOCP-B
Channel B Overcurrent Protection
Threshold
Programmable Range (2)
1
1023
A
Resolution
1
A
Accuracy (4 phase, IOCP ≤ 75 A)
-3
3
A
Accuracy (4 phase, IOCP > 75 A)
-3
3
%
IOCW-A
Channel A Overcurrent Warning
Threshold
Programmable Range (2)
1
1023
A
Resolution
1
A
Accuracy (11 phase, IOCW ≤ 135 A)
-7
7
A
Accuracy (11 phase, IOCW > 135 A)
-4
4
%
IOCW-B
Channel B Overcurrent Warning
Threshold
Programmable Range (2)
1
1023
A
Resolution
1
A
Accuracy (4 phase, IOCW ≤ 75 A)
-3
3
A
Accuracy (4 phase, IOCW > 75 A)
-3
3
%
TOTF
Over-temperature Fault threshold
Programmable Range
90
160
°C
Resolution
1
°C
Accuracy (all settings)
-3
3
°C
TOTW
Over-temperature Warning threshold(1)
Programmable Range
90
160
°C
Resolution
10
°C
Accuracy (all settings)
-3
3
°C
VIOVF
Input over-voltage fault threshold
Programmable Range
4
18
V
Resolution
1
V
Accuracy
-2
2
%
VIOVW
Input over-voltage warning threshold
Programmable Range
4
18
V
Resolution
1
V
Accuracy
-2
2
%
TPS53676
SLUSDP0 – DECEMBER 2020
www.ti.com
26
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TPS53676


同様の部品番号 - TPS53676

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS53679 TI1-TPS53679 Datasheet
744Kb / 11P
[Old version datasheet]   Dual-Channel (6-Phase 1-Phase) or (5-Phase 2-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server
TPS53679RSBR TI1-TPS53679RSBR Datasheet
744Kb / 11P
[Old version datasheet]   Dual-Channel (6-Phase 1-Phase) or (5-Phase 2-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server
TPS53679RSBT TI1-TPS53679RSBT Datasheet
744Kb / 11P
[Old version datasheet]   Dual-Channel (6-Phase 1-Phase) or (5-Phase 2-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server
More results

同様の説明 - TPS53676

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS536C7 TI-TPS536C7 Datasheet
6Mb / 147P
[Old version datasheet]   TPS536C7B1 Dual-Channel D-CAP?? Dual-Channel (NM ??12 Phases) Step-Down, Multiphase Controller with PMBus??Interface
TPS536C9 TI-TPS536C9_V01 Datasheet
1Mb / 11P
[Old version datasheet]   TPS536C9 Dual-channel (N M ??12 phase) D-CAP?? Step-down, Multiphase Controller with PMBus and VR14 SVID Interfaces
DECEMBER 2021
TPS536C9 TI-TPS536C9 Datasheet
568Kb / 8P
[Old version datasheet]   TPS536C9 Dual-channel (N M ??12 phase) D-CAP?? Step-down, Multiphase Controller with PMBus and VR14 SVID Interfaces
JUNE 2021
TPS53689 TI-TPS53689 Datasheet
525Kb / 8P
[Old version datasheet]   TPS53689 Dual-channel (N M ??8 phase) D-CAP?? Step-down, Multiphase Controller with PMBus and VR14 SVID Interfaces
JUNE 2021
TPS536C5 TI-TPS536C5 Datasheet
872Kb / 14P
[Old version datasheet]   TPS536C5 Dual-Channel (N M ≤ 12 phase) D-CAP™, Step-Down, Multiphase Controller with AMD-SVI3 and PMBus Interfaces
DECEMBER 2022
TPS53685 TI-TPS53685 Datasheet
1Mb / 11P
[Old version datasheet]   TPS53685 Dual-Channel (N M ≤ 8 phase) D-CAP™, Step-Down, Multiphase Controller with AMD-SVI3 and PMBus Interfaces
DECEMBER 2022
TPS53689T TI-TPS53689T Datasheet
546Kb / 6P
[Old version datasheet]   TPS53689T Dual-channel (N M ≤ 8 phase) D-CAP™, Step-down, Multiphase Controllers with TLVR support, PMBus and VR14 SVID Interfaces
SEPTEMBER 2023
TPS536C9T TI-TPS536C9T Datasheet
712Kb / 9P
[Old version datasheet]   TPS536C9T Dual-channel (N M ≤ 12 phase) D-CAP™, Step-down, Multiphase Controllers with TLVR support, PMBus and VR14 SVID Interfaces
SEPTEMBER 2023
TPS53688 TI1-TPS53688 Datasheet
200Kb / 8P
[Old version datasheet]   TPS53688 Dual-Channel (N M ??8 phase) D-CAP?? Step-Down, Digital Multiphase Controller with VR13.HC SVID
TPS53681 TI1-TPS53681 Datasheet
2Mb / 125P
[Old version datasheet]   Dual-Channel (6-Phase 2-Phase) or (5-Phase 3-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com