データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

NTCG203JH682JT1 データシート(PDF) 1 Page - TDK Electronics

部品番号. NTCG203JH682JT1
部品情報  Chip NTC Thermistors (Sensor)
ダウンロード  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  TDK [TDK Electronics]
ホームページ  http://www.tdk.com
Logo TDK - TDK Electronics

NTCG203JH682JT1 Datasheet(HTML) 1 Page - TDK Electronics

  NTCG203JH682JT1 データシート HTML 1Page - TDK Electronics NTCG203JH682JT1 データシート HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Chip NTC Thermistors (Sensor)
1 of 2
Creation Date : January 06, 2021 (GMT)
NTCG203JH682JT1
Applications
Commercial Grade
Features
125°C
125°C
UL
UL Certificate
Series
NTCG
Status
Production
Brand
TDK
Size
Length(L)
2.00mm ±0.20mm
Width(W)
1.25mm ±0.20mm
Thickness(T)
0.70mm ±0.20mm
Terminal Width(B)
0.20mm Min.
Recommended Land Pattern (PA)
1.05mm ±0.15mm
Recommended Land Pattern (PB)
0.80mm ±0.10mm
Recommended Land Pattern (PC)
1.05mm ±0.15mm
Electrical Characteristics
Resistance [at 25°C]
6.8kΩ
Resistance Tolerance
±5%
B value (Typ.) [25/50°C]
3392K
B value (Typ.) [25/85°C]
3450K
B value (Typ.) [25/100°C]
3468K
B value Tolerance
±3%
Max. Electric Power [at 25°C]
200mW
Permissive Operating Current [at 25°C]
540μA
Thermal Dissipation Constant [at 25°C]
2mW/°C | 2mW/K
Other
Max. Operating Temperature
125°C
Soldering Method
Reflow
UL File No.
E250289
AEC-Q200
No
Packing
Punched (Paper)Taping [180mm Reel]
Package Quantity
2000pcs
Weight
0.0072g
! Images are for reference only and show exemplary products.
! This PDF document was created based on the data listed on the TDK Corporation website.
! All specifications are subject to change without notice.
Copyright(c) TDK Corporation. All rights reserved.


Html ページ

1  2 


Datasheet Download

Go To PDF Page


リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn