データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

LC1D65ACD データシート(PDF) 3 Page - Schneider Electric

部品番号. LC1D65ACD
部品情報  TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 65 A - 36 V DC standard coil
ダウンロード  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  SCHNEIDER [Schneider Electric]
ホームページ  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LC1D65ACD Datasheet(HTML) 3 Page - Schneider Electric

  LC1D65ACD データシート HTML 1Page - Schneider Electric LC1D65ACD データシート HTML 2Page - Schneider Electric LC1D65ACD データシート HTML 3Page - Schneider Electric LC1D65ACD データシート HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Complementary
Coil technology
Built-in bidirectional peak limiting diode suppressor
Control circuit voltage limits
0.1...0.3 Uc -40…158 °F (-40…70 °C) drop-out DC
0.75...1.25 Uc -40…140 °F (-40…60 °C) operational DC
1...1.25 Uc 140…158 °F (60…70 °C) operational DC
Time constant
34 ms
Inrush power in W
19 W (at 20 °C)
Hold-in power consumption in W
7.4 W at 20 °C
Auxiliary contacts type
type mechanically linked 1 NO + 1 NC conforming to IEC 60947-5-1
type mirror contact 1 NC conforming to IEC 60947-4-1
Signalling circuit frequency
25...400 Hz
Minimum switching current
5 mA signalling circuit
Minimum switching voltage
17 V signalling circuit
Non-overlap time
1.5 ms on de-energisation between NC and NO contact
1.5 ms on energisation between NC and NO contact
Insulation resistance
> 10 MOhm signalling circuit
Contact compatibility
M4
Compatibility code
LC1D
Environment
IP degree of protection
IP20 front face IEC 60529
Protective treatment
TH IEC 60068-2-30
Pollution degree
3
Ambient air temperature for operation
-40…140 °F (-40…60 °C)
140…158 °F (60…70 °C) with derating
Ambient air temperature for storage
-76…176 °F (-60…80 °C)
Operating altitude
0...9842.52 ft (0...3000 m)
Fire resistance
850 °C conforming to IEC 60695-2-1
Flame retardance
V1 conforming to UL 94
Mechanical robustness
Vibrations contactor open2 Gn, 5...300 Hz
Vibrations contactor closed4 Gn, 5...300 Hz
Shocks contactor closed15 Gn for 11 ms
Shocks contactor open10 Gn for 11 ms
Height
4.80 in (122 mm)
Width
2.17 in (55 mm)
Depth
4.72 in (120 mm)
Net Weight
2.06 lb(US) (0.935 kg)
Ordering and shipping details
Category
22358 - CTR,TESYS D,OPEN,40-65A DC
Discount Schedule
I12
GTIN
03389118328228
Nbr. of units in pkg.
1
Package weight(Lbs)
1.87 lb(US) (0.85 kg)
Returnability
No
Country of origin
FR
Packing Units
Package 1 Height
0.600 dm
Package 1 width
1.400 dm
Package 1 Length
1.500 dm
3


Html ページ

1  2  3  4 


Datasheet Download

Go To PDF Page


リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn