データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

LC1D65AD7 データシート(PDF) 1 Page - Schneider Electric

部品番号. LC1D65AD7
部品情報  TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 65 A - 42 V AC 50/60 Hz coil
ダウンロード  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  SCHNEIDER [Schneider Electric]
ホームページ  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LC1D65AD7 Datasheet(HTML) 1 Page - Schneider Electric

  LC1D65AD7 データシート HTML 1Page - Schneider Electric LC1D65AD7 データシート HTML 2Page - Schneider Electric LC1D65AD7 データシート HTML 3Page - Schneider Electric LC1D65AD7 データシート HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product data sheet
Characteristics
LC1D65AD7
TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V
65 A - 42 V AC 50/60 Hz coil
Product availability : Non-Stock - Not normally stocked in distribution facility
Price* : 322.00 USD
Main
Range
TeSys
Product name
TeSys D
Product or component type
Contactor
Device short name
LC1D
Contactor application
Motor control
Resistive load
Utilisation category
AC-3
AC-1
AC-4
Poles description
3P
Power pole contact composition
3 NO
[Ue] rated operational voltage
Power circuit: <= 690 V AC 25...400 Hz
Power circuit <= 300 V DC
[Ie] rated operational current
80 A (at <60 °C) at <= 440 V AC AC-1 for power circuit
65 A (at <60 °C) at <= 440 V AC AC-3 for power circuit
Motor power kW
11 kW 400 V AC 50/60 Hz AC-4)
18.5 kW 220...230 V AC 50/60 Hz AC-3)
30 kW 380...400 V AC 50/60 Hz AC-3)
37 kW 500 V AC 50/60 Hz AC-3)
37 kW 660...690 V AC 50/60 Hz AC-3)
Motor power HP (UL / CSA)
40 hp 460/480 V AC 50/60 Hz 3 phase
5 hp 115 V AC 50/60 Hz 1 phase
10 hp 230/240 V AC 50/60 Hz 1 phase
20 hp 200/208 V AC 50/60 Hz 3 phase
20 hp 230/240 V AC 50/60 Hz 3 phase
50 hp 575/600 V AC 50/60 Hz 3 phase
Control circuit type
AC 50/60 Hz
[Uc] control circuit voltage
42 V AC 50/60 Hz
Auxiliary contact composition
1 NO + 1 NC
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Jan 4, 2021
1


Html ページ

1  2  3  4 


Datasheet Download

Go To PDF Page


リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn