データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS5204-2GDP3 データシート(PDF) 5 Page - ON Semiconductor

部品番号 CS5204-2GDP3
部品情報  4.0 A, 1.5 V Fixed Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5204-2GDP3 データシート(HTML) 5 Page - ON Semiconductor

  CS5204-2GDP3 Datasheet HTML 1Page - ON Semiconductor CS5204-2GDP3 Datasheet HTML 2Page - ON Semiconductor CS5204-2GDP3 Datasheet HTML 3Page - ON Semiconductor CS5204-2GDP3 Datasheet HTML 4Page - ON Semiconductor CS5204-2GDP3 Datasheet HTML 5Page - ON Semiconductor CS5204-2GDP3 Datasheet HTML 6Page - ON Semiconductor CS5204-2GDP3 Datasheet HTML 7Page - ON Semiconductor CS5204-2GDP3 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CS5204−2
http://onsemi.com
5
Calculating Power Dissipation and Heat Sink
Requirements
The CS5204−2 linear regulator includes thermal
shutdown and safe operating area circuitry to protect the
device. High power regulators such as these usually operate
at high junction temperatures so it is important to calculate
the power dissipation and junction temperatures accurately
to ensure that an adequate heat sink is used.
The case is connected to VOUT on the CS5204−2,
electrical isolation may be required for some applications.
Thermal compound should always be used with high current
regulators such as these.
The thermal characteristics of an IC depend on the
following four factors:
1.
Maximum Ambient Temperature TA (°C)
2.
Power dissipation PD (Watts)
3.
Maximum junction temperature TJ (°C)
4.
Thermal resistance junction to ambient RqJA (°C/W)
These four are related by the equation
TJ + TA ) PD
R
QJA
(1)
The maximum ambient temperature and the power
dissipation are determined by the design while the
maximum junction temperature and the thermal resistance
depend on the manufacturer and the package type.
The maximum power dissipation for a regulator is:
PD(max) + {VIN(max) * VOUT(min)}IOUT(max) ) VIN(max)IQ
(2)
where:
VIN(max) is the maximum input voltage,
VOUT(min) is the minimum output voltage,
IOUT(max) is the maximum output current, for the
application
IQ is the maximum quiescent current at IOUT(max).
A heat sink effectively increases the surface area of the
package to improve the flow of heat away from the IC and
into the surrounding air.
Each material in the heat flow path between the IC and the
outside environment has a thermal resistance. Like series
electrical resistances, these resistances are summed to
determine RqJA, the total thermal resistance between the
junction and the surrounding air.
1.
Thermal Resistance of the junction to case, RqJC
(
°C/W)
2.
Thermal Resistance of the case to Heat Sink, RqCS
(
°C/W)
3.
Thermal Resistance of the Heat Sink to the ambient
air, RqSA (°C/W)
These are connected by the equation:
R
QJA + RQJC ) RQCS ) RQSA
(3)
The value for RqJA is calculated using equation (3) and the
result can be substituted in equation (1).
RqJC is 1.6°C/Watt for the CS5204−2. For a high current
regulator such as the CS5204−2 the majority of the heat is
generated in the power transistor section. The value for RqSA
depends on the heat sink type, while RqCS depends on
factors such as package type, heat sink interface (is an
insulator and thermal grease used?), and the contact area
between the heat sink and the package. Once these
calculations are complete, the maximum permissible value
of RqJA can be calculated and the proper heat sink selected.
For further discussion on heat sink selection, see application
note
“Thermal
Management,”
document
number
AND8036/D, available through the Literature Distribution
Center or via our website at http://onsemi.com.
ORDERING INFORMATION
Orderable Part Number
Type
Package
Shipping
CS5204−2GT3
4.0 A, 1.5 V Output
TO−220−3, STRAIGHT
50 Units / Rail
CS5204−2GDP3
4.0 A, 1.5 V Output
D2PAK−3
50 Units / Rail
CS5204−2GDPR3
4.0 A, 1.5 V Output
D2PAK−3
750 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


同様の部品番号 - CS5204-2GDP3

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CS5204-2GDP3 ONSEMI-CS5204-2GDP3 Datasheet
196Kb / 7P
   4.0 A, 1.5 V Fixed Linear Regulator
September, 2006 ??Rev. 10
More results

同様の説明 - CS5204-2GDP3

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CS5204-2 ONSEMI-CS5204-2_06 Datasheet
196Kb / 7P
   4.0 A, 1.5 V Fixed Linear Regulator
September, 2006 ??Rev. 10
CS5205-2 ONSEMI-CS5205-2 Datasheet
56Kb / 8P
   5.0 A, 1.5 V Fixed Linear Regulator
January, 2004 ??Rev. 8
CS52015-3 ONSEMI-CS52015-3 Datasheet
217Kb / 8P
   1.5 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 8
CS5207-2 ONSEMI-CS5207-2 Datasheet
179Kb / 6P
   7.0 A, 1.5 V Fixed Linear Regulator
September, 2006 ??Rev. 8
NCP1086 ONSEMI-NCP1086 Datasheet
102Kb / 14P
   1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
July, 2004 ??Rev. 4
NCP1086 ONSEMI-NCP1086_05 Datasheet
121Kb / 14P
   1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
May, 2005 ??Rev. 6
CS5203-3 ONSEMI-CS5203-3 Datasheet
172Kb / 6P
   3.0 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 7
CS5201-3 ONSEMI-CS5201-3 Datasheet
191Kb / 8P
   1.0 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 8
CS52015-1 ONSEMI-CS52015-1 Datasheet
242Kb / 9P
   1.5 A Adjustable Linear Regulator
September, 2006 ??Rev. 7
CS5204-1 ONSEMI-CS5204-1_06 Datasheet
239Kb / 9P
   4.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators
September, 2006 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com