データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UTC339 データシート(PDF) 4 Page - List of Unclassifed Manufacturers

部品番号 UTC339
部品情報  QUAD DIFFERENTIAL COMPARATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

UTC339 データシート(HTML) 4 Page - List of Unclassifed Manufacturers

  UTC339 Datasheet HTML 1Page - List of Unclassifed Manufacturers UTC339 Datasheet HTML 2Page - List of Unclassifed Manufacturers UTC339 Datasheet HTML 3Page - List of Unclassifed Manufacturers UTC339 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
UTC339
LINEAR INTEGRATED CIRCUIT
YOUW ANG ELECTRONICS CO.LTD
4
Time (
µs)
Frequency (Hz)
6
10
4
10
10
35
10
0
5
10
15
Fig.9 Large signal Frequency Response
100k
2k
1k
Vi
+15V
+7V
Vcc
Vcc/2
Io
Vo
Vcc=+5V
Vcc=+15V
Vcc=+30V
10
-3
10
-2
10
-1
110
2
10
10
-1
1
10
Fig.11 Output Characteristics Current sinking
Output Sink Current (mA)
10
-1
10
-2
10
-3
10
2
10
1
1
2
3
4
5
6
7
8
Vcc
Vcc/2
Io
Vo
Ta=25
k
Fig.10 Output Characteristics
current sourcing
Output Source current (mA)
Fig.8 voltage Follower pulse response
(small signal)
01
2
3
4
567
8
9
275
300
350
400
450
Time (
µs)
RL=2k
Vcc=15V
0
1
2
3
2
3
1
0
010
20
30
40
50
Fig.7
-50
-25
0
25
50
75
100
0
20
40
60
Temperature ( )
k
Fig.12 Current Limiting


同様の部品番号 - UTC339

メーカー部品番号データシート部品情報
logo
Hangzhou Youwang Electr...
UTC339 YOUWANG-UTC339 Datasheet
89Kb / 7P
   QUAD DIFFERENTIAL COMPARATOR
UTC339E YOUWANG-UTC339E Datasheet
89Kb / 7P
   QUAD DIFFERENTIAL COMPARATOR
UTC339V YOUWANG-UTC339V Datasheet
89Kb / 7P
   QUAD DIFFERENTIAL COMPARATOR
More results

同様の説明 - UTC339

メーカー部品番号データシート部品情報
logo
Wuxi Youda electronics ...
YD393 YOUDA-YD393 Datasheet
100Kb / 3P
   QUAD DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
UTCLM339 UTC-UTCLM339 Datasheet
42Kb / 4P
   QUAD DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LM239AQDRQ1 TI-LM239AQDRQ1 Datasheet
140Kb / 6P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATOR
logo
Cystech Electonics Corp...
LM339PC CYSTEKEC-LM339PC Datasheet
502Kb / 6P
   Quad Differential Comparator
logo
Texas Instruments
LM139-SP TI1-LM139-SP_14 Datasheet
214Kb / 14P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATOR
LM239A-EP TI1-LM239A-EP_14 Datasheet
600Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM339 UTC-LM339_05 Datasheet
127Kb / 6P
   QUAD DIFFERENTIAL COMPARATOR
logo
Hangzhou Youwang Electr...
UTC339 YOUWANG-UTC339 Datasheet
89Kb / 7P
   QUAD DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM339 UTC-LM339_10 Datasheet
176Kb / 7P
   QUAD DIFFERENTIAL COMPARATOR
LM339 UTC-LM339_12 Datasheet
264Kb / 7P
   QUAD DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LM139-SP TI1-LM139-SP Datasheet
214Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATOR
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com