データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GLS93SPXXXG3 データシート(PDF) 4 Page - Greenliant systems

部品番号 GLS93SPXXXG3
部品情報  Industrial Temp SD / microSD ArmourDrive PX Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GREENLIANT [Greenliant systems]
ホームページ  https://www.greenliant.com/
Logo GREENLIANT - Greenliant systems

GLS93SPXXXG3 データシート(HTML) 4 Page - Greenliant systems

  GLS93SPXXXG3 Datasheet HTML 1Page - Greenliant systems GLS93SPXXXG3 Datasheet HTML 2Page - Greenliant systems GLS93SPXXXG3 Datasheet HTML 3Page - Greenliant systems GLS93SPXXXG3 Datasheet HTML 4Page - Greenliant systems GLS93SPXXXG3 Datasheet HTML 5Page - Greenliant systems GLS93SPXXXG3 Datasheet HTML 6Page - Greenliant systems GLS93SPXXXG3 Datasheet HTML 7Page - Greenliant systems GLS93SPXXXG3 Datasheet HTML 8Page - Greenliant systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Factsheet 01.000
October 2019
These specifications are subject to change without notice.
10/18/2019
© 2019 Greenliant
4
S71477-01
GLS93SPxxxG3 / GLS93MPxxxG3
Industrial Temp SD / microSD ArmourDrive™ PX Series
3.0
APPENDIX
3.1
Product Ordering Information
GLS 93 xP
xxx
G3 - I - BZ8xx
XX XX
XXX XX - X - XXXXX
Ordering Code
BZ8xx = SD / microSD ArmourDrive
Revision
Operating Temperature
I = Industrial: -40°C to +85°C
NAND Configuration
3 = 3 bits per cell
GByte Designator
G = GByte
Capacity
032 = 32 GByte
064 = 64 GByte
128 = 128 GByte
256 = 256 GByte
Product Generation
P = Generation
Form Factor
S = SD
M = microSD
Product Family
93 = SD / micro SD ArmourDrive


同様の部品番号 - GLS93SPXXXG3

メーカー部品番号データシート部品情報
logo
Greenliant systems
GLS93SPXXXG1 GREENLIANT-GLS93SPXXXG1 Datasheet
135Kb / 8P
   Industrial Temp SD / microSD ArmourDrive EX Series
More results

同様の説明 - GLS93SPXXXG3

メーカー部品番号データシート部品情報
logo
Greenliant systems
GLS93SPXXXG1 GREENLIANT-GLS93SPXXXG1 Datasheet
135Kb / 8P
   Industrial Temp SD / microSD ArmourDrive EX Series
GLS91CP064G3 GREENLIANT-GLS91CP064G3 Datasheet
119Kb / 6P
   Industrial Temp CFast ArmourDrive PX Series
GLS89SQ240G3 GREENLIANT-GLS89SQ240G3 Datasheet
130Kb / 6P
   Industrial Temp SATA 2.5 ArmourDrive PX Series
GLS89SP032G3 GREENLIANT-GLS89SP032G3 Datasheet
526Kb / 6P
   Industrial Temp 2.5 SATA ArmourDrive PX Series
GLS88BP240G3 GREENLIANT-GLS88BP240G3 Datasheet
97Kb / 6P
   Industrial Temp NVMe M.2 ArmourDrive PX Series
GLS88DQ064G3 GREENLIANT-GLS88DQ064G3 Datasheet
94Kb / 6P
   Industrial Temp NVMe M.2 ArmourDrive PX Series
GLS89SQ128G3 GREENLIANT-GLS89SQ128G3 Datasheet
100Kb / 6P
   Commercial Temp SATA 2.5 ArmourDrive PX Series
GLS88AR128G3 GREENLIANT-GLS88AR128G3 Datasheet
97Kb / 7P
   Commercial Temp NVMe M.2 ArmourDrive PX Series
GLS86FPXXXX3 GREENLIANT-GLS86FPXXXX3 Datasheet
438Kb / 7P
   Industrial / Commercial Temp mSATA ArmourDrive
GLS91CA016G2 GREENLIANT-GLS91CA016G2 Datasheet
115Kb / 6P
   Industrial Temp CFast ArmourDrive MX Series
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com