データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HSP-12-AP データシート(PDF) 1 Page - Festo Corporation.

部品番号 HSP-12-AP
部品情報  Pick and place machine
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FESTO [Festo Corporation.]
ホームページ  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

HSP-12-AP データシート(HTML) 1 Page - Festo Corporation.

  HSP-12-AP Datasheet HTML 1Page - Festo Corporation. HSP-12-AP Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pick and place machine
HSP-12-AP
Part number: 533599
Data sheet
Feature
Value
Size
12
Y-stroke
52 mm ... 68 mm
Z-stroke
20 mm ... 30 mm
Z working stroke
15 mm
Type code
HSP
Cushioning
Pneumatic shock absorber at both ends
Soft characteristic curve
Mounting position
Guide rail
Vertical
Mode of operation
Double-acting
Design
Cross guide
Swivel module
Positively driven motion sequence
Position sensing
For proximity sensor
Protection against torsion/guide
Cross guide
Operating pressure
4 bar ... 8 bar
Minimum cycle time
0.6 s
Repetition accuracy
±0.01 mm
Operating medium
Compressed air as per ISO 8573-1:2010 [7:-:-]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Ambient temperature
0 °C ... 60 °C
Max. torque Mx dynamic
1.1 Nm
Max. static moment Mx
5 Nm
Max. torque My dynamic
1.1 Nm
Max. static moment My
5 Nm
Max. torque Mz dynamic
1.1 Nm
Max. static moment Mz
5 Nm
Max. payload
0.5 kg
Theoretical force at 6 bar
40 N
Product weight
1900 g
Front unit mounting
With through-hole
Type of mounting
With through-hole
With slot nuts
Pneumatic connection
M5
Note on materials
Free of copper and PTFE
Base plate material
Wrought aluminum alloy
Cross guide material
Tempered steel
2/16/21 - Subject to change - Festo AG & Co. KG
1/2


同様の部品番号 - HSP-12-AP

メーカー部品番号データシート部品情報
logo
Festo Corporation.
HSP-12-AP-SD FESTO-HSP-12-AP-SD Datasheet
82Kb / 2P
   Pick and place machine
HSP-12-AP-SD-WL FESTO-HSP-12-AP-SD-WL Datasheet
84Kb / 2P
   Pick and place machine
HSP-12-AP-SD-WR FESTO-HSP-12-AP-SD-WR Datasheet
84Kb / 2P
   Pick and place machine
HSP-12-AP-WL FESTO-HSP-12-AP-WL Datasheet
99Kb / 2P
   Pick and place machine
HSP-12-AP-WR FESTO-HSP-12-AP-WR Datasheet
99Kb / 2P
   Pick and place machine
More results

同様の説明 - HSP-12-AP

メーカー部品番号データシート部品情報
logo
Festo Corporation.
HSW-10-AP-SD FESTO-HSW-10-AP-SD Datasheet
79Kb / 2P
   Pick and place machine
HSW-12-AP-SD-AW FESTO-HSW-12-AP-SD-AW Datasheet
82Kb / 2P
   Pick and place machine
HSW-12-AS FESTO-HSW-12-AS Datasheet
71Kb / 2P
   Pick and place machine
HSP-12-AP-WR FESTO-HSP-12-AP-WR Datasheet
99Kb / 2P
   Pick and place machine
HSP-25-AP-SD-WR FESTO-HSP-25-AP-SD-WR Datasheet
84Kb / 2P
   Pick and place machine
HSW-10-AP FESTO-HSW-10-AP Datasheet
81Kb / 2P
   Pick and place machine
HSW-10-AS FESTO-HSW-10-AS Datasheet
71Kb / 2P
   Pick and place machine
HSW-10-AS-SD FESTO-HSW-10-AS-SD Datasheet
80Kb / 2P
   Pick and place machine
HSP-16-AS FESTO-HSP-16-AS Datasheet
86Kb / 2P
   Pick and place machine
HSP-25-AP-SD FESTO-HSP-25-AP-SD Datasheet
83Kb / 2P
   Pick and place machine
HSP-25-AP-SD-WL FESTO-HSP-25-AP-SD-WL Datasheet
84Kb / 2P
   Pick and place machine
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com