データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HSP-16-AP-SD データシート(PDF) 1 Page - Festo Corporation.

部品番号 HSP-16-AP-SD
部品情報  Pick and place machine
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FESTO [Festo Corporation.]
ホームページ  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

HSP-16-AP-SD データシート(HTML) 1 Page - Festo Corporation.

  HSP-16-AP-SD Datasheet HTML 1Page - Festo Corporation. HSP-16-AP-SD Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pick and place machine
HSP-16-AP-SD
Part number: 533608
Data sheet
Feature
Value
Size
16
Y-stroke
90 mm ... 110 mm
Z-stroke
35 mm ... 50 mm
Z working stroke
20 mm
Type code
HSP
Cushioning
Pneumatic shock absorber at both ends
Soft characteristic curve
Mounting position
Guide rail
Vertical
Mode of operation
Double-acting
Design
Cross guide
Swivel module
Positively driven motion sequence
Position sensing
For proximity sensor
Protection against torsion/guide
Cross guide
Operating pressure
4 bar ... 8 bar
Minimum cycle time
0.8 s
Repetition accuracy
±0.01 mm
Operating medium
Compressed air as per ISO 8573-1:2010 [7:-:-]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Ambient temperature
0 °C ... 60 °C
Max. torque Mx dynamic
2.4 Nm
Max. static moment Mx
10 Nm
Max. torque My dynamic
2.4 Nm
Max. static moment My
10 Nm
Max. torque Mz dynamic
2.4 Nm
Max. static moment Mz
10 Nm
Max. payload
1 kg
Theoretical force at 6 bar
50 N
Product weight
4600 g
Front unit mounting
With through-hole
Type of mounting
With through-hole
With slot nuts
Pneumatic connection
M5
Note on materials
Free of copper and PTFE
Base plate material
Wrought aluminum alloy
Cross guide material
Tempered steel
2/16/21 - Subject to change - Festo AG & Co. KG
1/2


同様の部品番号 - HSP-16-AP-SD

メーカー部品番号データシート部品情報
logo
Festo Corporation.
HSP-16-AP-SD-WL FESTO-HSP-16-AP-SD-WL Datasheet
85Kb / 2P
   Pick and place machine
HSP-16-AP-SD-WR FESTO-HSP-16-AP-SD-WR Datasheet
85Kb / 2P
   Pick and place machine
More results

同様の説明 - HSP-16-AP-SD

メーカー部品番号データシート部品情報
logo
Festo Corporation.
HSW-10-AP-SD FESTO-HSW-10-AP-SD Datasheet
79Kb / 2P
   Pick and place machine
HSW-12-AP-SD-AW FESTO-HSW-12-AP-SD-AW Datasheet
82Kb / 2P
   Pick and place machine
HSW-12-AS FESTO-HSW-12-AS Datasheet
71Kb / 2P
   Pick and place machine
HSP-12-AP-WR FESTO-HSP-12-AP-WR Datasheet
99Kb / 2P
   Pick and place machine
HSP-25-AP-SD-WR FESTO-HSP-25-AP-SD-WR Datasheet
84Kb / 2P
   Pick and place machine
HSW-10-AP FESTO-HSW-10-AP Datasheet
81Kb / 2P
   Pick and place machine
HSW-10-AS FESTO-HSW-10-AS Datasheet
71Kb / 2P
   Pick and place machine
HSW-10-AS-SD FESTO-HSW-10-AS-SD Datasheet
80Kb / 2P
   Pick and place machine
HSP-16-AS FESTO-HSP-16-AS Datasheet
86Kb / 2P
   Pick and place machine
HSP-25-AP-SD FESTO-HSP-25-AP-SD Datasheet
83Kb / 2P
   Pick and place machine
HSP-25-AP-SD-WL FESTO-HSP-25-AP-SD-WL Datasheet
84Kb / 2P
   Pick and place machine
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com