データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES5108S データシート(PDF) 5 Page - List of Unclassifed Manufacturers

部品番号 ES5108S
部品情報  ADC with serial output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

ES5108S データシート(HTML) 5 Page - List of Unclassifed Manufacturers

  ES5108S Datasheet HTML 1Page - List of Unclassifed Manufacturers ES5108S Datasheet HTML 2Page - List of Unclassifed Manufacturers ES5108S Datasheet HTML 3Page - List of Unclassifed Manufacturers ES5108S Datasheet HTML 4Page - List of Unclassifed Manufacturers ES5108S Datasheet HTML 5Page - List of Unclassifed Manufacturers ES5108S Datasheet HTML 6Page - List of Unclassifed Manufacturers ES5108S Datasheet HTML 7Page - List of Unclassifed Manufacturers ES5108S Datasheet HTML 8Page - List of Unclassifed Manufacturers ES5108S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
CYRUSTEK CO.
ES5108 3 1/2 Digit
ADC with serial output
Pin Description
Pin No.
Symbol
Type
Description
1
VREF-
-
Low differential reference input connection.
2
VREF+
-
High differential reference input connection.
3
DGND
-
Pull high to V+ all LCD segments will be activated.
4
OSC3
-
Crystal oscillator connection.(RC)
5
OSC2
-
Crystal oscillator connection.(input)
6
OSC1
-
Crystal oscillator connection.(output)
7
INT
O
Integration status flag.
8
FREQ/VOLT
I
Frequency counter/voltage measurement select pin. Connecting to V+
will enable the frequency counter, connecting to TEST1 or open will ex-
ecute voltage measurement. This pin is internally pull down to TEST1.
9
V+
P
Positive supply voltage.
10
CONT/-/MHz
O
LCD segment drive. (Continuity., polarity, MHz)
11
B4/C4/DP3
O
LCD segment drive. (B4, C4, decimal point3)
12
KHz/F3/E3
O
LCD segment drive. (KHz, F3, E3)
13
A3/G3/D3
O
LCD segment drive. (A3, G3, D3)
14
B3/C3/DP2
O
LCD segment drive. (B3, C3, decimal point2)
15
HOLD/F2/E2
O
LCD segment drive. (Data Hold, F2, E2)
16
A2/G2/D2
O
LCD segment drive. (A2, G2, D2)
17
B2/C2/DP1
O
LCD segment drive. (B2, C2, decimal point 1)
18
MAX/F1/E1
O
LCD segment drive. (Max, F1, E1)
19
A1/G1/D1
O
LCD segment drive. (A1, G1, D1)
20
B1/C1/BAT
O
LCD segment drive. (B1, C1, low battery)
21
COM1
O
LCD common drive#1.
22
COM2
O
LCD common drive#2.
23
COM3
O
LCD common drive#3.
24
FREQ-in
I
Frequency counter input pin.
25
DINT
O
De-Integration status flag.
26
ANNUNC
O
Square wave output at the LCD backplane frequency, synchronized to
COM1. Connecting an LCD segment to ANNUNC pin turns it on; con-
necting to backplane turns it off.
27
DP1
I
1st decimal point selection input for voltage measurement, internally
pulled-down to TEST1.
28
DP2
I
2nd decimal point selection input for voltage measurement, internally
pulled-down to TEST1.
29
DP3
I
3rd decimal point selection input for voltage measurement, internally
pulled-down to TEST1.
30
RESET
I
Reset input pin. Connecting to V+ will cancel both MAX/MIN and
Hold functions.
31
MAX
I
MAX input pin. Pulse to V+ to enable MAX function.
32
HOLD
I
Hold input pin. Connecting to V+ for hold function.
33
LB
O
Low battery flag. Pull high if low battery.
34
BZOUT
O
Piezo buzzer output. Driving a buzzer at 2.5KHz audio frequency.
35
BZINS
I
Buzzer control slave input.
36
CLK
I
External clock input pin for serial data accessing.
37
SDO
O
Serial data output pin.
continued on next page
This table is for ES5108F
5
July 4, 2002


同様の部品番号 - ES5108S

メーカー部品番号データシート部品情報
logo
Cyrustek corporation
ES5108 CYRUSTEK-ES5108 Datasheet
521Kb / 18P
   ADC with serial output
ES5108CE CYRUSTEK-ES5108CE Datasheet
521Kb / 18P
   ADC with serial output
ES5108D CYRUSTEK-ES5108D Datasheet
521Kb / 18P
   ADC with serial output
ES5108L CYRUSTEK-ES5108L Datasheet
521Kb / 18P
   ADC with serial output
ES5108 CYRUSTEK-ES5108_06 Datasheet
521Kb / 18P
   ADC with serial output
More results

同様の説明 - ES5108S

メーカー部品番号データシート部品情報
logo
Cyrustek corporation
ES5108 CYRUSTEK-ES5108_06 Datasheet
521Kb / 18P
   ADC with serial output
logo
Analog Devices
AD9239 AD-AD9239_17 Datasheet
1Mb / 41P
   Serial Output 1.8 V ADC
logo
Linear Technology
LTC2274 LINER-LTC2274 Datasheet
896Kb / 40P
   16-Bit, 105Msps Serial Output ADC
LTC2274 LINER-LTC2274_15 Datasheet
908Kb / 40P
   16-Bit, 105Msps Serial Output ADC
logo
Maxim Integrated Produc...
MAX1298 MAXIM-MAX1298_12 Datasheet
305Kb / 20P
   12-Bit Serial-Output Temperature Sensors with 5-Channel ADC
Rev 1; 3/12
MAX1298 MAXIM-MAX1298 Datasheet
259Kb / 20P
   12-Bit Serial-Output Temperature Sensors with 5-Channel ADC
Rev 0; 5/00
MAX1098-MAX1099 MAXIM-MAX1098-MAX1099 Datasheet
240Kb / 20P
   10-Bit Serial-Output Temperature Sensors with 5-Channel ADC
Rev 0; 7/00
MAX1098 MAXIM-MAX1098_V01 Datasheet
2Mb / 20P
   10-Bit Serial-Output Temperature Sensors with 5-Channel ADC
2012
logo
Linear Technology
LTC2273 LINER-LTC2273 Datasheet
765Kb / 44P
   16-Bit, 80Msps/65Msps Serial Output ADC
LTC2272 LINER-LTC2272_15 Datasheet
777Kb / 44P
   16-Bit, 80Msps/65Msps Serial Output ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com