データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS71116ATP-8 データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 GS71116ATP-8
部品情報  1Mb Asynchronous SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

GS71116ATP-8 データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  GS71116ATP-8 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS71116ATP-8 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS71116ATP-8 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS71116ATP-8 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS71116ATP-8 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS71116ATP-8 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS71116ATP-8 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS71116ATP-8 Datasheet HTML 8Page - List of Unclassifed Manufacturers GS71116ATP-8 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
GS71116ATP/J/U
64K x 16
1Mb Asynchronous SRAM
7, 8, 10, 12 ns
3.3 V VDD
Center VDD and VSS
SOJ, TSOP, FP-BGA
Commercial Temp
Industrial Temp
Rev: 1.07 12/2004
1/16
© 2001, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Features
• Fast access time: 7, 8, 10, 12 ns
• CMOS low power operation: 145/125/100/85 mA at
minimum cycle time
• Single 3.3 V power supply
• All inputs and outputs are TTL-compatible
• Byte control
• Fully static operation
• Industrial Temperature Option: –40° to 85°C
• Package line up
J:
400 mil, 44-pin SOJ package
TP: 400 mil, 44-pin TSOP Type II package
GP: Pb-Free 400 mil, 3244-pin TSOP Type II package
U:
6 mm x 8 mm Fine Pitch Ball Grid Array package
GU: Pb-Free 6 mm x 8 mm Fine Pitch Ball Grid Array
package
• Pb-Free TSOP-II and FP-BGA packages available
Description
The GS71116A is a high speed CMOS static RAM organized
as 65,536-words by 16-bits. Static design eliminates the need
for external clocks or timing strobes. Operating on a single
3.3 V power supply and all inputs and outputs are TTL-
compatible. The GS71116A is available in a 6 mm x 8 mm
Fine Pitch BGA package, as well as in 400 mil SOJ and 400
mil TSOP Type-II packages.
SOJ 64K x 16-Pin Configuration
Package J
Pin Descriptions
Symbol
Description
A0–A15
Address input
DQ1–DQ16
Data input/output
CE
Chip enable input
LB
Lower byte enable input
(DQ1 to DQ8)
UB
Upper byte enable input
(DQ9 to DQ16)
WE
Write enable input
OE
Output enable input
VDD
+3.3 V power supply
VSS
Ground
NC
No connect
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
A4
A3
A2
A1
A0
CE
DQ1
DQ2
DQ3
DQ4
VDD
VSS
DQ5
DQ6
DQ7
DQ8
WE
A15
A14
A13
A5
A6
A7
OE
UB
LB
DQ16
DQ15
DQ14
DQ13
VSS
VDD
DQ12
DQ11
DQ10
DQ9
NC
A8
A9
A10
Top view
21
22
24
23
A12
A11
44-pin
SOJ
NC
NC


同様の部品番号 - GS71116ATP-8

メーカー部品番号データシート部品情報
logo
GSI Technology
GS71116AGP-10 GSI-GS71116AGP-10 Datasheet
122Kb / 14P
   64K x 16 1Mb Asynchronous SRAM
GS71116AGP-10I GSI-GS71116AGP-10I Datasheet
122Kb / 14P
   64K x 16 1Mb Asynchronous SRAM
GS71116AGP-12 GSI-GS71116AGP-12 Datasheet
122Kb / 14P
   64K x 16 1Mb Asynchronous SRAM
GS71116AGP-12I GSI-GS71116AGP-12I Datasheet
122Kb / 14P
   64K x 16 1Mb Asynchronous SRAM
GS71116AGP-7 GSI-GS71116AGP-7 Datasheet
122Kb / 14P
   64K x 16 1Mb Asynchronous SRAM
More results

同様の説明 - GS71116ATP-8

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
GS71116TP ETC1-GS71116TP Datasheet
220Kb / 15P
   1Mb Asynchronous SRAM
logo
GSI Technology
GS71116AU-10I GSI-GS71116AU-10I Datasheet
122Kb / 14P
   64K x 16 1Mb Asynchronous SRAM
GS71108TP GSI-GS71108TP Datasheet
271Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS71108ATP ETC2-GS71108ATP_06 Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
GS71108ATP ETC-GS71108ATP Datasheet
410Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
logo
GSI Technology
GS71208TP GSI-GS71208TP Datasheet
382Kb / 11P
   128K x 8 1Mb Asynchronous SRAM
GS71216TP GSI-GS71216TP Datasheet
184Kb / 12P
   64K x 16 1Mb Asynchronous SRAM
logo
ON Semiconductor
N01L6183A ONSEMI-N01L6183A Datasheet
1Mb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
July 2008 - Rev. 8
logo
NanoAmp Solutions, Inc.
N01L163WN1A NANOAMP-N01L163WN1A Datasheet
260Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
N01L083WC2A NANOAMP-N01L083WC2A Datasheet
118Kb / 1P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com