データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS71116AGU-8 データシート(PDF) 7 Page - List of Unclassifed Manufacturers

部品番号 GS71116AGU-8
部品情報  1Mb Asynchronous SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

GS71116AGU-8 データシート(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button GS71116AGU-8 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS71116AGU-8 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS71116AGU-8 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS71116AGU-8 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS71116AGU-8 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS71116AGU-8 Datasheet HTML 8Page - List of Unclassifed Manufacturers GS71116AGU-8 Datasheet HTML 9Page - List of Unclassifed Manufacturers GS71116AGU-8 Datasheet HTML 10Page - List of Unclassifed Manufacturers GS71116AGU-8 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
GS71116ATP/J/U
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.07 12/2004
7/16
© 2001, GSI Technology
AC Characteristics
* These parameters are sampled and are not 100% tested.
Read Cycle 1: CE = OE = VIL, WE = VIH, UB and, or LB = VIL
Read Cycle
Parameter
Symbol
-7
-8
-10
-12
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Read cycle time
tRC
7—8—
10
12
ns
Address access time
tAA
—7—8—
10
12
ns
Chip enable access time (CE)tAC
—7—8—
10
12
ns
Byte enable access time (UB, LB)tAB
—3—
3.5
4
5
ns
Output enable to output valid (OE)tOE
—3—
3.5
4
5
ns
Output hold from address change
tOH
3—3—3
3
ns
Chip enable to output in low Z (CE)
tLZ*
3—3—3
3
ns
Output enable to output in low Z (OE)
tOLZ*
0—0—0
0
ns
Byte enable to output in low Z (UB, LB)
tBLZ*
0—0—0
0
ns
Chip disable to output in High Z (CE)
tHZ*
—3.5
4
5
6
ns
Output disable to output in High Z (OE)
tOHZ*
—3—
3.5
4
5
ns
Byte disable to output in High Z (UB, LB)
tBHZ*
3
3.5
3.5
3.5
tAA
tOH
tRC
Address
Data Out
Previous Data
Data valid


同様の部品番号 - GS71116AGU-8

メーカー部品番号データシート部品情報
logo
GSI Technology
GS71116AGU-8 GSI-GS71116AGU-8 Datasheet
122Kb / 14P
   64K x 16 1Mb Asynchronous SRAM
GS71116AGU-8I GSI-GS71116AGU-8I Datasheet
122Kb / 14P
   64K x 16 1Mb Asynchronous SRAM
More results

同様の説明 - GS71116AGU-8

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
GS71116TP ETC1-GS71116TP Datasheet
220Kb / 15P
   1Mb Asynchronous SRAM
logo
GSI Technology
GS71116AU-10I GSI-GS71116AU-10I Datasheet
122Kb / 14P
   64K x 16 1Mb Asynchronous SRAM
GS71108TP GSI-GS71108TP Datasheet
271Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS71108ATP ETC2-GS71108ATP_06 Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
GS71108ATP ETC-GS71108ATP Datasheet
410Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
logo
GSI Technology
GS71208TP GSI-GS71208TP Datasheet
382Kb / 11P
   128K x 8 1Mb Asynchronous SRAM
GS71216TP GSI-GS71216TP Datasheet
184Kb / 12P
   64K x 16 1Mb Asynchronous SRAM
logo
ON Semiconductor
N01L6183A ONSEMI-N01L6183A Datasheet
1Mb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
July 2008 - Rev. 8
logo
NanoAmp Solutions, Inc.
N01L163WN1A NANOAMP-N01L163WN1A Datasheet
260Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
N01L083WC2A NANOAMP-N01L083WC2A Datasheet
118Kb / 1P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com