データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-M700 データシート(PDF) 1 Page - Agilent(Hewlett-Packard)

部品番号 HCPL-M700
部品情報  Small Outline, 5 Lead, Low Input Current, High Gain Optocouplers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-M700 データシート(HTML) 1 Page - Agilent(Hewlett-Packard)

  HCPL-M700 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-M700 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-M700 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-M700 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-M700 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-M700 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-M700 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-M700 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CAUTION: The small device geometries inherent to the design of this bipolar component increase the component’s
susceptibility to damage from electrostatic discharge (ESD). It is advised that normal static precautions be taken
in handling and assembly of this component to prevent damage and/or degradation which may be induced by
ESD.
Small Outline, 5 Lead, Low
Input Current, High Gain
Optocouplers
Technical Data
HCPL-M700
HCPL-M701
Description
These small outline, low input
current, high gain optocouplers
are single channel devices in a
five lead miniature footprint. They
are electrically equivalent to the
following Agilent optocouplers:
Features
• Surface Mountable
• Very Small, Low Profile
JEDEC Registered
Package Outline
• Compatible with Infrared
Vapor Phase Reflow and
Wave Soldering Processes
• High Current Transfer
Ratio - 2000%
• Low Input Current
Capability - 0.5 mA
• TTL Compatible Output -
VOL = 0.1 V
• Guaranteed ac and dc
Performance Over
Temperature: 0
°C to 70°C
• High Output Current -
60 mA
• Recognized under the
Component Program of
U.L. (File No. E55361) for
Dielectric Withstand Proof
Test Voltage of 3750 Vac, 1
Minute
• Lead Free Option “-000E”
The SO-5 JEDEC registered (MO-
155) package outline does not
require “through holes” in a PCB.
This package occupies
approximately one-fourth the
footprint area of the standard
dual-in-line package. The lead
profile is designed to be com-
patible with standard surface
mount processes.
These high gain series opto-
couplers use a Light Emitting
Diode and an integrated high gain
photodetector to provide
extremely high current transfer
ratio between input and output.
Separate pins for the photodiode
and output stage results in TTL
compatible saturation voltages
and high speed operation. Where
desired the VCC and VO terminals
may be tied together to achieve
conventional photodarlington
operation.
SO-5 Package
Standard DIP
SO-8 Package
HCPL-M700
6N138
HCPL-0700
HCPL-M701
6N139
HCPL-0701


同様の部品番号 - HCPL-M700

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M700 AVAGO-HCPL-M700 Datasheet
420Kb / 9P
   Small Outline, 5 Lead, Low Input Current, High Gain Optocouplers Surface mountable
More results

同様の説明 - HCPL-M700

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
HCPLM700 ETC1-HCPLM700 Datasheet
95Kb / 8P
   Small Outline, 5 Lead, Low Input Current, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M700 AVAGO-HCPL-M700 Datasheet
420Kb / 9P
   Small Outline, 5 Lead, Low Input Current, High Gain Optocouplers Surface mountable
HCPL-M453-000E AVAGO-HCPL-M453-000E Datasheet
152Kb / 9P
   Small Outline, 5 Lead, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-M452 HP-HCPL-M452 Datasheet
89Kb / 8P
   Small Outline, 5 Lead, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-500E AVAGO-HCNW139-500E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-300E AVAGO-HCNW139-300E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
HCPL-0701-000E AVAGO-HCPL-0701-000E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
HCPL-0701-500E AVAGO-HCPL-0701-500E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
HCPL-M611-500E AVAGO-HCPL-M611-500E Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com