データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-0700 データシート(PDF) 7 Page - Agilent(Hewlett-Packard)

部品番号 HCPL-0700
部品情報  Small Outline, 5 Lead, Low Input Current, High Gain Optocouplers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-0700 データシート(HTML) 7 Page - Agilent(Hewlett-Packard)

  HCPL-0700 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-0700 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-0700 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-0700 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-0700 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-0700 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-0700 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-0700 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Figure 7. Switching Test Circuit.
Figure 8. Test Circuit for Transient Immunity and Typical Waveforms.
VO
0.1µF
RL
A
B
PULSE GEN.
VCM
+
VFF
+5 V
VO
VOL
VO
0 V
10%
90%
90%
10%
SWITCH AT A: I = 0 mA
F
SWITCH AT B: I = 1.6 mA
F
VCM
tr
tf
5 V
10 V
IF
1
6
5
4
3
tr, tf = 16 ns
RCC (SEE NOTE 5)
220
VO
PULSE
GEN.
ZO = 50 Ω
tr = 5 ns
IF MONITOR
IF
0.1µF
RL
CL = 15 pF*
RM
0
tPHL
tPLH
VO
IF
VOL
1.5 V
1.5 V
+5 V
1
3
6
5
4
5 V
90%
10%
90%
10%
(SATURATED
RESPONSE)
(NON-
SATURATED
RESPONSE)
VO
5 V
tf
tr
* INCLUDES PROBE AND
FIXTURE CAPACITANCE
10% DUTY CYCLE
1/f
100 µs


同様の部品番号 - HCPL-0700

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
HCPL-0700 FAIRCHILD-HCPL-0700 Datasheet
275Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
HCPL-0700 HP-HCPL-0700 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
HCPL-0700 FAIRCHILD-HCPL-0700 Datasheet
272Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL-0700 FAIRCHILD-HCPL-0700 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0700 AVAGO-HCPL-0700 Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers Low input current requirements ??0.5 mA
More results

同様の説明 - HCPL-0700

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
HCPLM700 ETC1-HCPLM700 Datasheet
95Kb / 8P
   Small Outline, 5 Lead, Low Input Current, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M700 AVAGO-HCPL-M700 Datasheet
420Kb / 9P
   Small Outline, 5 Lead, Low Input Current, High Gain Optocouplers Surface mountable
HCPL-M453-000E AVAGO-HCPL-M453-000E Datasheet
152Kb / 9P
   Small Outline, 5 Lead, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-M452 HP-HCPL-M452 Datasheet
89Kb / 8P
   Small Outline, 5 Lead, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-500E AVAGO-HCNW139-500E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-300E AVAGO-HCNW139-300E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
HCPL-0701-000E AVAGO-HCPL-0701-000E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
HCPL-0701-500E AVAGO-HCPL-0701-500E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
HCPL-M611-500E AVAGO-HCPL-M611-500E Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com