データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-0701 データシート(PDF) 5 Page - Agilent(Hewlett-Packard)

部品番号 HCPL-0701
部品情報  Small Outline, 5 Lead, Low Input Current, High Gain Optocouplers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-0701 データシート(HTML) 5 Page - Agilent(Hewlett-Packard)

  HCPL-0701 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-0701 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-0701 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-0701 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-0701 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-0701 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-0701 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-0701 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Switching Specifications
Over recommended temperature (TA = 0°C to 70°C), VCC = 5 V, unless otherwise specified.
Sym- Device
Parameter
bol
HCPL- Min.
Typ.* Max. Unit
Test Conditions
Fig.
Note
Propagation
tPHL
M701
25
75
µsT
A = 25°CIF = 0.5 mA,
5, 6,
100
7
0.5
2
TA = 25°CIF = 12 mA,
3
M700
5
20
TA = 25°CIF = 1.6 mA,
25
Propagation
tPLH
M701
10
60
TA = 25°CIF = 0.5 mA,
5, 6,
90
7
110
TA = 25°CIF = 12 mA,
15
M700
10
35
TA = 25°CIF = 1.6 mA,
50
Common
|CMH|
1,000
10,000
V/
µsI
F = 0 mA
8
4, 5
Mode
RL = 2.2 kΩ
Transient
|VCM| = 10 Vp-p
Immunity at
Logic High
Output
Common
|CML|
1,000
10,000
V/
µsI
F = 1.6 mA
8
4, 5
Mode
RL = 2.2 kΩ
Transient
|VCM| = 10 Vp-p
Immunity at
Logic Low
Output
*All typicals at TA = 25°C.
RL = 4.7 kΩ
RL = 270 Ω
RL = 2.2 kΩ
RL = 4.7 kΩ
RL = 270 Ω
RL = 2.2 kΩ
Notes:
1. dc CURRENT TRANSFER RATIO in percent is defined as the ratio of output collector current, IO, to the forward LED input
current, IF, times 100.
2. Device considered a two terminal device: pins 1 and 3 shorted together, and pins 4, 5 and 6 shorted together.
3. In accordance with UL 1577, each optocoupler is proof tested by applying an insulation test voltage
≥ 4500 V
RMS for 1 second
(leakage detection current limit, II-O ≤ 5 µA).
4. Common transient immunity in a Logic High level is the maximum tolerable (positive) dVCM/dt on the rising edge of the
common mode pulse, VCM, to assure that the output will remain in a Logic High state (i.e., VO > 2.0 V). Common mode transient
immunity in a Logic Low level is the maximum tolerable (negative) dVCM/dt on the falling edge of the common mode pulse
signal, VCM, to assure that the output will remain in a Logic Low state (i.e., VO < 0.8 V).
5. In applications where dV/dt may exceed 50,000 V/
µs (such as static discharge) a series resistor, R
CC, should be included to
protect the detector IC from destructively high surge currents. The recommended value is RCC = 220 Ω.
6. Use of a 0.1
µF bypass capacitor connected between pins 4 and 6 is recommended.
Delay Time
to Logic
Low at
Output
Delay Time
to Logic
High at
Output


同様の部品番号 - HCPL-0701

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
HCPL-0701 FAIRCHILD-HCPL-0701 Datasheet
275Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
HCPL-0701 HP-HCPL-0701 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
HCPL-0701 FAIRCHILD-HCPL-0701 Datasheet
272Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL-0701 FAIRCHILD-HCPL-0701 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0701 AVAGO-HCPL-0701 Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers Low input current requirements ??0.5 mA
More results

同様の説明 - HCPL-0701

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
HCPLM700 ETC1-HCPLM700 Datasheet
95Kb / 8P
   Small Outline, 5 Lead, Low Input Current, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M700 AVAGO-HCPL-M700 Datasheet
420Kb / 9P
   Small Outline, 5 Lead, Low Input Current, High Gain Optocouplers Surface mountable
HCPL-M453-000E AVAGO-HCPL-M453-000E Datasheet
152Kb / 9P
   Small Outline, 5 Lead, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-M452 HP-HCPL-M452 Datasheet
89Kb / 8P
   Small Outline, 5 Lead, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-500E AVAGO-HCNW139-500E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-300E AVAGO-HCNW139-300E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
HCPL-0701-000E AVAGO-HCPL-0701-000E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
HCPL-0701-500E AVAGO-HCPL-0701-500E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
HCPL-M611-500E AVAGO-HCPL-M611-500E Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com