データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SC1509 データシート(PDF) 1 Page - Panasonic Semiconductor

部品番号 2SC1509
部品情報  Silicon NPN epitaxial planer type(For low-frequency driver amplification)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANASONIC [Panasonic Semiconductor]
ホームページ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC1509 データシート(HTML) 1 Page - Panasonic Semiconductor

  2SC1509 Datasheet HTML 1Page - Panasonic Semiconductor 2SC1509 Datasheet HTML 2Page - Panasonic Semiconductor 2SC1509 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Transistor
2SC1509
Silicon NPN epitaxial planer type
For low-frequency driver amplification
Complementary to 2SA777
s Features
q
High collector to emitter voltage VCEO.
q
Optimum for the driver stage of a low-frequency and 25 to 30W
output amplifier.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Emitter
2:Collector
3:Base
EIAJ:SC–51
TO–92L Package
5.9
±0.2
2.54
±0.15
0.7
±0.1
4.9
±0.2
0.45
+0.2
–0.1
1.27
1.27
0.45
+0.2
–0.1
13
2
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
80
80
5
1
0.5
1
150
–55 ~ +150
Unit
V
V
V
A
A
W
˚C
˚C
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter saturation voltage
Transition frequency
Collector output capacitance
Symbol
ICBO
VCBO
VCEO
VEBO
hFE1
*1
hFE2
VCE(sat)
VBE(sat)
fT
Cob
Conditions
VCB = 20V, IE = 0
IC = 10µA, IE = 0
IC = 100µA, IB = 0
IE = 10µA, IC = 0
VCE = 10V, IC = 150mA
*2
VCE = 5V, IC = 500mA
*2
IC = 300mA, IB = 30mA
*2
IC = 300mA, IB = 30mA
*2
VCB = 10V, IE = –50mA, f = 100MHz
VCB = 10V, IE = 0, f = 1MHz
min
80
80
5
130
50
typ
100
0.2
0.85
120
11
max
0.1
330
0.4
1.2
20
Unit
µA
V
V
V
V
V
MHz
pF
*1h
FE1 Rank classification
Rank
R
S
hFE1
130 ~ 220
185 ~ 330
*2 Pulse measurement


同様の部品番号 - 2SC1509

メーカー部品番号データシート部品情報
logo
New Jersey Semi-Conduct...
2SC1509 NJSEMI-2SC1509 Datasheet
86Kb / 1P
   Silicon NPN epitaxial planer type
More results

同様の説明 - 2SC1509

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
2SC4606 PANASONIC-2SC4606 Datasheet
48Kb / 3P
   Silicon NPN epitaxial planer type(For low-frequency driver amplification)
2SC1318A PANASONIC-2SC1318A Datasheet
45Kb / 3P
   Silicon NPN epitaxial planer type(For low-frequency driver amplification)
2SD968 PANASONIC-2SD968 Datasheet
38Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency driver amplification)
2SC3939 PANASONIC-2SC3939 Datasheet
47Kb / 3P
   Silicon NPN epitaxial planer type(For low-frequency driver amplification)
2SD1030 PANASONIC-2SD1030 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD1149 PANASONIC-2SD1149 Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD1458 PANASONIC-2SD1458 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency amplification)
2SC1383 PANASONIC-2SC1383 Datasheet
47Kb / 3P
   Silicon NPN epitaxial planer type(For low-frequency power amplification and driver amplification)
2SD1994A PANASONIC-2SD1994A Datasheet
69Kb / 3P
   Silicon NPN epitaxial planer type(For low-frequency power amplification and driver amplification)
2SC4208 PANASONIC-2SC4208 Datasheet
47Kb / 3P
   Silicon NPN epitaxial planer type(For low-frequency output amplification and driver amplification)
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com