データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

1N4728A データシート(PDF) 3 Page - Continental Device India Limited

部品番号. 1N4728A
部品情報  SILICON GLASS PASSIVATED 1.0 WATT ZENER DIODES
ダウンロード  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  CDIL [Continental Device India Limited]
ホームページ  http://www.cdilsemi.com
Logo 

1N4728A Datasheet(HTML) 3 Page - Continental Device India Limited

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1N4728A to 1N4762A
3.3V to 82V
DO-41
Glass Axial Package
DO-41 Glass Axial Package
DO-41, 52mm Taping Specification
On request also available in 26 mm Tape and Ammo Pack
AA
B
DIM
MIN
MAX
A
27.90
B
4.06
5.51
C
0.71
0.87
D
2.03
2.72
NOTES
1. Cathode is marked by Band.
2. All dimensions are in mm.
1.5 R MAX.
5.50
4.50
52.0
48.0
11 DIODES
All dimensions in mm.
LABEL
255
.0 m
m
TAPES
LEADER
6.0 ±1.0
±1.0
±2.0
52.0
6.0
FEE
D
52 mm Taping Specification
T & A indicates Axil Tape & Ammo packing (52 mm
Tape Spacing).
300 mm (min) leader tape on every spool.
No. of empty places allowed 0.25% without
consecutive empty places.
Ends of leads shall preferably not protrude beyond
the tapes.
5.
tapes so that they can not come free in normal
handling.
DO-41:- 2500 pcs./Ammo Pack
DIODE AMMO PACK
73.5
mm
Components shall be held sufficiently in the tape or
4.
3.
2.
1.
DO-41 T&A
2.5K/ammo box 1.04 kg/2.5K pcs 10" x 3.5" x 3.5"
2.5K
12.7" x 12.7" x 20"
62.5K
30 kgs
PACKAGE
Net Weight/Qty
Details
STANDARD PACK
INNER CARTON BOX
Qty
OUTER CARTON BOX
Qty
Gr Wt
Size
Size
Packing Detail
Continental Device India Limited
Data Sheet
Page 3 of 4


Html ページ

1  2  3  4 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
ZY75SILICON GLASS PASSIVATED 2.0 WATT ZENER DIODES 1 2 3 Continental Device India Limited
1N4728AOne Watt Hermetically Sealed Glass Silicon Zener Diodes 1 2 3 4 5 MoreMotorola, Inc
MZP4739A1.0 WATT SURMETIC 30 SILICON ZENER DIODES 1 2 3 4 Motorola, Inc
1N38211.0 WATT METAL SILICON ZENER DIODES 1 2 3 4 5 MoreMotorola, Inc
1EZ110D51.0 W Silicon Zener Diodes 100 to 200 Volts 1 2 3 Micro Commercial Components
BZX55C2V4TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES 1 2 Dc Components
3EZ11GLASS PASSIVATED JUNCTION SILICON ZENER DIODES VOLTAGE- 11 to 200 Volts Power - 3.0 Watts 1 2 3 4 Pan Jit International Inc.
SMBJ4742SILICON 2.0 Watt ZENER DIODES 1 2 3 Microsemi Corporation
GP4004 AMP HIGH RELIABILITY SOFT GLASS PASSIVATED SILICON DIODES 1 2 DIOTEC Electronics Corporation
DL4728ATECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES 1 2 Dc Components

リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn