データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD1836ACS データシート(PDF) 8 Page - Analog Devices

部品番号 AD1836ACS
部品情報  Multichannel 96 kHz Codec
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD1836ACS データシート(HTML) 8 Page - Analog Devices

Back Button AD1836ACS Datasheet HTML 4Page - Analog Devices AD1836ACS Datasheet HTML 5Page - Analog Devices AD1836ACS Datasheet HTML 6Page - Analog Devices AD1836ACS Datasheet HTML 7Page - Analog Devices AD1836ACS Datasheet HTML 8Page - Analog Devices AD1836ACS Datasheet HTML 9Page - Analog Devices AD1836ACS Datasheet HTML 10Page - Analog Devices AD1836ACS Datasheet HTML 11Page - Analog Devices AD1836ACS Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD1836A
ABSOLUTE MAXIMUM RATINGS
Table 8. AD1836A Absolute Maximum Ratings
Parameter
Min
Max
Unit
Analog (AVDD)
–0.3
+6
V
Digital (DVDD)
–0.3
+6
V
Input Current (Except Supply Pins)
±20
mA
Analog Input Voltage (Signal Pins)
–0.3
AVDD + 0.3
V
Digital Input Voltage (Signal Pins)
–0.3
DVDD + 0.3
V
Ambient Temperature (Operating)
–40
+85
°C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other condition s above those indicated in the operational section of this specification is
not implied. Exposure to absolute maximum rating conditions may affect device reliability.
Table 9. Package Characteristics
Parameter
Min
Typ
Max
Unit
θ
JA
(Thermal Resistance [Junction to Ambient])
45
°C/W
θ
JC
(Thermal Resistance [Junction to Case])
18
°C/W
Rev. 0 | Page 8 of 24


同様の部品番号 - AD1836ACS

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1836ACSZ AD-AD1836ACSZ Datasheet
312Kb / 24P
   Multichannel 96 kHz Codec
REV. A
More results

同様の説明 - AD1836ACS

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1836 AD-AD1836_15 Datasheet
884Kb / 18P
   Multichannel 96 kHz Codec
REV. PrC
AD1836A AD-AD1836A_15 Datasheet
312Kb / 24P
   Multichannel 96 kHz Codec
REV. A
AD1836AASZ AD-AD1836AASZ Datasheet
312Kb / 24P
   Multichannel 96 kHz Codec
REV. A
AD1836 AD-AD1836 Datasheet
878Kb / 18P
   Multichannel 96 kHz Codec
logo
Texas Instruments
TLC320AD77 TI1-TLC320AD77 Datasheet
397Kb / 33P
[Old version datasheet]   24-Bit 96 kHz Stereo Audio Codec
logo
Cirrus Logic
CS4228A CIRRUS-CS4228A_03 Datasheet
672Kb / 32P
   24-Bit, 96 kHz Surround Sound Codec
logo
Texas Instruments
TLC320AD77C TI-TLC320AD77C Datasheet
215Kb / 31P
[Old version datasheet]   24-BIT 96 kHz STEREO AUDIO CODEC
PCM3060 TI1-PCM3060_15 Datasheet
1Mb / 49P
[Old version datasheet]   96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
logo
Cirrus Logic
CS4228 CIRRUS-CS4228 Datasheet
487Kb / 30P
   24-Bit, 96 kHz Surround Sound Codec?
CS4228A CIRRUS-CS4228A Datasheet
518Kb / 32P
   24-Bit, 96 kHz Surround Sound Codec?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com