データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM50-0003TR データシート(PDF) 1 Page - Tyco Electronics

部品番号 AM50-0003TR
部品情報  High Dynamic Range Low Noise Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

AM50-0003TR データシート(HTML) 1 Page - Tyco Electronics

  AM50-0003TR Datasheet HTML 1Page - Tyco Electronics AM50-0003TR Datasheet HTML 2Page - Tyco Electronics AM50-0003TR Datasheet HTML 3Page - Tyco Electronics AM50-0003TR Datasheet HTML 4Page - Tyco Electronics AM50-0003TR Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
High Dynamic Range Low Noise Amplifier
800 - 1000 MHz
AM50-0003
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V4
1
Features
• Low Noise Figure: 1.2 dB
• High Input: +18 dBm at 8 V, 60 mA bias
+6.5 dBm at 3 V, 20 mA bias
• High Gain: 15 dB
• Single Supply: +3 to +8 VDC
• Low Cost SOIC-8 Plastic Package
• Adjustable current: 20 to 80 mA with external
resistor
Description
M/A-COM’s AM50-0003 is a high dynamic range,
GaAs MMIC, low noise amplifier in a low cost, SOIC
8-Lead, surface mount, plastic package. It employs
ex t e r n al
i n put
mat c h i ng
t o
ob t a i n
optimum noise figure performance and operating
frequency
flexibility.
The
AM50-0003
also
features flexible biasing to control the current
consumption vs. dynamic range trade-off.
The
AM50-0003 can operate from any supply voltage in
the 3V to 8V range.
Its current can be
controlled over a range of 20 mA to 80 mA with an
external resistor.
The AM50-0003 is ideally suited for use where low
noise figure, high gain, high dynamic range, and low
power
consumption
are
required.
Typical
applications include receiver front ends in AMPS,
GSM, and ETACS base stations. It is also useful as
a gain block, buffer, driver, and IF amplifier in both
fixed and portable cellular and 900 MHz ISM
systems.
The AM50-0003 is fabricated using a low-cost 0.5-
micron gate length GaAs process.
The process
features full passivation for increased performance
reliability. The AM50-0003 is 100% RF tested to
ensure performance specification compliance.
Pin Configuration
Pin No.
Pin
Name
Description
1
GND
RF and DC Ground
2
REXT
External Current Control (optional)
3
RF IN
RF Input of the amplifier
4
GND
RF and DC Ground
5
GND
RF and DC Ground
6
RF OUT
RF Output of the amplifier
7
VDD
Positive supply voltage
8
GND
RF and DC Ground
Ordering Information
Part Number
Package
AM50-0003
Bulk Packaging
AM50-0003TR
1000 piece reel
AM50-0003SMB
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
Absolute Maximum Ratings 1
Parameter
Absolute Maximum
VDD
+10 VDC
Input Power
+17 dBm
Current2
120 mA
Channel Temperature3
+150°C
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
1. Exceeding any one or combination of these limits may cause
permanent damage.
2. When pin #2 is used to increase current. (see note 6)
3. Thermal resistance (
θjc) = +88°C/W
Functional Block Diagram
GND
R
EXT
RF IN
GND
GND
RF OUT
V
DD
GND


同様の部品番号 - AM50-0003TR

メーカー部品番号データシート部品情報
logo
Tyco Electronics
AM50-0003TR MACOM-AM50-0003TR Datasheet
318Kb / 4P
   High Dynamic Range Low Noise Amplifier 800-1000 MHz
logo
M/A-COM Technology Solu...
AM50-0003TR MA-COM-AM50-0003TR Datasheet
211Kb / 5P
   High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
More results

同様の説明 - AM50-0003TR

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
   High Dynamic Range Low Noise Amplifier
logo
Tyco Electronics
AM50-0004V6 MACOM-AM50-0004V6 Datasheet
256Kb / 5P
   High Dynamic Range Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAL-008091 MA-COM-MAAL-008091_15 Datasheet
775Kb / 6P
   High Dynamic Range Low Noise Amplifier
MAAL-008091 MA-COM-MAAL-008091 Datasheet
169Kb / 5P
   High Dynamic Range Low Noise Amplifier
MAAL-008624 MA-COM-MAAL-008624 Datasheet
166Kb / 4P
   High Dynamic Range Low Noise Amplifier
MAAL-008624 MA-COM-MAAL-008624_15 Datasheet
769Kb / 5P
   High Dynamic Range Low Noise Amplifier
MAAMSS0045 MA-COM-MAAMSS0045_15 Datasheet
876Kb / 7P
   High Dynamic Range Low Noise Amplifier
logo
ATMEL Corporation
ATR4251 ATMEL-ATR4251_09 Datasheet
433Kb / 21P
   Low-noise, High-dynamic-range Antenna Amplifier IC
logo
M/A-COM Technology Solu...
AM50-0004 MA-COM-AM50-0004 Datasheet
147Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com