データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMV931IDCKT データシート(PDF) 11 Page - Texas Instruments

部品番号 LMV931IDCKT
部品情報  1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LMV931IDCKT データシート(HTML) 11 Page - Texas Instruments

Back Button LMV931IDCKT Datasheet HTML 7Page - Texas Instruments LMV931IDCKT Datasheet HTML 8Page - Texas Instruments LMV931IDCKT Datasheet HTML 9Page - Texas Instruments LMV931IDCKT Datasheet HTML 10Page - Texas Instruments LMV931IDCKT Datasheet HTML 11Page - Texas Instruments LMV931IDCKT Datasheet HTML 12Page - Texas Instruments LMV931IDCKT Datasheet HTML 13Page - Texas Instruments LMV931IDCKT Datasheet HTML 14Page - Texas Instruments LMV931IDCKT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
LMV931 SINGLE, LMV932 DUAL, LMV934 QUAD
1.8V OPERATIONAL AMPLIFIERS
WITH RAILTORAIL INPUT AND OUTPUT
SLOS441F − AUGUST 2004 − REVISED FEBRUARY 2005
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL PERFORMANCE CHARACTERISTICS
Unless Otherwise Specified, VCC+ = 5 V, Single Supply, TA = 255C
OUTPUT VOLTAGE SWING
vs
SUPPLY VOLTAGE
Figure 5
0
20
40
60
80
100
120
140
01
2
3
4
5
6
Supply Voltage − V
RL = 600 Ω
Negative Swing
Positive Swing
Figure 6
0
5
10
15
20
25
30
35
40
45
01
2
3
4
5
6
Supply Voltage − V
OUTPUT VOLTAGE SWING
vs
SUPPLY VOLTAGE
RL = 2 kΩ
Negative Swing
Positive Swing
Figure 7
SHORT-CIRCUIT CURRENT (SINK)
vs
TEMPERATURE
0
20
40
60
80
100
120
140
160
−40
−20
0
20
40
60
80
100
120
5-V Sink
2.7-V Sink
1.8-V Sink
Temperature −
°C
Figure 8
0
20
40
60
80
100
120
140
160
−40
−20
0
20
40
60
80
100
120
SHORT-CIRCUIT CURRENT (SOURCE)
vs
TEMPERATURE
5-V Source
2.7-V Source
1.8-V Source
Temperature −
°C


同様の部品番号 - LMV931IDCKT

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMV931IDCKR TI-LMV931IDCKR Datasheet
514Kb / 27P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931IDCKRE4 TI-LMV931IDCKRE4 Datasheet
514Kb / 27P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931IDCKRG4 TI-LMV931IDCKRG4 Datasheet
514Kb / 27P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
More results

同様の説明 - LMV931IDCKT

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMV931-Q1 TI1-LMV931-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931IDBVRG4 TI-LMV931IDBVRG4 Datasheet
514Kb / 27P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV981 TI-LMV981 Datasheet
611Kb / 22P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL AND OUTPUT AND SHUTDOWN
logo
STMicroelectronics
TS185X STMICROELECTRONICS-TS185X Datasheet
427Kb / 24P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
March 2010 Rev 4
TS187X STMICROELECTRONICS-TS187X Datasheet
1Mb / 25P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
November 2012 Rev 7
logo
Texas Instruments
LMV981 TI1-LMV981_15 Datasheet
1Mb / 26P
[Old version datasheet]   LMV981 SINGLE, LMV982 DUAL 1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT AND SHUTDOWN
logo
Analog Devices
OP196 AD-OP196_02 Datasheet
287Kb / 16P
   Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. C
OP184 AD-OP184_06 Datasheet
508Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
OP284 AD-OP284_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
OP184 AD-OP184_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com