データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMV932IDR データシート(PDF) 2 Page - Texas Instruments

部品番号 LMV932IDR
部品情報  1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LMV932IDR データシート(HTML) 2 Page - Texas Instruments

  LMV932IDR Datasheet HTML 1Page - Texas Instruments LMV932IDR Datasheet HTML 2Page - Texas Instruments LMV932IDR Datasheet HTML 3Page - Texas Instruments LMV932IDR Datasheet HTML 4Page - Texas Instruments LMV932IDR Datasheet HTML 5Page - Texas Instruments LMV932IDR Datasheet HTML 6Page - Texas Instruments LMV932IDR Datasheet HTML 7Page - Texas Instruments LMV932IDR Datasheet HTML 8Page - Texas Instruments LMV932IDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LMV931 SINGLE, LMV932 DUAL, LMV934 QUAD
1.8V OPERATIONAL AMPLIFIERS
WITH RAILTORAIL INPUT AND OUTPUT
SLOS441F − AUGUST 2004 − REVISED FEBRUARY 2005
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description/ordering information (continued)
The LMV93x devices are low-voltage, low-power, operational amplifiers that are well suited for today’s
low-voltage and/or portable applications. Specified for operation of 1.8 V to 5 V, they can be used in portable
applications that are powered from a single-cell Li-ion or two-cell batteries. They have rail-to-rail input and output
capability for maximum signal swings in low-voltage applications. The LMV93x input common-mode voltage
extends 200 mV beyond the rails for increased flexibility. The output can swing rail-to-rail unloaded and typically
can reach 80 mV from the rails, while driving a 600-
Ω load (at 1.8-V operation).
During 1.8-V operation, the devices typically consume a quiescent current of 103
mA per channel, and yet they
are able to achieve excellent electrical specifications, such as 101-dB open-loop DC gain and 1.4-MHz gain
bandwidth. Furthermore, the amplifiers offer good output drive characteristics, with the ability to drive a 600-
load and 1000-pF capacitance with minimal ringing.
The LMV93x devices are offered in the latest packaging technology to meet the most demanding
space-constraint applications. The LMV931 is offered in standard SOT-23 and SC-70 packages. The LMV932
is available in the traditional MSOP and SOIC packages. The LMV934 is available in the traditional SOIC and
TSSOP packages.
The LMV93x devices are characterized for operation from −40
°C to 125°C, making the part universally suited
for commercial, industrial, and automotive applications.
simplified schematic
IN+
IN−
VBIAS1
Class AB
Control
VCC+
OUT
VCC−
Q1
Q4
Q3
Q2
M3
M4
I4
I3
M7
M8
M8
M6
M5
I2
I1
M2
M1
VBIAS2
IP
IN


同様の部品番号 - LMV932IDR

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMV932IDR TI-LMV932IDR Datasheet
514Kb / 27P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV932IDRE4 TI-LMV932IDRE4 Datasheet
514Kb / 27P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV932IDRG4 TI-LMV932IDRG4 Datasheet
514Kb / 27P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
More results

同様の説明 - LMV932IDR

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMV931-Q1 TI1-LMV931-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931IDBVRG4 TI-LMV931IDBVRG4 Datasheet
514Kb / 27P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV981 TI-LMV981 Datasheet
611Kb / 22P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL AND OUTPUT AND SHUTDOWN
logo
STMicroelectronics
TS185X STMICROELECTRONICS-TS185X Datasheet
427Kb / 24P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
March 2010 Rev 4
TS187X STMICROELECTRONICS-TS187X Datasheet
1Mb / 25P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
November 2012 Rev 7
logo
Texas Instruments
LMV981 TI1-LMV981_15 Datasheet
1Mb / 26P
[Old version datasheet]   LMV981 SINGLE, LMV982 DUAL 1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT AND SHUTDOWN
logo
Analog Devices
OP196 AD-OP196_02 Datasheet
287Kb / 16P
   Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. C
OP184 AD-OP184_06 Datasheet
508Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
OP284 AD-OP284_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
OP184 AD-OP184_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com