データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SC4505 データシート(PDF) 1 Page - Rohm

部品番号 2SC4505
部品情報  Power Transistor (400V, 0.1A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

2SC4505 データシート(HTML) 1 Page - Rohm

  2SC4505 Datasheet HTML 1Page - Rohm 2SC4505 Datasheet HTML 2Page - Rohm 2SC4505 Datasheet HTML 3Page - Rohm 2SC4505 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC4505 / 2SC4620
Transistors
Rev.B
1/3
Power Transistor (400V, 0.1A)
2SC4505 / 2SC4620
Features
1) High breakdown voltage. (BVCEO = 400V)
2) Low saturation voltage,
typically VCE (sat)= 0.05V at IC / IB = 10mA / 1mA.
3) High switching speed, typically tf = 1.7
µs at Ic =100mA.
4) Complements the 2SC4505 and the 2SA1759.
Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
Limits
400
400
7
0.1
0.5
150
−55 to +150
Unit
V
V
V
A(DC)
0.2
A(Pulse)
W
W
W
1
2
3
2
1
2SC4505
2SC4620
°C
°C
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
1 Single pulse, Pw=20ms, Duty=1/2
2 When mounted on a 40×40×0.7mm ceramic board.
3 When t=1.7mm and the foll collector area on the PC board is 1cm2 or greater.
External dimensions (Unit : mm)
Taping specifications
ATV
(1)Emitter
(2)Collector
(3)Base
0.45
1.05
0.5
(1)
0.65Max.
2.54
(2)
2.54
(3)
6.8
2.5
MPT3
(1)Base
(2)Collector
(3)Emitter
1.5
0.4
1.6
0.5
3.0
0.4
0.4
1.5
1.5
(3)
(2)
(1)
4.5
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
BVCBO
BVCEO
BVEBO
ICBO
IEBO
VCE(sat)
hFE
fT
Cob
400
400
7
82
0.05
20
7
10
10
0.5
270
V
V
V
µA
µA
V
MHz
pF
IC
=50µA
IC
=1mA
IE
=50µA
VCB
=400V
VEB
=6V
IC/IB
=10mA/1mA
VBE(sat)
−−
1.5
V
IC/IB
=10mA/1mA
VCE
=10V , IC=10mA
VCE
=10V , IE=−10mA , f=10MHz
VCB
=10V , IE=0A , f=1MHz
ton
1
−µsIC=−100mA RL=1.5kΩ
tstg
5.5
−µsIB1=−IB2=10mA
tf
1.7
−µsVCC~−150V
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
DC current transfer ratio
Transition frequency
Output capacitance
Base-emitter saturation voltage
Turn-on time
Storage time
Fall time
Packaging specifications and hFE
Type
2SC4505
MPT3
PQ
1000
T100
CE
2SC4620
ATV
PQ
2500
TV2
Denotes hFE
Package
hFE
Basic
ordering unit (pieces)
Code
Marking


同様の部品番号 - 2SC4505

メーカー部品番号データシート部品情報
logo
Guangdong Kexin Industr...
2SC4505 KEXIN-2SC4505 Datasheet
51Kb / 2P
   NPN Epitaxial Planar Silicon Transistors
logo
Rohm
2SC4505 ROHM-2SC4505 Datasheet
73Kb / 4P
   Power Transistor (400V, 0.1A)
2SC4505 ROHM-2SC4505 Datasheet
49Kb / 1P
   High-Coltage Switching Transistor
logo
SHIKUES Electronics
2SC4505 SKTECHNOLGY-2SC4505 Datasheet
951Kb / 2P
   NPN Epitaxial Planar Silicon Transistors
2SC4505P SKTECHNOLGY-2SC4505P Datasheet
951Kb / 2P
   NPN Epitaxial Planar Silicon Transistors
More results

同様の説明 - 2SC4505

メーカー部品番号データシート部品情報
logo
Rohm
2SC4505 ROHM-2SC4505_07 Datasheet
73Kb / 4P
   Power Transistor (400V, 0.1A)
2SD2568 ROHM-2SD2568 Datasheet
64Kb / 3P
   Power Transistor (400V, 0.5A)
logo
Diodes Incorporated
FZT958 DIODES-FZT958_16 Datasheet
716Kb / 7P
   400V PNP MEDIUM POWER TRANSISTOR
logo
Rohm
2SCR523M ROHM-2SCR523M Datasheet
173Kb / 3P
   General purpose transistor(50V,0.1A)
logo
Mospec Semiconductor
2SC4242 MOSPEC-2SC4242 Datasheet
120Kb / 3P
   POWER TRANSISTOR(7A,400V,40W)
logo
Rohm
2SC4061K ROHM-2SC4061K Datasheet
78Kb / 4P
   Chroma Amplifier Transistor (300V, 0.1A)
2SC4061K ROHM-2SC4061K_09 Datasheet
169Kb / 4P
   Chroma amplifier transistor (300V, 0.1A)
2SAR523M ROHM-2SAR523M Datasheet
172Kb / 3P
   General purpose transistor(-50V,-0.1A)
2SC4061KT146N ROHM-2SC4061KT146N Datasheet
100Kb / 4P
   Chroma amplifier transistor (300V, 0.1A)
2SAR340Q ROHM-2SAR340Q Datasheet
1Mb / 8P
   PNP -100mA -400V Middle Power Transistor
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com