データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EMI803X データシート(PDF) 7 Page - ON Semiconductor

部品番号 EMI803X
部品情報  Common Mode Filter with ESD Protection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EMI803X データシート(HTML) 7 Page - ON Semiconductor

  EMI803X Datasheet HTML 1Page - ON Semiconductor EMI803X Datasheet HTML 2Page - ON Semiconductor EMI803X Datasheet HTML 3Page - ON Semiconductor EMI803X Datasheet HTML 4Page - ON Semiconductor EMI803X Datasheet HTML 5Page - ON Semiconductor EMI803X Datasheet HTML 6Page - ON Semiconductor EMI803X Datasheet HTML 7Page - ON Semiconductor EMI803X Datasheet HTML 8Page - ON Semiconductor EMI803X Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
EMI803x Series
www.onsemi.com
7
PACKAGE DIMENSIONS
XDFN6, 1.50x1.35, 0.5P
CASE 711AY
ISSUE O
DIM
MIN
MAX
MILLIMETERS
A
A1
0.00
0.05
A3
b
0.15
0.25
D
1.50 BSC
E
1.35 BSC
e
0.50 BSC
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSIONS b APPLIES TO PLATED
TERMINAL AND IS MEASURED BETWEEN
0.15 AND 0.30 MM FROM TERMINAL TIP.
0.15 REF
b
L
PIN 1
1
4
3
D
E
B
A
C
0.10
C
0.10
2X
2X
6
e
3X
6X
NOTE 3
A
A1
(A3)
SEATING
PLANE
C
0.08
C
0.10
0.40
0.50
L
0.35
0.55
REFERENCE
TOP VIEW
SIDE VIEW
BOTTOM VIEW
0.32
0.86
1.55
0.50
DIMENSIONS: MILLIMETERS
MOUNTING FOOTPRINT
5X
RECOMMENDED
DETAIL A
B
A
C
C
M
0.10
M
0.05
L1
---
0.15
DETAIL B
3X
0.51
DETAIL B
MOLD CMPD
EXPOSED Cu
ALTERNATE
CONSTRUCTION
6X
C
PITCH
1
L2
0.65
0.85
L3
0.15 REF
L3
L2
3X
L1
DETAIL A
L
ALTERNATE
CONSTRUCTIONS
L
0.56
3X


同様の部品番号 - EMI803X

メーカー部品番号データシート部品情報
logo
ON Semiconductor
EMI8041 ONSEMI-EMI8041 Datasheet
465Kb / 10P
   Common Mode Filter
November, 2015 ??Rev. P2
EMI8041 ONSEMI-EMI8041 Datasheet
628Kb / 10P
   Common Mode Filter with ESD Protection
August, 2020 ??Rev. 0
EMI8041BMUTAG ONSEMI-EMI8041BMUTAG Datasheet
628Kb / 10P
   Common Mode Filter with ESD Protection
August, 2020 ??Rev. 0
EMI8041MUTAG ONSEMI-EMI8041MUTAG Datasheet
628Kb / 10P
   Common Mode Filter with ESD Protection
August, 2020 ??Rev. 0
EMI8042 ONSEMI-EMI8042 Datasheet
465Kb / 10P
   Common Mode Filter
November, 2015 ??Rev. P2
More results

同様の説明 - EMI803X

メーカー部品番号データシート部品情報
logo
ON Semiconductor
EMI4183MU ONSEMI-EMI4183MU Datasheet
876Kb / 10P
   Common Mode Filter with ESD Protection
July, 2012 ??Rev. P1
EMI4183MUTAG ONSEMI-EMI4183MUTAG Datasheet
875Kb / 10P
   Common Mode Filter with ESD Protection
March, 2013 ??Rev. 0
EMI4182MUTAG ONSEMI-EMI4182MUTAG Datasheet
827Kb / 10P
   Common Mode Filter with ESD Protection
March, 2013 ??Rev. 0
EMI4192 ONSEMI-EMI4192_13 Datasheet
761Kb / 9P
   Common Mode Filter with ESD Protection
April, 2013 ??Rev. 2
EMI4193 ONSEMI-EMI4193_16 Datasheet
717Kb / 9P
   Common Mode Filter with ESD Protection
March, 2016 ??Rev. 1
EMI4163MU ONSEMI-EMI4163MU Datasheet
880Kb / 11P
   Common Mode Filter with ESD Protection
March, 2013 ??Rev. 0
EMI4183 ONSEMI-EMI4183 Datasheet
874Kb / 10P
   Common Mode Filter with ESD Protection
May, 2011 ??Rev. 0
EMI4172 ONSEMI-EMI4172 Datasheet
776Kb / 10P
   Common Mode Filter with ESD Protection
October, 2012 ??Rev. 0
logo
STMicroelectronics
ECMF02-3F3 STMICROELECTRONICS-ECMF02-3F3 Datasheet
449Kb / 12P
   Common mode filter with ESD protection
December 2013 Rev 3
logo
ON Semiconductor
EMI2180 ONSEMI-EMI2180 Datasheet
219Kb / 7P
   Common Mode Filter with ESD Protection
April, 2014 ??Rev. 2
EMI4192 ONSEMI-EMI4192 Datasheet
1Mb / 9P
   Common Mode Filter with ESD Protection
March, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com