データシートサーチシステム |
|
SDF-0.63-2000 データシート(PDF) 1 Page - Nuvotem Talema |
|
SDF-0.63-2000 データシート(HTML) 1 Page - Nuvotem Talema |
1 / 3 page SD Series • High Efficiency Storage Chokes SDSeriesstoragechokesprovideexcellentefficiencyandfieldmodulation when used as loading coils for interim energy storage with switch mode power supplies. The use of MPP cores allows compact size, a highly stable inductance over a wide bias current range and high "Q" with operating frequencies to 200kHz. Features • Operating frequency to 200kHz • Small size and high "Q" • Highly stable inductance with changing bias current • Fully encapsulated styles available meeting class GFK (-40°C to +125°C, humidity class F) per DIN 40040. • Manufactured in ISO-9000 approved factory Electrical Specifications at 25°C r e b m u N t r a P I C D s p m A . p y T ) H µ ( L d e t a R @ t n e r r u C L O ) H µ ( % 5 1 ± d a o L o N R C D s m h O m l a c i p y T y g r e n E e g a r o t S ) J µ ( 1 c i t a m e h c S 2 e z i S l i o C . t H x . D . O ) b x a ( g n i s u o H e d o C e z i S e l y t S g n i t n u o M e l y t S g n i t n u o Md Ø s l a n i m r e T OF V F V O F V 0 0 4 - 3 6 . 0 - _ _ D S 3 6 . 0 0 0 44 7 47 3 59 71 1 1 7 x 5 17 10 20 5 2 . 00 0 6 . 00 0 8 . 0 0 0 5 - 3 6 . 0 - _ _ D S0 0 50 2 60 7 69 91 1 1 7 x 5 17 10 20 5 2 . 00 0 6 . 00 0 8 . 0 0 3 6 - 3 6 . 0 - _ _ D S0 3 60 2 83 6 52 11 1 1 7 x 5 17 10 20 8 2 . 00 0 6 . 00 0 8 . 0 0 0 0 1 - 3 6 . 0 - _ _ D S0 0 0 17 5 1 10 5 68 9 11 1 1 9 x 9 12 25 20 0 3 . 00 0 6 . 00 0 8 . 0 0 0 0 2 - 3 6 . 0 - _ _ D S0 0 0 25 9 6 22 9 97 9 31 1 1 9 x 0 22 25 20 0 3 . 00 0 6 . 00 0 8 . 0 0 0 5 2 - 3 6 . 0 - _ _ D S0 0 5 20 8 0 30 3 76 9 41 1 1 2 1 x 6 29 20 30 0 4 . 00 0 6 . 00 0 8 . 0 0 0 0 4 - 3 6 . 0 - _ _ D S0 0 0 45 2 6 50 0 0 14 9 71 1 1 2 1 x 6 29 20 30 0 4 . 00 0 6 . 00 0 8 . 0 0 0 0 6 - 3 6 . 0 - _ _ D S0 0 0 60 0 6 70 5 1 11 9 1 11 1 1 5 1 x 0 32 35 30 4 . 00 0 6 . 00 0 8 . 0 0 5 2 - 0 . 1 - _ _ D S 0 . 1 0 5 23 2 34 5 35 2 11 1 1 7 x 5 17 10 25 5 3 . 00 0 6 . 00 0 8 . 0 0 0 5 - 0 . 1 - _ _ D S0 0 50 8 50 1 20 5 21 1 1 9 x 9 12 25 20 5 4 . 00 0 6 . 00 0 8 . 0 0 0 0 1 - 0 . 1 - _ _ D S0 0 0 10 5 2 10 9 20 0 51 1 1 2 1 x 6 29 20 30 0 5 . 00 0 6 . 00 0 8 . 0 0 0 5 2 - 0 . 1 - _ _ D S0 0 5 20 6 1 40 5 50 5 2 11 1 1 2 1 x 6 29 20 30 0 5 . 00 0 6 . 00 0 8 . 0 0 0 0 4 - 0 . 1 - _ _ D S0 0 0 40 7 9 50 2 80 0 0 21 1 1 5 1 x 0 32 35 30 5 4 . 00 0 6 . 00 0 8 . 0 0 0 0 6 - 0 . 1 - _ _ D S0 0 0 60 6 2 90 7 90 0 0 31 R 21 5 1 x 7 32 40 40 0 5 . 00 0 5 . 00 0 8 . 0 0 6 1 - 6 . 1 - _ _ D S 6 . 1 0 6 11 5 27 2 15 0 21 1 1 7 x 5 17 10 20 0 5 . 00 0 8 . 00 0 8 . 0 5 1 3 - 6 . 1 - _ _ D S5 1 33 4 49 8 28 0 41 1 1 8 x 9 12 25 25 5 3 . 00 0 8 . 00 0 8 . 0 0 0 4 - 6 . 1 - _ _ D S0 0 43 1 66 6 22 0 51 1 1 9 x 9 12 25 20 0 4 . 00 0 8 . 00 0 8 . 0 0 0 5 - 6 . 1 - _ _ D S0 0 55 9 65 1 10 4 61 1 1 2 1 x 6 29 20 30 1 7 . 00 0 8 . 00 0 8 . 0 0 0 0 1 - 6 . 1 - _ _ D S0 0 0 10 9 2 15 9 10 8 2 11 R 21 5 1 x 0 32 35 30 3 6 . 00 3 6 . 00 0 8 . 0 0 0 5 2 - 6 . 1 - _ _ D S0 0 5 20 7 6 30 8 30 0 2 31 1 1 5 1 x 7 32 40 40 3 6 . 00 0 8 . 00 0 8 . 0 0 0 0 4 - 6 . 1 - _ _ D S0 0 0 40 4 4 50 5 40 4 1 51 1 - -8 1 x 4 49 4- -0 3 6 . 00 0 8 . 0- - 3 6 - 0 . 2 - _ _ D S 0 . 2 3 61 87 86 2 11 1 1 6 x 4 17 10 20 0 4 . 00 0 8 . 00 0 8 . 0 0 0 1 - 0 . 2 - _ _ D S0 0 15 1 11 6 10 0 21 1 1 8 x 9 12 25 25 5 3 . 00 0 8 . 00 0 8 . 0 5 1 3 - 0 . 2 - _ _ D S5 1 32 2 48 6 10 5 61 1 1 9 x 5 29 20 30 0 8 . 00 0 8 . 00 0 8 . 0 0 3 6 - 0 . 2 - _ _ D S0 3 65 8 80 2 10 6 2 11 1 1 2 1 x 6 29 20 30 5 7 . 00 0 8 . 00 0 8 . 0 0 0 0 1 - 0 . 2 - _ _ D S0 0 0 17 8 3 15 4 10 0 0 21 1 1 5 1 x 0 32 45 30 5 7 . 00 0 8 . 00 0 8 . 0 0 0 6 1 - 0 . 2 - _ _ D S0 0 6 10 2 4 20 0 20 0 2 31 1 1 5 1 x 7 32 40 40 0 8 . 00 0 8 . 00 0 8 . 0 0 0 5 2 - 0 . 2 - _ _ D S0 0 5 20 4 2 33 1 30 0 0 51 1 - -0 2 x 6 49 4- -0 5 8 . 00 5 8 . 0- - 3 6 - 5 . 2 - _ _ D S 5 . 2 3 69 92 67 9 11 1 1 6 x 4 17 10 20 0 5 . 00 0 8 . 00 0 8 . 0 0 0 1 - 5 . 2 - _ _ D S0 0 19 2 12 2 12 1 31 1 1 8 x 9 12 25 20 0 4 . 00 0 8 . 00 0 8 . 0 0 6 1 - 5 . 2 - _ _ D S0 6 11 4 22 3 19 8 41 1 1 8 x 9 12 25 20 5 4 . 00 0 8 . 00 0 8 . 0 0 0 2 - 5 . 2 - _ _ D S0 0 25 7 20 70 3 61 R 21 2 1 x 6 29 20 30 5 7 . 00 5 7 . 00 0 8 . 0 0 0 4 - 5 . 2 - _ _ D S0 0 40 9 70 2 10 5 2 11 R 21 2 1 x 6 29 20 30 1 7 . 00 1 7 . 00 0 8 . 0 0 0 0 1 - 5 . 2 - _ _ D S0 0 0 11 2 5 15 2 15 2 1 31 R 21 6 1 x 9 32 45 40 5 9 . 00 5 9 . 00 0 0 . 1 3 6 - 5 1 . 3 - _ _ D S 5 1 . 3 3 60 82 62 1 31 1 1 8 x 9 12 25 20 0 5 . 00 0 8 . 00 0 8 . 0 0 0 1 - 5 1 . 3 - _ _ D S0 0 17 5 10 68 9 41 1 1 8 x 9 12 25 20 0 6 . 00 0 8 . 00 0 8 . 0 0 6 1 - 5 1 . 3 - _ _ D S0 6 14 3 26 84 9 71 1 1 0 1 x 5 29 20 30 0 6 . 00 0 8 . 00 0 8 . 0 0 5 2 - 5 1 . 3 - _ _ D S0 5 20 7 55 80 4 2 11 P 21 2 1 x 6 29 20 30 6 5 . 00 6 5 . 00 0 8 . 0 0 3 6 - 5 1 . 3 - _ _ D S0 3 62 2 1 10 1 15 2 1 31 R 21 5 1 x 7 32 40 40 0 9 . 00 0 9 . 00 0 9 . 0 THE TALEMA GROUP • World Wide Toroidal Specialists |
同様の部品番号 - SDF-0.63-2000 |
|
同様の説明 - SDF-0.63-2000 |